Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK34L Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SK34L
Description  3.0AMP Surface Mount Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SK34L Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SK34L Datasheet HTML 1Page - List of Unclassifed Manufacturers SK34L Datasheet HTML 2Page - List of Unclassifed Manufacturers SK34L Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Any changing of specification will not be informed individual
SK32L ~ SK34LL
VOLTAGE 20V ~ 40V
Low VF Types
3.0AMP Surface Mount Schottky Barrier Rectifiers
RATING AND CHARACTERISTIC CURVES (SK
32L THRU SK34LL)
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.2-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG.3-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
0.6
1.2
1.8
2.4
3.0
3.6
0
20
40
60
80
100
120
140
160
180
200
0
700
600
500
400
300
200
100
0
40
20
60
100
80
.01
.05
.1
.5
1
5
10
50
100
AMBIENT TEMPERATURE ( C)
.1
1.0
10
100
FIG.4 - TYPICAL REVERSE
CHARACTERISTICS
PERCENTAGE RATED PEAK REVERSE VOLTAGE
0
20
40
60
80
100 120 140
.01
Tj=75 C
Tj=25 C
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
SK32L
~ SK3
4LL
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-200
6 Rev. B
Page 2 of 3


Similar Part No. - SK34L

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SK34L SECOS-SK34L Datasheet
482Kb / 3P
   3.0AMP Surface Mount Schottky Barrier Rectifiers
logo
Pan Jit International I...
SK34L PANJIT-SK34L Datasheet
71Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DIYI Electronic Technol...
SK34L DYELEC-SK34L Datasheet
1Mb / 2P
   High current capacity,low VF
logo
Unisonic Technologies
SK34L-SMA-R UTC-SK34L-SMA-R Datasheet
100Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK34L-SMA-R UTC-SK34L-SMA-R Datasheet
148Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SK34L

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SK34BL SECOS-SK34BL Datasheet
750Kb / 2P
   3.0AMP Surface Mount Schottky Barrier Rectifiers
SK34BL SECOS-SK34BL_15 Datasheet
750Kb / 2P
   3.0AMP Surface Mount Schottky Barrier Rectifiers
logo
List of Unclassifed Man...
SK34AL ETC2-SK34AL Datasheet
331Kb / 2P
   3.0AMP Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
SK32A LUGUANG-SK32A Datasheet
176Kb / 2P
   3.0AMP. Surface Mount Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SK32L SECOS-SK32L Datasheet
482Kb / 3P
   3.0AMP Surface Mount Schottky Barrier Rectifiers
SK34AL SECOS-SK34AL Datasheet
331Kb / 2P
   3.0AMP Surface Mount Schottky Barrier Rectifiers
logo
WILLAS ELECTRONIC CORP
SK32AF WILLAS-SK32AF Datasheet
326Kb / 2P
   3.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V-200V
logo
Shenzhen Luguang Electr...
SSL32 LUGUANG-SSL32 Datasheet
205Kb / 2P
   3.0AMP. Surface Mount Low VF Schottky Barrier Rectifiers
logo
PACELEADER INDUSTRIAL
SR320 PACELEADER-SR320 Datasheet
566Kb / 2P
   3.0AMP SCHOTTKY BARRIER RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
SR320-DO27 YFWDIODE-SR320-DO27 Datasheet
267Kb / 2P
   3.0Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com