Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ORP90 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # ORP90
Description  CADMIUM SULFIDE PHOTOCONDUCTIVE CELL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ORP90 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button ORP90 Datasheet HTML 3Page - NXP Semiconductors ORP90 Datasheet HTML 4Page - NXP Semiconductors ORP90 Datasheet HTML 5Page - NXP Semiconductors ORP90 Datasheet HTML 6Page - NXP Semiconductors ORP90 Datasheet HTML 7Page - NXP Semiconductors ORP90 Datasheet HTML 8Page - NXP Semiconductors ORP90 Datasheet HTML 9Page - NXP Semiconductors ORP90 Datasheet HTML 10Page - NXP Semiconductors ORP90 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image


Similar Part No. - ORP90

ManufacturerPart #DatasheetDescription
logo
Opto Electronics Co,. L...
orP120D4 E-OEC-orP120D4 Datasheet
753Kb / 23P
   Solid-State Relays
orP240D2 E-OEC-orP240D2 Datasheet
753Kb / 23P
   Solid-State Relays
logo
DONGGUAN YOU FENG WEI E...
ORPC-817 YFWDIODE-ORPC-817 Datasheet
980Kb / 5P
   Current conversion ratio (CTR: min.50% working condition IF=5mA, VCE=5V
More results

Similar Description - ORP90

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VAC54 ETC-VAC54 Datasheet
36Kb / 1P
   MINIATURE CADMIUM SULPHIDE PHOTOCONDUCTIVE CELL
logo
Honeywell Solid State E...
104662B HONEYWELL-104662B Datasheet
53Kb / 2P
   LEAD SULFIDE CELL
Rev. 6-89
logo
Hamamatsu Corporation
P687-02 HAMAMATSU-P687-02 Datasheet
116Kb / 2P
   CdS photoconductive cell
P1114-01 HAMAMATSU-P1114-01 Datasheet
143Kb / 2P
   CdS photoconductive cell
P380-7R HAMAMATSU-P380-7R Datasheet
114Kb / 2P
   CbS photoconductive cell
logo
List of Unclassifed Man...
VT935G ETC-VT935G Datasheet
190Kb / 1P
   PHOTOCONDUCTIVE CdS CELL
logo
Figaro Engineering Inc.
FECS50-100 FIGARO-FECS50-100 Datasheet
382Kb / 2P
   Detection of Hydrogen Sulfide
logo
RUBYCON CORPORATION
H2D RUBYCON-H2D Datasheet
65Kb / 2P
   POLYPHENYLENE SULFIDE FILM CAPACITORS
logo
Zhengzhou Winsen Electr...
ME4-H2S WINSEN-ME4-H2S Datasheet
638Kb / 6P
   Hydrogen Sulfide Gas Sensor
logo
RUBYCON CORPORATION
H2D RUBYCON-H2D_15 Datasheet
187Kb / 2P
   POLYPHENYLENE SULFIDE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com