Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT3616 Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT3616
Description  6-Channel Charge Pump LED Driver with EZDimTM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3616 Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT3616_08 Datasheet HTML 1Page - Catalyst Semiconductor CAT3616_08 Datasheet HTML 2Page - Catalyst Semiconductor CAT3616_08 Datasheet HTML 3Page - Catalyst Semiconductor CAT3616_08 Datasheet HTML 4Page - Catalyst Semiconductor CAT3616_08 Datasheet HTML 5Page - Catalyst Semiconductor CAT3616_08 Datasheet HTML 6Page - Catalyst Semiconductor CAT3616_08 Datasheet HTML 7Page - Catalyst Semiconductor CAT3616_08 Datasheet HTML 8Page - Catalyst Semiconductor CAT3616_08 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CAT3616
Doc. No. MD-5018 Rev. C
2
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
VIN, LEDxx voltage
6
V
VOUT, C1±, C2± voltage
7
V
EN, ENM
¯¯¯, ENS
¯¯¯ voltage
VIN + 0.7V
V
Storage Temperature Range
-65 to +160
ºC
Junction Temperature Range
-40 to +150
ºC
Lead Temperature
300
ºC
RECOMMENDED OPERATING CONDITIONS
Parameter
Range
Unit
VIN
3 to 5.5
V
Ambient Temperature Range
-40 to +85
ºC
ILED per LED pin
0 to 31
mA
IOUT Total Output Current
0 to 150
mA
Typical application circuit with external components is shown on page 1.
ELECTRICAL OPERATING CHARACTERISTICS
VIN = 3.6V, EN = High, ambient temperature of 25ºC (over recommended operating conditions unless specified
otherwise)
Symbol Parameter
Conditions
Min
Typ
Max
Unit
IQ
Quiescent Current
1x mode, all LEDs Off
1x mode, all LEDs On
1.5x mode, all LEDs Off
0.5
2.2
3.5
mA
mA
mA
IQSHDN
Shutdown Current
VEN = 0V
0
1
µA
ILED
LED Current Range with 6 LEDs
0
31
mA
ILED-ACC LED Current Accuracy
1mA
≤ ILED ≤ 31mA
±3
%
ILED-DEV
LED Channel Matching
(ILED - ILEDAVG) / ILEDAVG
±3
%
ROUT
Output Resistance (open loop)
1x mode, IOUT = 120mA
1.5x mode, IOUT = 120mA
0.5
2.2
Ω
Ω
FOSC
Charge Pump Frequency
0.8
1
1.3
MHz
ISC_MAX
Output short circuit Current Limit
VOUT < 0.5V
60
mA
IIN_MAX
Input Current Limit
1x mode, VOUT > 1V
300
mA
IEN/DIM
VHI
VLO
EN/DIM Pin
• Input Leakage
• Logic High Level
• Logic Low Level
-1
1.3
1
0.4
µA
V
V
TSD
Thermal Shutdown
165
ºC
THYS
Thermal Hysteresis
20
ºC
VUVLO
Undervoltage lock out (UVLO)
threshold
2
V


Similar Part No. - CAT3616_08

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3616HV4 CATALYST-CAT3616HV4 Datasheet
537Kb / 14P
   6-Channel Charge Pump LED Driver with EZDimTM
logo
ON Semiconductor
CAT3616HV4-GT2 ONSEMI-CAT3616HV4-GT2 Datasheet
322Kb / 14P
   6-Channel Charge Pump LED Driver with EZDim
April, 2010 ??Rev. 3
logo
Catalyst Semiconductor
CAT3616HV4-T2 CATALYST-CAT3616HV4-T2 Datasheet
537Kb / 14P
   6-Channel Charge Pump LED Driver with EZDimTM
logo
ON Semiconductor
CAT3616HV4-T2 ONSEMI-CAT3616HV4-T2 Datasheet
322Kb / 14P
   6-Channel Charge Pump LED Driver with EZDim
April, 2010 ??Rev. 3
More results

Similar Description - CAT3616_08

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3616 CATALYST-CAT3616 Datasheet
537Kb / 14P
   6-Channel Charge Pump LED Driver with EZDimTM
logo
ON Semiconductor
CAT3616 ONSEMI-CAT3616 Datasheet
322Kb / 14P
   6-Channel Charge Pump LED Driver with EZDim
April, 2010 ??Rev. 3
logo
Rohm
BD2606MVV ROHM-BD2606MVV Datasheet
1Mb / 20P
   6-Channel Charge Pump White LED Driver
logo
Asahi Kasei Microsystem...
AK7864 AKM-AK7864 Datasheet
217Kb / 12P
   3 channel LED driver with Charge Pump
AK7864A AKM-AK7864A Datasheet
294Kb / 13P
   3 channel LED driver with Charge Pump
logo
Catalyst Semiconductor
CAT3606 CATALYST-CAT3606_08 Datasheet
367Kb / 12P
   6-Channel Low Noise Charge Pump White LED Driver
logo
Allegro MicroSystems
A8434 ALLEGRO-A8434 Datasheet
446Kb / 11P
   6-Channel High Efficiency Charge Pump White LED Driver
logo
SG Micro Corp
SGM3144 SGMICRO-SGM3144_16 Datasheet
2Mb / 12P
   6-Channel PWM Dimming Charge Pump White LED Driver
logo
ON Semiconductor
CAT3606 ONSEMI-CAT3606 Datasheet
259Kb / 11P
   6-Channel Low Noise Charge Pump White LED Driver
January, 2010 ??Rev. 3
logo
Eutech Microelectronics...
EUP3654 EUTECH-EUP3654 Datasheet
82Kb / 1P
   6 Channel, 1X/1.5X Charge Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com