Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT3626 Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT3626
Description  6-Channel LED Driver with I2C??Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3626 Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT3626_08 Datasheet HTML 5Page - Catalyst Semiconductor CAT3626_08 Datasheet HTML 6Page - Catalyst Semiconductor CAT3626_08 Datasheet HTML 7Page - Catalyst Semiconductor CAT3626_08 Datasheet HTML 8Page - Catalyst Semiconductor CAT3626_08 Datasheet HTML 9Page - Catalyst Semiconductor CAT3626_08 Datasheet HTML 10Page - Catalyst Semiconductor CAT3626_08 Datasheet HTML 11Page - Catalyst Semiconductor CAT3626_08 Datasheet HTML 12Page - Catalyst Semiconductor CAT3626_08 Datasheet HTML 13Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
CAT3626
© Catalyst Semiconductor, Inc.
9
Doc. No. MD-5014 Rev. D
Characteristics subject to change without notice
BLOCK DIAGRAM
Figure 2. CAT3626 Functional Block Diagram
BASIC OPERATION
At power-up, the CAT3626 starts operating in 1x mode
where the output will be approximately equal to the
input supply voltage (less any internal voltage losses).
If the output voltage is sufficient to regulate all LEDs
currents the device remains in 1x operating mode.
If the input voltage is insufficient or falls to a level
where the regulated currents cannot be maintained,
the device automatically switches (after a fixed time of
400µs) into 1.5x mode.
In 1.5x mode, the output is approximately equal to 1.5
times the input supply voltage (less any internal
voltage losses).
The above sequence is repeated each and every time
the chip is either powered-up or taken out of shutdown
(via EN pin), or the RegEn register is accessed by
write cycle.
LED CURRENT SETTING
The LED current setting is programmed via the I
2C
serial interface and is stored in four
8-bit registers RegA, RegB, RegC and RegEn as
follows:
RegA stores the LED current for group A
(LEDA1 and LEDA2 channels),
RegB stores the LED current for group B
(LEDB1 and LEDB2 channels),
RegC stores the LED current for group C
(LEDC1 and LEDC2 channels),
RegEn selects the on/off state of each of the 6
LED channels.
At each write access to RegEn, the driver automatically
reconfigures to the mode (1x or 1.5x) that provides the
highest efficiency.
Mode Control
1MHz
Oscillator
Current
Setting DAC
Serial
Interface
Registers
Reference
Voltage
1x mode (LDO)
1.5x Charge Pump
VIN
C1-
C2-
C1+
C2+
VOUT
COUT
CIN
1µF
1µF
1µF
1µF
EN
LEDA1
LEDA2
LEDB1
LEDB2
LEDC1
LEDC2
GND
6 Current
Sink Regulators
SDA
SCL


Similar Part No. - CAT3626_08

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3626HS4-T2 CATALYST-CAT3626HS4-T2 Datasheet
807Kb / 14P
   6-Channel LED Driver with I2C Interface
logo
ON Semiconductor
CAT3626HV4-GT2 ONSEMI-CAT3626HV4-GT2 Datasheet
216Kb / 15P
   6-Channel LED Driver with I2C??Interface
Doc. No. MD-5014 Rev. E
CAT3626HV4-GT2 ONSEMI-CAT3626HV4-GT2 Datasheet
192Kb / 16P
   6-Channel LED Driver with I2C Interface
March, 2010 ??Rev. 5
logo
Catalyst Semiconductor
CAT3626HV4-T2 CATALYST-CAT3626HV4-T2 Datasheet
807Kb / 14P
   6-Channel LED Driver with I2C Interface
logo
ON Semiconductor
CAT3626HV4-T2 ONSEMI-CAT3626HV4-T2 Datasheet
216Kb / 15P
   6-Channel LED Driver with I2C??Interface
Doc. No. MD-5014 Rev. E
More results

Similar Description - CAT3626_08

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3626 CATALYST-CAT3626 Datasheet
807Kb / 14P
   6-Channel LED Driver with I2C Interface
logo
ON Semiconductor
CAT3626 ONSEMI-CAT3626 Datasheet
192Kb / 16P
   6-Channel LED Driver with I2C Interface
March, 2010 ??Rev. 5
CAT3626HV4-T2 ONSEMI-CAT3626HV4-T2 Datasheet
216Kb / 15P
   6-Channel LED Driver with I2C??Interface
Doc. No. MD-5014 Rev. E
logo
ATMEL Corporation
MSLB9061 ATMEL-MSLB9061 Datasheet
1Mb / 16P
   Compact, 6-channel LED Driver Board with I2C Interface
logo
Shanghai awinic technol...
AW2013 AWINIC-AW2013 Datasheet
886Kb / 19P
   AW2013 3-channel LED Driver with I2C Compatible Interface
logo
Texas Instruments
TPIC2810 TI-TPIC2810 Datasheet
257Kb / 18P
[Old version datasheet]   8-BIT LED DRIVER WITH I2C INTERFACE
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
   White LED Driver with I2C Compatible Interface
logo
ATMEL Corporation
MSLB9082 ATMEL-MSLB9082 Datasheet
2Mb / 20P
   Compact, 8-channel, 20W LED Driver Board with I2C Interface
logo
Monolithic Power System...
MP3332 MPS-MP3332 Datasheet
1Mb / 27P
   Dual-Channel Flash LED Driver, 1.5A/Ch with I2C Interface
logo
Analog Devices
ADP8861 AD-ADP8861 Datasheet
702Kb / 40P
   Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com