Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2726GT Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS2726GT
Description  5- to 10-Cell Li Protector with Cell Balancing
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2726GT Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS2726GT Datasheet HTML 3Page - Maxim Integrated Products DS2726GT Datasheet HTML 4Page - Maxim Integrated Products DS2726GT Datasheet HTML 5Page - Maxim Integrated Products DS2726GT Datasheet HTML 6Page - Maxim Integrated Products DS2726GT Datasheet HTML 7Page - Maxim Integrated Products DS2726GT Datasheet HTML 8Page - Maxim Integrated Products DS2726GT Datasheet HTML 9Page - Maxim Integrated Products DS2726GT Datasheet HTML 10Page - Maxim Integrated Products DS2726GT Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
5- to 10-Cell Li+ Protector with Cell Balancing
_______________________________________________________________________________________
7
Pin Description
PIN
NAME
FUNCTION
1
RSC
Short-Circuit Voltage Threshold. The resistor from this pin to the positive terminal of the cell stack
selects the threshold voltage for a short-circuit condition in the discharge direction.
2
RDOC
Discharge Overcurrent Voltage Threshold. The resistor from this pin to the positive terminal of the cell
stack selects the threshold voltage for an overcurrent condition in the discharge direction.
3
VCC
Regulator Supply Output. VCC supplies power to internal circuits and can be used to pull configuration
pins to VIH. It should be bypassed to GND with at least a 0.1μF ceramic capacitor.
4, 5
SEL0,
SEL1
Select Number of Cells in the Battery Stack. This input is a three-level input. Connect to ground or VCC
for a logic-low or logic-high, respectively. Leave unconnected to achieve the midthreshold. See Table
2 for how to drive this pin for a particular number of cells.
6
CDOCD
Discharge Overcurrent Delay Time. Connect a capacitor from this pin to GND to select the amount of
time for which a discharge overcurrent condition must persist before shutting off the DC FET.
7
SLEEP
Sleep-Mode Select Input. Driving this pin to a logic-low level forces the part into the lowest power state.
The part exits Sleep Mode once a charge voltage is applied. When CBCFG is high, a logic-high on this
pin enables cell balancing.
8
CSCD
Short-Circuit Current Delay Time. Connect a capacitor from this pin to GND to select the amount of time
for which a short-circuit current condition must persist before shutting off the DC FET.
9
CBCFG
Charge-Balance Configuration Input. When this pin is at a logic-low, charge balancing is enabled if
VPKP > VVIN + VCDET. When this pin is at a logic-high, charge balancing is enabled if the SLEEP pin is
at a logic-high.
10, 11
CBS0,
CBS1
Select Cell-Balancing Voltage. This input is a three-level input. Connect to ground or VCC for a logic-low
or logic-high, respectively. Leave unconnected to achieve the midthreshold. See Table 4 for how to
drive this pin for a particular cell-balancing voltage threshold.
12, 13
OVS0,
OVS1
Select Overvoltage Threshold. This input is a three-level input. Connect to ground or VCC for a logic-low
or logic-high, respectively. Leave unconnected to achieve the midthreshold. See Table 3 for how to
drive this pin for a particular overvoltage threshold.
14, 30
N.C.
No Connection. Not internally connected.
15
GND
Ground. Connect to the negative terminal of the lowest voltage cell.
16
V00
Negative Terminal Voltage Sense. Connect to the negative terminal of the 1st cell in the battery stack.
17
V01
Cell 01 Voltage Sense. Connect to the positive terminal of the 1st cell in the battery stack.
18
V02
Cell 02 Voltage Sense. Connect to the positive terminal of the 2nd cell in the battery stack.
19
V03
Cell 03 Voltage Sense. Connect to the positive terminal of the 3rd cell inf the battery stack.
20
V04
Cell 04 Voltage Sense. Connect to the positive terminal of the 4th cell in the battery stack.
21
V05
Cell 05 Voltage Sense. Connect to the positive terminal of the 5th cell in the battery stack.
22
V06
Cell 06 Voltage Sense. Connect to the positive terminal of the 6th cell in the battery stack.
23
V07
Cell 07 Voltage Sense. Connect to the positive terminal of the 7th cell in the battery stack.
24
V08
Cell 08 Voltage Sense. Connect to the positive terminal of the 8th cell in the battery stack.
25
V09
Cell 09 Voltage Sense. Connect to the positive terminal of the 9th cell in the battery stack.
26
V10
Cell 10 Voltage Sense. Connect to the positive terminal of the 10th cell in the battery stack.
27
VIN
Connect to the Most Positive Cell Terminal
28
DC
Discharge Control Output. DC controls the gate of the discharge FET. Driven from VIN to VOLDC to turn
on and turn off the discharge FET.


Similar Part No. - DS2726GT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2726G++ MAXIM-DS2726G+ Datasheet
290Kb / 16P
   5-Cell to 10-Cell Li Protector with Cell Balancing
Rev 2; 1/09
DS2726G++ MAXIM-DS2726G+ Datasheet
288Kb / 16P
   5-Cell to 10-Cell Li Protector with Cell Balancing
2010
DS2726G+TR MAXIM-DS2726G+TR Datasheet
290Kb / 16P
   5-Cell to 10-Cell Li Protector with Cell Balancing
Rev 2; 1/09
DS2726G+TR MAXIM-DS2726G+TR Datasheet
288Kb / 16P
   5-Cell to 10-Cell Li Protector with Cell Balancing
2010
More results

Similar Description - DS2726GT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2726 MAXIM-DS2726_09 Datasheet
290Kb / 16P
   5-Cell to 10-Cell Li Protector with Cell Balancing
Rev 2; 1/09
DS2726 MAXIM-DS2726_V01 Datasheet
288Kb / 16P
   5-Cell to 10-Cell Li Protector with Cell Balancing
2010
logo
Texas Instruments
BQ76PL102 TI-BQ76PL102 Datasheet
979Kb / 18P
[Old version datasheet]   PowerLAN Dual-Cell Li-Ion Battery Monitor With PowerPump Cell Balancing
logo
Eutech Microelectronics...
EUP9261 EUTECH-EUP9261 Datasheet
445Kb / 23P
   LI-ION/POLYMER ONE CELL PROTECTOR
EUP9232 EUTECH-EUP9232 Datasheet
545Kb / 20P
   LI-ION/POLYMER TWO CELL PROTECTOR
logo
Texas Instruments
BQ294602 TI1-BQ294602_16 Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602 TI-BQ294602 Datasheet
676Kb / 17P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602 TI1-BQ294602_17 Datasheet
932Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ6400 TI-BQ6400 Datasheet
282Kb / 17P
[Old version datasheet]   Single Chip 3 or 4 Cell Li-Ion Battery Management Controller With PowerPump??Cell Balancing Technology
logo
Linear Technology
LTC3625 LINER-LTC3625_15 Datasheet
272Kb / 16P
   1A High Efficiency 2-Cell Supercapacitor Charger with Automatic Cell Balancing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com