Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2726GR Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS2726GR
Description  5- to 10-Cell Li Protector with Cell Balancing
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2726GR Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS2726GR Datasheet HTML 4Page - Maxim Integrated Products DS2726GR Datasheet HTML 5Page - Maxim Integrated Products DS2726GR Datasheet HTML 6Page - Maxim Integrated Products DS2726GR Datasheet HTML 7Page - Maxim Integrated Products DS2726GR Datasheet HTML 8Page - Maxim Integrated Products DS2726GR Datasheet HTML 9Page - Maxim Integrated Products DS2726GR Datasheet HTML 10Page - Maxim Integrated Products DS2726GR Datasheet HTML 11Page - Maxim Integrated Products DS2726GR Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
5- to 10-Cell Li+ Protector with Cell Balancing
8
_______________________________________________________________________________________
Pin Description (continued)
PIN
NAME
FUNCTION
29
SNS
Sense Input. Connect to the drains of the charge and discharge FETs. Used as a voltage reference for
detecting short-circuit and discharge overcurrent conditions.
31
CC
Charge Control Output. CC controls the gate of the charge FET. Driven from PKP to VOLCC to turn on and
turn off the charge FET.
32
PKP
Pack Positive. The voltage on PKP is used to detect charger-attach and protection-release conditions.
EP
Exposed Pad Ground. Connect to the negative terminal of the lowest voltage potential cell.
RSC
RDOC
SEL0
VCC
V08
V07
V06
V05
V04
V03
V02
V01
150
Ω
150
Ω
150
Ω
15
Ω
VIN
205k
Ω
SEL1
CDOCD
CSCD
SLEEP
82.5k
Ω
150
Ω
60V
1A
1
μF
0.1
μF
1
μF
1
μF
10
μF
1
μF
V10
1k
Ω
1k
Ω
1k
Ω
1k
Ω
1k
Ω
1k
Ω
VCC
150
Ω
0.1
μF
10k
Ω
1k
Ω
6.2V
150k
Ω
SLEEP
PKP-
PKP+
DS2726
V09
V08
V07
V06
V05
V04
V03
V02
V01
V00
Figure 2. Typical Application Circuit


Similar Part No. - DS2726GR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2726G++ MAXIM-DS2726G+ Datasheet
290Kb / 16P
   5-Cell to 10-Cell Li Protector with Cell Balancing
Rev 2; 1/09
DS2726G++ MAXIM-DS2726G+ Datasheet
288Kb / 16P
   5-Cell to 10-Cell Li Protector with Cell Balancing
2010
DS2726G+TR MAXIM-DS2726G+TR Datasheet
290Kb / 16P
   5-Cell to 10-Cell Li Protector with Cell Balancing
Rev 2; 1/09
DS2726G+TR MAXIM-DS2726G+TR Datasheet
288Kb / 16P
   5-Cell to 10-Cell Li Protector with Cell Balancing
2010
More results

Similar Description - DS2726GR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2726 MAXIM-DS2726_09 Datasheet
290Kb / 16P
   5-Cell to 10-Cell Li Protector with Cell Balancing
Rev 2; 1/09
DS2726 MAXIM-DS2726_V01 Datasheet
288Kb / 16P
   5-Cell to 10-Cell Li Protector with Cell Balancing
2010
logo
Texas Instruments
BQ76PL102 TI-BQ76PL102 Datasheet
979Kb / 18P
[Old version datasheet]   PowerLAN Dual-Cell Li-Ion Battery Monitor With PowerPump Cell Balancing
logo
Eutech Microelectronics...
EUP9261 EUTECH-EUP9261 Datasheet
445Kb / 23P
   LI-ION/POLYMER ONE CELL PROTECTOR
EUP9232 EUTECH-EUP9232 Datasheet
545Kb / 20P
   LI-ION/POLYMER TWO CELL PROTECTOR
logo
Texas Instruments
BQ294602 TI1-BQ294602_16 Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602 TI-BQ294602 Datasheet
676Kb / 17P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602 TI1-BQ294602_17 Datasheet
932Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ6400 TI-BQ6400 Datasheet
282Kb / 17P
[Old version datasheet]   Single Chip 3 or 4 Cell Li-Ion Battery Management Controller With PowerPump??Cell Balancing Technology
logo
Linear Technology
LTC3625 LINER-LTC3625_15 Datasheet
272Kb / 16P
   1A High Efficiency 2-Cell Supercapacitor Charger with Automatic Cell Balancing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com