Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT3637 Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT3637
Description  6-Channel Programmable High Efficiency Quad-Mode??LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3637 Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT3637 Datasheet HTML 5Page - Catalyst Semiconductor CAT3637 Datasheet HTML 6Page - Catalyst Semiconductor CAT3637 Datasheet HTML 7Page - Catalyst Semiconductor CAT3637 Datasheet HTML 8Page - Catalyst Semiconductor CAT3637 Datasheet HTML 9Page - Catalyst Semiconductor CAT3637 Datasheet HTML 10Page - Catalyst Semiconductor CAT3637 Datasheet HTML 11Page - Catalyst Semiconductor CAT3637 Datasheet HTML 12Page - Catalyst Semiconductor CAT3637 Datasheet HTML 13Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
CAT3637
© Catalyst Semiconductor, Inc.
9
Doc. No. MD-5033 Rev. A
Characteristics subject to change without notice
SIMPLIFIED BLOCK DIAGRAM
Figure 2. CAT3637 Functional Block Diagram
BASIC OPERATION
At power-up, the CAT3637 starts operating in 1x mode
where the output will be approximately equal to the
input supply voltage (less any internal voltage losses).
If the output voltage is sufficient to regulate all LED
currents, the device remains in 1x operating mode.
If the output voltage is insufficient or falls to a level
where the regulated current cannot be maintained, the
device automatically switches into 1.33x mode (after a
fixed delay time of about 120μs). In 1.33x mode, the
output voltage is approximately equal to 1.33 times the
input supply voltage (less any internal voltage losses).
If the output voltage is still insufficient or falls to a level
where the regulated currents cannot be maintained, the
device will automatically switch to the 1.5x mode (after
a fixed delay time of about 400μs). In 1.5x mode, the
output is approximately equal to 1.5 times the input
supply voltage (less any internal voltage losses).
If the output voltage is still insufficient to drive the
LEDs, it will automatically switch into 2x mode where
the output is approximately equal to 2 times the input
supply voltage (less any internal voltage losses).
If the device detects a sufficient output voltage
to drive all LED currents in 1x mode, it will revert back
to 1x mode. This only applies for changing back to the
1x mode.
Mode Control
0.8, 1.1MHz
Oscillator
Current
Setting DAC
Serial
Interface
Registers
Reference
Voltage
1x mode (LDO)
1.33x, 1.5x, 2x Charge Pump
VIN
C1-
C2-
C1+
C2+
VOUT
EN/SET
LED1
LED2
LED3
LED4
LED5
LED6
100kΩ
GND
6 Current
Regulators


Similar Part No. - CAT3637

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT3637 ONSEMI-CAT3637 Datasheet
227Kb / 14P
   6-Channel Programmable High Efficiency Quad-Mode LED Driver
April, 2010 ??Rev. 3
CAT3637HV3-GT2 ONSEMI-CAT3637HV3-GT2 Datasheet
270Kb / 14P
   6-Channel Programmable High Efficiency Quad-Mode LED Driver
Doc. No. MD-5033 Rev. C
CAT3637HV3-GT2 ONSEMI-CAT3637HV3-GT2 Datasheet
227Kb / 14P
   6-Channel Programmable High Efficiency Quad-Mode LED Driver
April, 2010 ??Rev. 3
More results

Similar Description - CAT3637

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT3637HV3-GT2 ONSEMI-CAT3637HV3-GT2 Datasheet
270Kb / 14P
   6-Channel Programmable High Efficiency Quad-Mode LED Driver
Doc. No. MD-5033 Rev. C
CAT3637 ONSEMI-CAT3637 Datasheet
227Kb / 14P
   6-Channel Programmable High Efficiency Quad-Mode LED Driver
April, 2010 ??Rev. 3
CAT3643 ONSEMI-CAT3643 Datasheet
214Kb / 15P
   3-Channel Ultra High Efficiency Quad-Mode LED Driver
May, 2010 ??Rev. 6
CAT3644 ONSEMI-CAT3644 Datasheet
191Kb / 14P
   4-Channel Ultra High Efficiency Quad-Mode LED Driver
April, 2010 ??Rev. 6
logo
Catalyst Semiconductor
CAT3643_0710 CATALYST-CAT3643_0710 Datasheet
328Kb / 17P
   3-Channel Ultra High Efficiency Quad-Mode??LED Driver
CAT3644_0710 CATALYST-CAT3644_0710 Datasheet
312Kb / 14P
   4-Channel Ultra High Efficiency Quad-Mode??LED Driver
logo
ON Semiconductor
CAT3643HV2-T2 ONSEMI-CAT3643HV2-T2 Datasheet
320Kb / 17P
   3-Channel Ultra High Efficiency Quad-Mode LED Driver
Doc. No. MD-5022 Rev. G
logo
Catalyst Semiconductor
CAT3644 CATALYST-CAT3644 Datasheet
293Kb / 14P
   4-Channel Ultra High Efficiency Quad-Mode TM LED Driver
CAT3643 CATALYST-CAT3643 Datasheet
317Kb / 17P
   3-Channel Ultra High Efficiency Quad-Mode TM LED Driver
logo
ON Semiconductor
CAT3636HV3-T2 ONSEMI-CAT3636HV3-T2 Datasheet
328Kb / 16P
   6-Channel Quad-Mode Fractional LED Driver in TQFN3x3
Doc. No. MD-5020 Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com