Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75107BDRG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN75107BDRG4
Description  DUAL LINE RECEIVERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75107BDRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75107BDRG4 Datasheet HTML 2Page - Texas Instruments SN75107BDRG4 Datasheet HTML 3Page - Texas Instruments SN75107BDRG4 Datasheet HTML 4Page - Texas Instruments SN75107BDRG4 Datasheet HTML 5Page - Texas Instruments SN75107BDRG4 Datasheet HTML 6Page - Texas Instruments SN75107BDRG4 Datasheet HTML 7Page - Texas Instruments SN75107BDRG4 Datasheet HTML 8Page - Texas Instruments SN75107BDRG4 Datasheet HTML 9Page - Texas Instruments SN75107BDRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
SN55107A, SN75107A, SN75107B, SN75108A
DUAL LINE RECEIVERS
SLLS069D – JANUARY 1977 – REVISED APRIL 1998
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
’107A, SN75107B
SN75108A
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VOH
High level output voltage
VCC
± = MIN,
VIDH 25 mV
VIL(S) = 0.8 V,
IOH
400
µA
24
V
VOH
High-level output voltage
VIDH = 25 mV,
VIC = – 3 V to 3 V
IOH = – 400 µA,
2.4
V
VOL
Low level output voltage
VCC
± = MIN,
VIDL
25 mV
VIH(S) = 2 V,
IOL 16 mA
04
04
V
VOL
Low-level output voltage
VIDL = – 25 mV,
VIC = – 3 V to 3 V
IOL = 16 mA,
0.4
0.4
V
IIH
High level input current
A
VCC
± = MAX
VID = 5 V
30
75
30
75
µA
IIH
High-level input current
B
VCC
± = MAX
VID = – 5 V
30
75
30
75
µA
IIL
Low-level input current
A
VCC
± = MAX
VID = – 5 V
–10
–10
µA
IIL
B
VCC
± = MAX
VID = 5 V
–10
–10
µA
IIH
High-level input current into
VCC
± = MAX,
VIH(G) = 2.4 V
40
40
µA
IIH
g
1G or 2G
VCC
± = MAX, VIH(G) = MAX VCC+
1
1
mA
IIL
Low-level input current
VCC
± = MAX
VIL(G) =0 4V
16
16
mA
IIL
into 1G or 2G
VCC
± = MAX,
VIL(G) = 0.4 V
– 1.6
– 1.6
mA
IIH
High level input current into S
VCC
± = MAX,
VIH(S) = 2.4 V
80
80
µA
IIH
High-level input current into S
VCC
± = MAX, VIH(S) = MAX VCC+
2
2
mA
IIL
Low-level input current into S
VCC
± = MAX,
VIL(S)= 0.4 V
– 3.2
– 3.2
mA
IOH
High-level output current
VCC
± = MIN, VOH = MAX VCC+
250
µA
IOS
Short-circuit output current§
VCC
± = MAX
–18
–70
mA
ICCH
Supply current from VCC +,
VCC
± = MAX
TA =25°C
18
30
18
30
mA
ICCH +
y
CC +,
outputs high
VCC
± = MAX,
TA = 25°C
18
30
18
30
mA
ICCH –
Supply current from VCC –,
outputs high
VCC
± = MAX,
TA = 25°C
– 8.4
–15
– 8.4
–15
mA
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ All typical values are at VCC+ = 5 V, VCC– = –5 V, TA = 25°C.
§ Not more than one output should be shorted at a time.
switching characteristics, VCC± = ±5 V, TA = 25°C, RL = 390 Ω (see Figure 2)
PARAMETER
TEST
’107A, SN75107B
SN75108A
UNIT
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
tPLH(D)
Propagation delay time, low- to high-level output,
CL = 50 pF
17
25
ns
tPLH(D)
gy
,
g
,
from differential inputs A and B
CL = 15 pF
19
25
ns
tPHL(D)
Propagation delay time, high- to low-level output,
CL = 50 pF
17
25
ns
tPHL(D)
gy
,
g
,
from differential inputs A and B
CL = 15 pF
19
25
ns
tPLH(S)
Propagation delay time, low- to high-level output,
CL = 50 pF
10
15
ns
tPLH(S)
gy
,
g
,
from strobe input G or S
CL = 15 pF
13
20
ns
tPHL(S)
Propagation delay time, high- to low-level output,
CL = 50 pF
8
15
ns
tPHL(S)
gy
g
from strobe input G or S
CL = 15 pF
13
20
ns


Similar Part No. - SN75107BDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75107BDRG4 TI1-SN75107BDRG4 Datasheet
1Mb / 31P
[Old version datasheet]   DUAL LINE RECEIVERS
More results

Similar Description - SN75107BDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55107A TI1-SN55107A_15 Datasheet
1Mb / 31P
[Old version datasheet]   DUAL LINE RECEIVERS
logo
National Semiconductor ...
DS55107 NSC-DS55107 Datasheet
178Kb / 10P
   Dual Line Receivers
logo
Texas Instruments
SN55107A TI-SN55107A Datasheet
280Kb / 19P
[Old version datasheet]   DUAL LINE RECEIVERS
SN55152 TI-SN55152 Datasheet
787Kb / 13P
[Old version datasheet]   DUAL LINE RECEIVERS
SN55182 TI-SN55182 Datasheet
190Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN75182DR TI1-SN75182DR Datasheet
935Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN75182DR TI-SN75182DR Datasheet
920Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
THS6002 TI1-THS6002_16 Datasheet
1Mb / 46P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
THS6002 TI-THS6002 Datasheet
718Kb / 40P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
KODENSHI_AUK CORP.
KK1489A KODENSHI-KK1489A Datasheet
233Kb / 4P
   Qudruple Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com