Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4360-1BCPRL Datasheet(PDF) 11 Page - Analog Devices

Part # ADF4360-1BCPRL
Description  Integrated Synthesizer and VCO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4360-1BCPRL Datasheet(HTML) 11 Page - Analog Devices

Back Button ADF4360-1BCPRL Datasheet HTML 7Page - Analog Devices ADF4360-1BCPRL Datasheet HTML 8Page - Analog Devices ADF4360-1BCPRL Datasheet HTML 9Page - Analog Devices ADF4360-1BCPRL Datasheet HTML 10Page - Analog Devices ADF4360-1BCPRL Datasheet HTML 11Page - Analog Devices ADF4360-1BCPRL Datasheet HTML 12Page - Analog Devices ADF4360-1BCPRL Datasheet HTML 13Page - Analog Devices ADF4360-1BCPRL Datasheet HTML 14Page - Analog Devices ADF4360-1BCPRL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADF4360-1
After band select, normal PLL action resumes. The nominal value
of KV is 57 MHz/V or 28 MHZ/V if divide-by-2 operation has been
selected (by programming DIV2 (DB22), high in the N counter
latch). The ADF4360 family contains linearization circuitry to
minimize any variation of the product of ICP and KV.
If the outputs are used individually, the optimum output stage
consists of a shunt inductor to VDD.
Another feature of the ADF4360 family is that the supply current
to the RF output stage is shut down until the part achieves lock as
measured by the digital lock detect circuitry. This is enabled by the
Mute-Till-Lock Detect (MTLD) bit in the control latch.
The operating current in the VCO core is programmable in four
steps: 5 mA, 10 mA, 15 mA, and 20 mA. This is controlled by
Bits PC1 and PC2 in the control latch.
OUTPUT STAGE
The RFOUTA and RFOUTB pins of the ADF4360 family are con-
nected to the collectors of an NPN differential pair driven by
buffered outputs of the VCO, as shown in
. To allow
the user to optimize the power dissipation versus the output
power requirements, the tail current of the differential pair is
programmable via Bits PL1 and PL2 in the control latch. Four
current levels may be set: 3.5 mA, 5 mA, 7.5 mA, and 11 mA.
These levels give output power levels of −13 dBm, −10.5 dBm,
−8 dBm, and −6 dBm, respectively, using a 50 Ω resistor to VDD
and ac coupling into a 50 Ω load. Alternatively, both outputs
can be combined in a 1 + 1:1 transformer or a 180° microstrip
coupler (see the
section).
Figure 15
Figure 15. Output Stage ADF4360-1
VCO
RFOUTARFOUTB
BUFFER/
DIVIDE BY 2
Output Matching
Rev. 0 | Page 11 of 24


Similar Part No. - ADF4360-1BCPRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4360-1BCP AD-ADF4360-1BCP Datasheet
336Kb / 20P
   Integrated Synthesizer and VCO
REV. B
ADF4360-1BCPZ AD-ADF4360-1BCPZ Datasheet
335Kb / 24P
   Integrated Synthesizer and VCO
Rev. C
ADF4360-1BCPZ AD-ADF4360-1BCPZ Datasheet
377Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-1BCPZRL AD-ADF4360-1BCPZRL Datasheet
335Kb / 24P
   Integrated Synthesizer and VCO
Rev. C
ADF4360-1BCPZRL7 AD-ADF4360-1BCPZRL7 Datasheet
335Kb / 24P
   Integrated Synthesizer and VCO
Rev. C
More results

Similar Description - ADF4360-1BCPRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4360-8 AD-ADF4360-8 Datasheet
570Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-0 AD-ADF4360-0 Datasheet
315Kb / 24P
   Integrated Synthesizer and VCO
REV. B
ADF4360-5 AD-ADF4360-5 Datasheet
480Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-7 AD-ADF4360-7 Datasheet
336Kb / 28P
   Integrated Synthesizer and VCO
REV. B
ADF4360-2 AD-ADF4360-2 Datasheet
336Kb / 20P
   Integrated Synthesizer and VCO
REV. B
ADF4360-8 AD-ADF4360-8_15 Datasheet
716Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-2 AD-ADF4360-2_15 Datasheet
589Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-1 AD-ADF4360-1_16 Datasheet
377Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-4 AD-ADF4360-4_16 Datasheet
394Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-6 AD-ADF4360-6_16 Datasheet
389Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-0 AD-ADF4360-0_16 Datasheet
366Kb / 24P
   Integrated Synthesizer and VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com