Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75108ADR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN75108ADR
Description  DUAL LINE RECEIVERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75108ADR Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN75108ADR Datasheet HTML 5Page - Texas Instruments SN75108ADR Datasheet HTML 6Page - Texas Instruments SN75108ADR Datasheet HTML 7Page - Texas Instruments SN75108ADR Datasheet HTML 8Page - Texas Instruments SN75108ADR Datasheet HTML 9Page - Texas Instruments SN75108ADR Datasheet HTML 10Page - Texas Instruments SN75108ADR Datasheet HTML 11Page - Texas Instruments SN75108ADR Datasheet HTML 12Page - Texas Instruments SN75108ADR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
SN55107A, SN75107A, SN75107B, SN75108A
DUAL LINE RECEIVERS
SLLS069D – JANUARY 1977 – REVISED APRIL 1998
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 7
–75
TA – Free-Air Temperature – °C
120
125
0
– 50
– 25
0
25
50
75
100
20
40
100
60
RL = 1950 Ω
RL = 390 Ω
PROPAGATION DELAY TIME (LOW-TO-HIGH LEVEL)
(DIFFERENTIAL INPUTS)
vs
FREE-AIR TEMPERATURE
VCC
± = ±5 V
CL = 15 pF
RL = 3900 Ω
80
Figure 8
RL = 390 Ω
RL = 1950 Ω
–75
TA – Free-Air Temperature – °C
40
125
0
– 50
– 25
0
25
50
75
100
5
10
15
20
25
30
35
PROPAGATION DELAY TIME (LOW-TO-HIGH LEVEL)
(DIFFERENTIAL INPUTS)
vs
FREE-AIR TEMPERATURE
CL = 15 pF
VCC
± = ±5 V
RL = 3900 Ω
Figure 9
100
75
50
25
0
–25
– 50
125
TA – Free-Air Temperature – °C
–75
35
30
25
20
15
10
5
0
40
SN75108A
PROPAGATION DELAY TIME (STROBE INPUTS)
vs
FREE-AIR TEMPERATURE
tPLH(S)
tPHL(S)
VCC
± = ±5 V
RL = 390 Ω
CL = 50 pF
Figure 10
100
75
50
25
0
–25
– 50
125
TA – Free-Air Temperature – °C
–75
35
30
25
20
15
10
5
0
40
SN75108A
PROPAGATION DELAY TIME (STROBE INPUTS)
vs
FREE-AIR TEMPERATURE
tPLH(S)
tPHL(S)
VCC
± = ±5 V
RL = 390 Ω
CL = 15 pF
† Values below 0
°C and above 70°C apply to SN55107A only.


Similar Part No. - SN75108ADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75108ADR TI1-SN75108ADR Datasheet
1Mb / 31P
[Old version datasheet]   DUAL LINE RECEIVERS
More results

Similar Description - SN75108ADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55107A TI1-SN55107A_15 Datasheet
1Mb / 31P
[Old version datasheet]   DUAL LINE RECEIVERS
logo
National Semiconductor ...
DS55107 NSC-DS55107 Datasheet
178Kb / 10P
   Dual Line Receivers
logo
Texas Instruments
SN55107A TI-SN55107A Datasheet
280Kb / 19P
[Old version datasheet]   DUAL LINE RECEIVERS
SN55152 TI-SN55152 Datasheet
787Kb / 13P
[Old version datasheet]   DUAL LINE RECEIVERS
SN55182 TI-SN55182 Datasheet
190Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN75182DR TI1-SN75182DR Datasheet
935Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN75182DR TI-SN75182DR Datasheet
920Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
THS6002 TI1-THS6002_16 Datasheet
1Mb / 46P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
THS6002 TI-THS6002 Datasheet
718Kb / 40P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
KODENSHI_AUK CORP.
KK1489A KODENSHI-KK1489A Datasheet
233Kb / 4P
   Qudruple Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com