Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT3643HV3-T2 Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT3643HV3-T2
Description  3-Channel Ultra High Efficiency Quad-Mode??LED Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3643HV3-T2 Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT3643HV3-T2 Datasheet HTML 1Page - Catalyst Semiconductor CAT3643HV3-T2 Datasheet HTML 2Page - Catalyst Semiconductor CAT3643HV3-T2 Datasheet HTML 3Page - Catalyst Semiconductor CAT3643HV3-T2 Datasheet HTML 4Page - Catalyst Semiconductor CAT3643HV3-T2 Datasheet HTML 5Page - Catalyst Semiconductor CAT3643HV3-T2 Datasheet HTML 6Page - Catalyst Semiconductor CAT3643HV3-T2 Datasheet HTML 7Page - Catalyst Semiconductor CAT3643HV3-T2 Datasheet HTML 8Page - Catalyst Semiconductor CAT3643HV3-T2 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
CAT3643
Doc. No. MD-5022 Rev. E
4
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
RECOMMENDED EN/DIM TIMING
For 2.4V
≤ VIN ≤ 5.5V, over full ambient temperature range -40ºC to +85ºC.
Symbol
Name
Conditions
Min
Typ
Max
Units
TSETUP
EN/DIM setup from shutdown
10
μs
TLO
EN/DIM program low time
0.2
100
μs
THI
EN/DIM program high time
0.2
μs
TPWRDWN
EN/DIM low time to shutdown
1.5
ms
TLED
LED current settling time
40
μs
Figure 1. EN/DIM Digital Dimming Timing Diagram
LED Current Setting
The nominal LED current is set by the external
resistor connected between the RSET pin and
ground. Table 1 lists standard resistor values for
several LED current settings.
LED Current (mA)
RSET (kΩ)
2
40.0
5
15.8
10
7.87
15
5.23
20
4.02
25
3.16
30
2.67
Table 1. Resistor RSET and LED Current
EN/DIM
LED
Current
Shutdown
TSETUP
THI
TPWRDWN
Shutdown
TLO
TLED
100%
50%
25%
12.5% 6.25% 3.12%
100%


Similar Part No. - CAT3643HV3-T2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3643HV3-T2 CATALYST-CAT3643HV3-T2 Datasheet
317Kb / 17P
   3-Channel Ultra High Efficiency Quad-Mode TM LED Driver
logo
ON Semiconductor
CAT3643HV3-T2 ONSEMI-CAT3643HV3-T2 Datasheet
320Kb / 17P
   3-Channel Ultra High Efficiency Quad-Mode LED Driver
Doc. No. MD-5022 Rev. G
CAT3643HV3-T2 ONSEMI-CAT3643HV3-T2 Datasheet
214Kb / 15P
   3-Channel Ultra High Efficiency Quad-Mode LED Driver
May, 2010 ??Rev. 6
More results

Similar Description - CAT3643HV3-T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT3643 ONSEMI-CAT3643 Datasheet
214Kb / 15P
   3-Channel Ultra High Efficiency Quad-Mode LED Driver
May, 2010 ??Rev. 6
CAT3643HV2-T2 ONSEMI-CAT3643HV2-T2 Datasheet
320Kb / 17P
   3-Channel Ultra High Efficiency Quad-Mode LED Driver
Doc. No. MD-5022 Rev. G
logo
Catalyst Semiconductor
CAT3643 CATALYST-CAT3643 Datasheet
317Kb / 17P
   3-Channel Ultra High Efficiency Quad-Mode TM LED Driver
logo
ON Semiconductor
CAT3644 ONSEMI-CAT3644 Datasheet
191Kb / 14P
   4-Channel Ultra High Efficiency Quad-Mode LED Driver
April, 2010 ??Rev. 6
logo
Catalyst Semiconductor
CAT3644_0710 CATALYST-CAT3644_0710 Datasheet
312Kb / 14P
   4-Channel Ultra High Efficiency Quad-Mode??LED Driver
CAT3644 CATALYST-CAT3644 Datasheet
293Kb / 14P
   4-Channel Ultra High Efficiency Quad-Mode TM LED Driver
logo
ON Semiconductor
CAT3647 ONSEMI-CAT3647 Datasheet
208Kb / 14P
   3-Channel Ultra High Efficiency Quad-Mode LED Driver with 32 Dimming Levels
May, 2010 ??Rev. 2
CAT3647HV3-GT2 ONSEMI-CAT3647HV3-GT2 Datasheet
294Kb / 14P
   3-Channel Ultra High Efficiency Quad-Mode LED Driver with 32 Dimming Levels
Doc. No. MD-5030 Rev. C
logo
Catalyst Semiconductor
CAT3647 CATALYST-CAT3647 Datasheet
305Kb / 14P
   3-Channel Ultra High Efficiency Quad-Mode??LED Driver with 32 Dimming Levels
CAT3637 CATALYST-CAT3637 Datasheet
283Kb / 14P
   6-Channel Programmable High Efficiency Quad-Mode??LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com