Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGDS-04-H-F-T Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # MGDS-04-H-F-T
Description  Hi-Rel DC/DC CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MGDS-04-H-F-T Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button MGDS-04-H-F-T Datasheet HTML 4Page - List of Unclassifed Manufacturers MGDS-04-H-F-T Datasheet HTML 5Page - List of Unclassifed Manufacturers MGDS-04-H-F-T Datasheet HTML 6Page - List of Unclassifed Manufacturers MGDS-04-H-F-T Datasheet HTML 7Page - List of Unclassifed Manufacturers MGDS-04-H-F-T Datasheet HTML 8Page - List of Unclassifed Manufacturers MGDS-04-H-F-T Datasheet HTML 9Page - List of Unclassifed Manufacturers MGDS-04-H-F-T Datasheet HTML 10Page - List of Unclassifed Manufacturers MGDS-04-H-F-T Datasheet HTML 11Page - List of Unclassifed Manufacturers MGDS-04-H-F-T Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
For locations, phone, fax, E-Mail see back cover
8
Hi-Rel
Grade
MGDM-04 Series
Gaia Converter FC97-008.08/06 Revision N
©
4
8-1 Module Compliance with MIL-STD-461C/D/E Standards
To meet the latest US military standards MIL-STD-461D/E (and also the MIL-STD-461C) requirements and in particular the
conducted noise emission CE102 (and also CE03) requirements, Gaïa Converter can propose a stand-alone ready-to-use EMI
filter module. This EMI filter module has to be used together with a common mode noise capacitance C
c (10nF/rated voltage
depending on isolation requirement) connected between Gin and Gout.
EMI Filter module reference : FGDM-2A-50V.
Please consult EMI filter datasheet for further details.
8- Electromagnetic Interference
Electromagnetic Interference requirements according to MIL-STD-461C/D/E standards can be easily achieved as indicated in
the following section. The following table resumes the different sections covered by these standards.
Standard Requirements
MIL-STD-461C
Standard
MIL-STD-461D/E
Standard
Compliance with GAIA Converter
Module & common mode capacitance
Conducted emission (CE) :
Low frequency
High frequency
CE 01
CE 03
CE 101
CE 102
compliant module stand-alone
compliant with additionnal filter
Conducted susceptibility (CS) :
Low frequency
High frequency
CS 01
CS 02
CS 101
CS114
compliant with additionnal filter
compliant with additionnal filter
Radiated emission (RE) :
Magnetic field
Electrical field
RE 01
RE 02
RE 101
RE 102
compliant module stand-alone
compliant module stand-alone
Radiated susceptibility (RS) :
Magnetic field
Electrical field
RS 01
RS 03
RS 101
RS 103
compliant module stand-alone
compliant module stand-alone
Applicability
H, J input module
H, J input module
see EMI datasheet
MGDM-series
Go
Vo
GI
VI
Cc
EMI input Filter
Go
Vo
GI
VI


Similar Part No. - MGDS-04-H-F-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MGDS-10-C-B ETC2-MGDS-10-C-B Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
MGDS-10-C-C ETC2-MGDS-10-C-C Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
MGDS-10-C-C/S ETC2-MGDS-10-C-C/S Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
MGDS-10-C-C/T ETC2-MGDS-10-C-C/T Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
MGDS-10-C-E ETC2-MGDS-10-C-E Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
More results

Similar Description - MGDS-04-H-F-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MGDM-150 ETC2-MGDM-150 Datasheet
494Kb / 17P
   Hi-Rel DC/DC CONVERTER
logo
Peregrine Semiconductor
PE99151DIE PSEMI-PE99151DIE Datasheet
1Mb / 15P
   Hi-Rel 2A DC-DC Converter
PE99153DIE PSEMI-PE99153DIE Datasheet
1Mb / 15P
   Hi-Rel 6A DC-DC Converter
logo
List of Unclassifed Man...
MGDM-75 ETC2-MGDM-75 Datasheet
618Kb / 17P
   Hi-Rel DC/DC CONVERTER 75W POWER
MGDM-10 ETC2-MGDM-10 Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
logo
TRACO Electronic AG
TMV-HI TRACOPOWER-TMV-HI Datasheet
1,007Kb / 4P
   DC/DC Converter TMV-HI Series, 1 Watt
Rev. November 30, 2022
logo
Vectron International, ...
C499 VECTRON-C499 Datasheet
207Kb / 15P
   Hi-Rel Standard OCXO
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com