Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TVT15AW Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # TVT15AW
Description  500W Surface Mount Transient Voltage Suppressor Arrays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TVT15AW Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  TVT15AW Datasheet HTML 1Page - TAITRON Components Incorporated TVT15AW Datasheet HTML 2Page - TAITRON Components Incorporated TVT15AW Datasheet HTML 3Page - TAITRON Components Incorporated TVT15AW Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
500W Surface Mount Transient Voltage Suppressor Arrays
Rev. A/DX
TVT03AW – TVT36AW
www.taitroncomponents.com
Page 2 of 4
Fig.1- Peak Pulse Power Rating Curve
Pulse Duration TP (µs)
Fig.2- Power Deration Curve
Ambient Temperature Ta (°C)
Electrical Characteristics (T Ambient=25ºC unless noted otherwise)
Breakdown Voltage
@ Test Current
Max.
Reverse
Stand-Off
Voltage
V BR
Max.
Clamping
Voltage @
IPPM 8*20µs
Max.
Peak
Pulse
Current
Max.
Off-State
Capacitance
@1MHz, 0V
Part No.
Device
Marking
Code
VRWM (V)
Min.
Max.
IT(mA)
VC (V)
IPPM (A)
Co(pF)
TVT03AW
1AC
3
4
-
1
6.5
43
500
TVT05AW
2AC
5
6
-
1
9.8
43
350
TVT08AW
3AC
8
8.5
-
1
13.4
34
250
TVT12AW
4AC
12
13.3
-
1
19
21
150
TVT15AW
5AC
15
16.7
-
1
24
17
100
TVT24AW
6AC
24
26.7
-
1
43
12
88
TVT36AW
7AC
36
40
-
1
51
9
80
Typical Characteristics Curves


Similar Part No. - TVT15AW

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TVT5R0AW TAITRON-TVT5R0AW Datasheet
107Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR ARRAYS
logo
Raltron Electronics Cor...
TVTX053 RALTRON-TVTX053 Datasheet
250Kb / 3P
   5x3.2 mm Stratum 3 TCXO with frequency Range 10.0 MHz to 52.0 MHz
TVTX057 RALTRON-TVTX057 Datasheet
243Kb / 4P
   5x7 mm Stratum 3 TCXO with frequency Range 10.0 MHz to 52.0 MHz
More results

Similar Description - TVT15AW

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TVT5R0AW TAITRON-TVT5R0AW Datasheet
107Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR ARRAYS
logo
Semtech Corporation
1N6102US SEMTECH-1N6102US Datasheet
118Kb / 4P
   500W Bipolar Transient Voltage Suppressor Surface Mount (US)
1N6102US SEMTECH-1N6102US_10 Datasheet
47Kb / 4P
   500W Bipolar Transient Voltage Suppressor Surface Mount (US)
logo
Won-Top Electronics
SA180 WTE-SA180 Datasheet
72Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA20A-T DIODES-SA20A-T Datasheet
202Kb / 4P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
SA5.0 WTE-SA5.0_06 Datasheet
82Kb / 6P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA26A-T DIODES-SA26A-T Datasheet
202Kb / 4P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Frontier Electronics.
SA5.0(C) FRONTIER-SA5.0(C) Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
SA5.0(C)-LFR FRONTIER-SA5.0(C)-LFR Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SA5.0 LUGUANG-SA5.0 Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com