Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSAQC60-5S Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSAQC60-5S
Description  For PCB Mount 60 Watt Single Output AC/DC Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAQC60-5S Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSAQC60-5S Datasheet HTML 1Page - Wall Industries,Inc. PSAQC60-5S Datasheet HTML 2Page - Wall Industries,Inc. PSAQC60-5S Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSAQC60 Series
For PCB Mount
60 Watt Single Output
AC/DC Switching Power Supply
MECHANICAL DRAWING
PIN CONNECTIONS
PIN #
SINGLE
1
AC IN (N)
2
AC IN (L)
3
FG
4
+DC OUT
5
-DC OUT
6
TRIM


Similar Part No. - PSAQC60-5S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF100O WALL-PSAQF100O Datasheet
380Kb / 7P
   AC/DC Switching Power Supplies
PSAQF100O-12S WALL-PSAQF100O-12S Datasheet
380Kb / 7P
   AC/DC Switching Power Supplies
PSAQF100O-15S WALL-PSAQF100O-15S Datasheet
380Kb / 7P
   AC/DC Switching Power Supplies
PSAQF100O-24S WALL-PSAQF100O-24S Datasheet
380Kb / 7P
   AC/DC Switching Power Supplies
PSAQF100O-48S WALL-PSAQF100O-48S Datasheet
380Kb / 7P
   AC/DC Switching Power Supplies
More results

Similar Description - PSAQC60-5S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSS60 WALL-PSS60 Datasheet
157Kb / 3P
   60 Watt Single Output AC/DC Power Supply
PSAHC WALL-PSAHC Datasheet
330Kb / 6P
   5 Watt Single Output Encapsulated PCB Mount AC/DC Switching Power Supply
PSAFC WALL-PSAFC Datasheet
159Kb / 3P
   10 Watt Single Output Encapsulated PCB Mount AC/DC Switching Power Supply
DTSPU50 WALL-DTSPU50 Datasheet
158Kb / 3P
   60 Watt Single Output AC/DC Desktop Power Supply
DTSPU60 WALL-DTSPU60 Datasheet
154Kb / 3P
   60 Watt Single Output AC/DC Desktop Power Supply
PSQ60 WALL-PSQ60 Datasheet
159Kb / 3P
   60 Watt Quad Output AC/DC Power Supply
PSD60 WALL-PSD60 Datasheet
154Kb / 3P
   60 Watt Dual Output AC/DC Power Supply
PSASC WALL-PSASC Datasheet
146Kb / 3P
   30 Watt Encapsulated PCB Mount Single, Dual, and Triple Output AC/DC Switching Power Supply
PSAQF150E WALL-PSAQF150E Datasheet
156Kb / 3P
   Enclosed 150 Watt Single Output AC/DC Switching Power Supply
PSS40 WALL-PSS40 Datasheet
157Kb / 3P
   40 Watt Single Output AC/DC Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com