Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MVL-701HRN Datasheet(PDF) 2 Page - Unity Opto Technology

Part # MVL-701HRN
Description  2X4 rectangular led lamps
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MVL-701HRN Datasheet(HTML) 2 Page - Unity Opto Technology

  MVL-701HRN Datasheet HTML 1Page - Unity Opto Technology MVL-701HRN Datasheet HTML 2Page - Unity Opto Technology MVL-701HRN Datasheet HTML 3Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Optical -Electrical Characteristics
Part No. : MVL-701GN
@TA=25
oC
Symbol
Min .
Typ .
Max .
Unit .
Luminous Intensity
IV
1.0
3.7
-
mcd
Forward Voltage
VF
-
2.1
2.8
V
Reverse Current
IR
-
-
100
µA
Wavelength
λp
-
565
-
nm
Spectral Line Half Width
∆λ
-
30
-
nm
Viewing Angle
1/2
-
100
-
deg
Part No. : MVL-701YN
@TA=25
oC
Symbol
Min .
Typ .
Max .
Unit .
Luminous Intensity
IV
0.9
3.0
-
mcd
Forward Voltage
VF
-
2.1
2.8
V
Reverse Current
IR
-
-
100
µA
Wavelength
λp
-
585
-
nm
Spectral Line Half Width
∆λ
-
35
-
nm
Viewing Angle
1/2
-
100
-
deg
Part No. : MVL-701HRN
@TA=25
oC
Symbol
Min .
Typ .
Max .
Unit .
Luminous Intensity
IV
1.3
4.0
-
mcd
Forward Voltage
VF
-
2.0
2.8
V
Reverse Current
IR
-
-
100
µA
Wavelength
λp
-
640
-
nm
Spectral Line Half Width
∆λ
-
40
-
nm
Viewing Angle
1/2
-
100
-
deg
VR=5V
IF=20mA
IF=20mA
IF=20mA
Parameter
Test Conditions
IF=10mA
IF=20mA
IF=20mA
IF=20mA
Test Conditions
Parameter
IF=10mA
IF=20mA
VR=5V
IF=20mA
Parameter
Test Conditions
IF=10mA
IF=20mA
VR=5V
IF=20mA
IF=20mA
IF=20mA
P2


Similar Part No. - MVL-701HRN

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MVL-711GN UOT-MVL-711GN Datasheet
38Kb / 3P
   2X5 rectangular led lamps
MVL-711HRN UOT-MVL-711HRN Datasheet
38Kb / 3P
   2X5 rectangular led lamps
MVL-711YN UOT-MVL-711YN Datasheet
38Kb / 3P
   2X5 rectangular led lamps
MVL-721G UOT-MVL-721G Datasheet
39Kb / 3P
   2X5 rectangular led lamps
MVL-721HR UOT-MVL-721HR Datasheet
39Kb / 3P
   2X5 rectangular led lamps
More results

Similar Description - MVL-701HRN

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEL4025 SANKEN-SEL4025 Datasheet
24Kb / 1P
   2x4 Rectangular LED
SEL4026 SANKEN-SEL4026 Datasheet
24Kb / 1P
   2x4 Rectangular LED (Direct Mount)
logo
Marktech Corporate
MT205-R MARKTECH-MT205-R Datasheet
29Kb / 1P
   1X5mm RECTANGULAR LED LAMPS
MT2180-R MARKTECH-MT2180-R Datasheet
32Kb / 1P
   2x5mm RECTANGULAR LED LAMPS???
MT112T-RG MARKTECH-MT112T-RG Datasheet
31Kb / 1P
   2x4mm Rectangular LED Lamps
MT1194 MARKTECH-MT1194 Datasheet
136Kb / 2P
   1X5 RECTANGULAR LED LAMPS
MT2160-R MARKTECH-MT2160-R Datasheet
32Kb / 1P
   2x2mm RECTANGULAR LED LAMPS???
logo
Unity Opto Technology
MVL-731GN UOT-MVL-731GN Datasheet
38Kb / 3P
   2.6X6.8 rectangular led lamps
MVL-721G UOT-MVL-721G Datasheet
39Kb / 3P
   2X5 rectangular led lamps
MVL-711GN UOT-MVL-711GN Datasheet
38Kb / 3P
   2X5 rectangular led lamps
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com