Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGDS-04-H-B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MGDS-04-H-B
Description  Hi-Rel DC/DC CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MGDS-04-H-B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MGDS-04-H-B Datasheet HTML 1Page - List of Unclassifed Manufacturers MGDS-04-H-B Datasheet HTML 2Page - List of Unclassifed Manufacturers MGDS-04-H-B Datasheet HTML 3Page - List of Unclassifed Manufacturers MGDS-04-H-B Datasheet HTML 4Page - List of Unclassifed Manufacturers MGDS-04-H-B Datasheet HTML 5Page - List of Unclassifed Manufacturers MGDS-04-H-B Datasheet HTML 6Page - List of Unclassifed Manufacturers MGDS-04-H-B Datasheet HTML 7Page - List of Unclassifed Manufacturers MGDS-04-H-B Datasheet HTML 8Page - List of Unclassifed Manufacturers MGDS-04-H-B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
For locations, phone, fax, E-Mail see back cover
2
Hi-Rel
Grade
MGDM-04 Series
Gaia Converter FC97-008.08/06 Revision N
©
4
2- Product Selection (continued)
Current
1A
800 mA
330 mA
260 mA
+/- 400 mA
+/- 165 mA
+/- 130 mA
1A
800 mA
330 mA
260 mA
+/- 400 mA
+/- 165 mA
+/- 130 mA
1A
800 mA
330 mA
260 mA
+/- 400 mA
+/- 165 mA
+/- 130 mA
500 & +/-50 mA
Reference
MGDS-04-C-B
MGDS-04-C-C
MGDS-04-C-E
MGDS-04-C-F
MGDB-04-C-C
MGDB-04-C-E
MGDB-04-C-F
MGDS-04-H-B
MGDS-04-H-C
MGDS-04-H-E
MGDS-04-H-F
MGDB-04-H-C
MGDB-04-H-E
MGDB-04-H-F
MGDS-04-J-B
MGDS-04-J-C
MGDS-04-J-E
MGDS-04-J-F
MGDB-04-J-C
MGDB-04-J-E
MGDB-04-J-F
MGDT-04-J-CF
Output
3,3 VDC
5 VDC
12 VDC
15 VDC
+/- 5 VDC
+/- 12 VDC
+/- 15 VDC
3,3 VDC
5 VDC
12 VDC
15 VDC
+/- 5 VDC
+/- 12 VDC
+/- 15 VDC
3,3 VDC
5 VDC
12 VDC
15 VDC
+/- 5 VDC
+/- 12 VDC
+/- 15 VDC
5 & +/-15 VDC
Input range
4,5-5,5 VDC
4,5-5,5 VDC
4,5-5,5 VDC
4,5-5,5 VDC
4,5-5,5 VDC
4,5-5,5 VDC
4,5-5,5 VDC
9-36 VDC
9-36 VDC
9-36 VDC
9-36 VDC
9-36 VDC
9-36 VDC
9-36 VDC
16-40 VDC
16-40 VDC
16-40 VDC
16-40 VDC
16-40 VDC
16-40 VDC
16-40 VDC
16-40 VDC
Options
/T , /S
/T , /S
/T , /S
/T , /S
/T , /S
/T , /S
/T , /S
/T , /S
/T , /S
/T , /S
/T , /S
/T , /S
/T , /S
/T , /S
/T , /S
/T , /S
/T , /S
/T , /S
/T , /S
/T , /S
/T , /S
/T , /S
Converter Selection Chart
MGD S
- 04 - J - C / T
Number of Outputs :
S : single output
B : bi ouput
T : triple output
Input voltage range :
C : 4,5-5,5 VDC
H : 9-36 VDC
J : 16-40 VDC
Output voltage :
See table page 1
Option :
/T : -55°C start up operation
/S
:
screening
and
serialization
(consult
application note «screening
grades»)


Similar Part No. - MGDS-04-H-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MGDS-10-C-B ETC2-MGDS-10-C-B Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
MGDS-10-C-C ETC2-MGDS-10-C-C Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
MGDS-10-C-C/S ETC2-MGDS-10-C-C/S Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
MGDS-10-C-C/T ETC2-MGDS-10-C-C/T Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
MGDS-10-C-E ETC2-MGDS-10-C-E Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
More results

Similar Description - MGDS-04-H-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MGDM-150 ETC2-MGDM-150 Datasheet
494Kb / 17P
   Hi-Rel DC/DC CONVERTER
logo
Peregrine Semiconductor
PE99151DIE PSEMI-PE99151DIE Datasheet
1Mb / 15P
   Hi-Rel 2A DC-DC Converter
PE99153DIE PSEMI-PE99153DIE Datasheet
1Mb / 15P
   Hi-Rel 6A DC-DC Converter
logo
List of Unclassifed Man...
MGDM-75 ETC2-MGDM-75 Datasheet
618Kb / 17P
   Hi-Rel DC/DC CONVERTER 75W POWER
MGDM-10 ETC2-MGDM-10 Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
logo
TRACO Electronic AG
TMV-HI TRACOPOWER-TMV-HI Datasheet
1,007Kb / 4P
   DC/DC Converter TMV-HI Series, 1 Watt
Rev. November 30, 2022
logo
Vectron International, ...
C499 VECTRON-C499 Datasheet
207Kb / 15P
   Hi-Rel Standard OCXO
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com