Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGDS-04-C-C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MGDS-04-C-C
Description  Hi-Rel DC/DC CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MGDS-04-C-C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MGDS-04-C-C Datasheet HTML 1Page - List of Unclassifed Manufacturers MGDS-04-C-C Datasheet HTML 2Page - List of Unclassifed Manufacturers MGDS-04-C-C Datasheet HTML 3Page - List of Unclassifed Manufacturers MGDS-04-C-C Datasheet HTML 4Page - List of Unclassifed Manufacturers MGDS-04-C-C Datasheet HTML 5Page - List of Unclassifed Manufacturers MGDS-04-C-C Datasheet HTML 6Page - List of Unclassifed Manufacturers MGDS-04-C-C Datasheet HTML 7Page - List of Unclassifed Manufacturers MGDS-04-C-C Datasheet HTML 8Page - List of Unclassifed Manufacturers MGDS-04-C-C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Hi-Rel DC/DC CONVERTER
MGDM-04 : 4W POWER
• 28 Vdc input compliant with MIL-STD-704 D/E
• Low profile : 0,3‘’ (7.5mm)
• Nominal power of 4W without derating
• Wide temperature range : -40°C/+105°C case
• Soft start
• Galvanic isolation 1.500 VDC
• Integrated LC EMI filter
• Permanent short circuit protection
• Standard pin out DIL24 9 pins
• Inhibit function
• No optocoupler for high reliability
Gaia Converter FC97-008.08/06 Revision N
©
REDEFINING THE SOURCE OF POWER
1-General
Single, Bi & Triple Outputs
Metallic Case - 1.500 VDC Isolation
Hi-Rel
Grade
For locations, phone, fax, E-Mail see back cover
2-Product Selection
Input Voltage Range
B : 3.3 VDC
C : 5 VDC or +/-5VDC
E : 12 VDC or +/-12VDC
F : 15 VDC or +/-15VDC
CF : 5 VDC and +/-15 VDC
Output
The MGDM-04 series is a full family of high per-
formance and low profile DC/DC power modules
designed for aerospace, military and high-end
industrial applications. These modules use a high
frequency fixed switching technic at 480KHz
providing excellent reliability, low noise
characteristics, high power density and a low pro-
file package. Standard models are available with
nominal input voltages as 5, 12 or 28 volts in
range of 4,5-5,5 , 9-36 or 16-40 volts. The series
include single, bi and triple output voltage choices
of 3.3, 5, 12, 15, +/-5, +/-12 or +/-15 volts. No
external heatsink is required for the MGDM-04
series to supply 4W output power over the case
temperature range of -40°C up to 105°C.
All the modules are designed with LC network
filters to minimize reflected input current ripple
and output voltage ripple.
The modules include a soft-start, a permanent
short circuit protection and an output overvoltage
protection to ensure efficient module protections.
The soft-start allows current limitation and
eliminates inrush current during start-up. The
short circuit protection completely protects the
module against short-circuits of any duration by
a shut-down and restores to normal when the
overload is removed.
The design has been carried out with surface
mount components and is manufactured in a fully
automated process to guarantee high quality. Each
module is tested and burned in with a GAIA
Converter automated test equipment before and
after encapsulation. The modules are potted with
a bi-component thermal conductive compound and
packaged in a metallic case to ensure the module’s
integrity under high environmental conditions.
Single output model
: MGDS-04-
(/T) and/or (/S)
Bi output model
: MGDB-04-
(/T) and/or (/S)
Triple output model
: MGDT-04-
(/T) and/or (/S)
(/T) : option for -55°C start up operating temperature.
(/S) : option for screening and serialization
Permanent
C : 4,5-5,5 VDC
H :
9-36 VDC
J : 16-40 VDC
Transient
n/a
40 VDC/100 ms*
50 VDC/100 ms*
* Consult factory for details
4


Similar Part No. - MGDS-04-C-C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MGDS-10-C-B ETC2-MGDS-10-C-B Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
MGDS-10-C-C ETC2-MGDS-10-C-C Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
MGDS-10-C-C/S ETC2-MGDS-10-C-C/S Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
MGDS-10-C-C/T ETC2-MGDS-10-C-C/T Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
MGDS-10-C-E ETC2-MGDS-10-C-E Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
More results

Similar Description - MGDS-04-C-C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MGDM-150 ETC2-MGDM-150 Datasheet
494Kb / 17P
   Hi-Rel DC/DC CONVERTER
logo
Peregrine Semiconductor
PE99151DIE PSEMI-PE99151DIE Datasheet
1Mb / 15P
   Hi-Rel 2A DC-DC Converter
PE99153DIE PSEMI-PE99153DIE Datasheet
1Mb / 15P
   Hi-Rel 6A DC-DC Converter
logo
List of Unclassifed Man...
MGDM-75 ETC2-MGDM-75 Datasheet
618Kb / 17P
   Hi-Rel DC/DC CONVERTER 75W POWER
MGDM-10 ETC2-MGDM-10 Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
logo
TRACO Electronic AG
TMV-HI TRACOPOWER-TMV-HI Datasheet
1,007Kb / 4P
   DC/DC Converter TMV-HI Series, 1 Watt
Rev. November 30, 2022
logo
Vectron International, ...
C499 VECTRON-C499 Datasheet
207Kb / 15P
   Hi-Rel Standard OCXO
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com