Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MVL-514HR Datasheet(PDF) 2 Page - Unity Opto Technology

Part # MVL-514HR
Description  Standard water clear plastic lens
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MVL-514HR Datasheet(HTML) 2 Page - Unity Opto Technology

  MVL-514HR Datasheet HTML 1Page - Unity Opto Technology MVL-514HR Datasheet HTML 2Page - Unity Opto Technology MVL-514HR Datasheet HTML 3Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Optical -Electrical Characteristics
Part No. : MVL-514G
@TA=25
oC
Symbol
Min .
Typ .
Max .
Unit .
Luminous Intensity
IV
15
50
-
mcd
Forward Voltage
VF
-
2.1
2.8
V
Reverse Current
IR
-
-
100
µA
Wavelength
λp
-
565
-
nm
Spectral Line Half Width
∆λ
-
30
-
nm
Viewing Angle
1/2
-
40
-
deg
Part No. : MVL-514Y
@TA=25
oC
Symbol
Min .
Typ .
Max .
Unit .
Luminous Intensity
IV
12
40
-
mcd
Forward Voltage
VF
-
2.1
2.8
V
Reverse Current
IR
-
-
100
µA
Wavelength
λp
-
585
-
nm
Spectral Line Half Width
∆λ
-
35
-
nm
Viewing Angle
1/2
-
40
-
deg
Part No. : MVL-514HR
@TA=25
oC
Symbol
Min .
Typ .
Max .
Unit .
Luminous Intensity
IV
15
50
-
mcd
Forward Voltage
VF
-
2.0
2.8
V
Reverse Current
IR
-
-
100
µA
Wavelength
λp
-
640
-
nm
Spectral Line Half Width
∆λ
-
40
-
nm
Viewing Angle
1/2
-
40
-
deg
Part No. : MVL-514DR
@TA=25
oC
Symbol
Min .
Typ .
Max .
Unit .
Luminous Intensity
IV
65
250
-
mcd
Forward Voltage
VF
-
1.8
2.4
V
Reverse Current
IR
-
-
100
µA
Wavelength
λp
-
660
-
nm
Spectral Line Half Width
∆λ
-
20
-
nm
Viewing Angle
1/2
-
40
-
deg
Part No. : MVL-514UR
@TA=25
oC
Symbol
Min .
Typ .
Max .
Unit .
Luminous Intensity
IV
200
800
-
mcd
Forward Voltage
VF
-
1.8
2.4
V
Reverse Current
IR
-
-
100
µA
Wavelength
λp
-
660
-
nm
Spectral Line Half Width
∆λ
-
20
-
nm
Viewing Angle
1/2
-
40
-
deg
VR=5V
IF=20mA
IF=20mA
IF=20mA
Parameter
Test Conditions
IF=20mA
IF=20mA
VR=5V
IF=20mA
IF=20mA
IF=20mA
Parameter
Test Conditions
IF=20mA
IF=20mA
VR=5V
IF=20mA
IF=20mA
IF=20mA
Parameter
Test Conditions
IF=10mA
IF=20mA
IF=20mA
IF=20mA
Test Conditions
Parameter
IF=10mA
IF=20mA
VR=5V
IF=20mA
Parameter
Test Conditions
IF=10mA
IF=20mA
VR=5V
IF=20mA
IF=20mA
IF=20mA
P2


Similar Part No. - MVL-514HR

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MVL-514HB UOT-MVL-514HB Datasheet
38Kb / 2P
   SOLID STATE LAMP
MVL-514HSG UOT-MVL-514HSG Datasheet
38Kb / 2P
   SOLID STATE LAMP
MVL-514HTG UOT-MVL-514HTG Datasheet
38Kb / 2P
   SOLID STATE LAMP
More results

Similar Description - MVL-514HR

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MVL-504G UOT-MVL-504G Datasheet
41Kb / 3P
   Standard water clear plastic lens
MVL-314GH UOT-MVL-314GH Datasheet
40Kb / 3P
   Standard water clear plastic lens
MVL-304G UOT-MVL-304G Datasheet
41Kb / 3P
   Standard water clear plastic lens
logo
Marl International Limi...
208-501-21-38 MARL-208-501-21-38_15 Datasheet
271Kb / 5P
   Water clear lens
235-038-9307 MARL-235-038-9307_15 Datasheet
254Kb / 4P
   Water clear lens
236-038-9307 MARL-236-038-9307_15 Datasheet
265Kb / 4P
   Water clear lens
202-301-23-3811 MARL-202-301-23-3811_15 Datasheet
279Kb / 5P
   Water clear lens
238-501-98 MARL-238-501-98_15 Datasheet
206Kb / 4P
   Water clear lens
206-501-21-38 MARL-206-501-21-38_15 Datasheet
320Kb / 5P
   Water clear lens
205-501-21-38 MARL-205-501-21-38_15 Datasheet
274Kb / 5P
   Water clear lens
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com