Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MVL-513Y Datasheet(PDF) 1 Page - Unity Opto Technology

Part # MVL-513Y
Description  Standard color transparent plastic lens
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MVL-513Y Datasheet(HTML) 1 Page - Unity Opto Technology

  MVL-513Y Datasheet HTML 1Page - Unity Opto Technology MVL-513Y Datasheet HTML 2Page - Unity Opto Technology MVL-513Y Datasheet HTML 3Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MVL-513G
MVL-513Y
MVL-513HR
MVL-513DR
MVL-513UR
04/30/2002
Description
Package Dimensions
Applications
l Popular T-1 3/4 (
φ5mm) diameter package
l I.C. compatible / Low current requirement
l Low power consumption
l General purpose leads
l Reliable and rugged
Absolute Maximum Tatings
GREEN
YELLOW
HR
DR/UR
Power Dissipation
Pad
100
60
100
100
mW
Peak Forward Current (1/10 Duty Cycle 0.1ms pulse width)
Ipf
120
80
120
120
A
Continuous Forward Current
Iaf
30
20
30
40
mA/
oC
Derating Linear From 25
oC
0.4
0.25
0.4
0.5
mA
Reverse Voltage
VR
5
5
5
5
V
Operating Temperature Range
Topr
Storage Temperature Range
Tstg
Lead Soldering Temperature (1.6mm from body) for 3 seconds at 260
oC
The MVL-513xx series package are T-1 3/4 (
φ5mm)
standard color transparent plastic lens package. The
Hi-EFF red (HR) and yellow LED chips are made with
Gallium Arsenide Phosphide on Gallium Phosphide diode.
The green LED chip is made with Gallium Phosphide on
Gallium Phosphide diode. The red (DR) chip is made with
Aluminum Gallium Arsenide on Gallium Arsenide diode.
The red (UR) chip is made with Aluminum Gallium
Arsenide on Aluminum Gallium Arsenide diode.
-55
oC to + 100oC
Parameter
Symbol
Maximum Rating
-55
oC to + 100oC
Unit
Unite: mm ( inches )
Unity Opto Technology Co., Ltd.
NOTES :
1. Tolerance is ± 0.25 mm (.010") unless otherwise noted.
2. Protruded resin under flange is 1.5 mm (.059'') max.
3. Lead spacing is measured where the leads emerge from the package.
P1


Similar Part No. - MVL-513Y

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MVL-511DR UOT-MVL-511DR Datasheet
41Kb / 3P
   Standard color diffused plastic lens
MVL-511G UOT-MVL-511G Datasheet
41Kb / 3P
   Standard color diffused plastic lens
MVL-511HR UOT-MVL-511HR Datasheet
41Kb / 3P
   Standard color diffused plastic lens
MVL-511UR UOT-MVL-511UR Datasheet
41Kb / 3P
   Standard color diffused plastic lens
MVL-511Y UOT-MVL-511Y Datasheet
41Kb / 3P
   Standard color diffused plastic lens
More results

Similar Description - MVL-513Y

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MVL-303G UOT-MVL-303G Datasheet
41Kb / 3P
   Standard color transparent plastic lens
MVL-403G UOT-MVL-403G Datasheet
39Kb / 3P
   Standard color transparent plastic lens
MVL-313GH UOT-MVL-313GH Datasheet
40Kb / 3P
   Standard color transparent plastic lens
MVL-503G UOT-MVL-503G Datasheet
41Kb / 3P
   Standard color transparent plastic lens
MVL-323GD UOT-MVL-323GD Datasheet
44Kb / 3P
   Standard double flange color transparent plastic lens
MVL-511G UOT-MVL-511G Datasheet
41Kb / 3P
   Standard color diffused plastic lens
MVL-401G UOT-MVL-401G Datasheet
39Kb / 3P
   Standard color diffused plastic lens
MVL-501G UOT-MVL-501G Datasheet
41Kb / 3P
   Standard color diffused plastic lens
MVL-311GH UOT-MVL-311GH Datasheet
41Kb / 3P
   Standard color diffused plastic lens
MVL-301G UOT-MVL-301G Datasheet
41Kb / 3P
   Standard color diffused plastic lens
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com