Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSP1-XF1608H8A4 Datasheet(PDF) 6 Page - TAITRON Components Incorporated

Part # TSP1-XF1608H8A4
Description  0.8mm Height Flat Top LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TSP1-XF1608H8A4 Datasheet(HTML) 6 Page - TAITRON Components Incorporated

  TSP1-XF1608H8A4 Datasheet HTML 1Page - TAITRON Components Incorporated TSP1-XF1608H8A4 Datasheet HTML 2Page - TAITRON Components Incorporated TSP1-XF1608H8A4 Datasheet HTML 3Page - TAITRON Components Incorporated TSP1-XF1608H8A4 Datasheet HTML 4Page - TAITRON Components Incorporated TSP1-XF1608H8A4 Datasheet HTML 5Page - TAITRON Components Incorporated TSP1-XF1608H8A4 Datasheet HTML 6Page - TAITRON Components Incorporated TSP1-XF1608H8A4 Datasheet HTML 7Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Rev. A/JY 2006-08-26
www.taitroncomponents.com
Page 6 of 7
0.8mm Height Flat Top LED
TSP1-XF1608H8A4
Note: The tolerances unless mentioned is ± 0.1mm, Unit = mm
Test Circuit
Reel Dimensions


Similar Part No. - TSP1-XF1608H8A4

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TSP1-XF1608H8-3133 TAITRON-TSP1-XF1608H8-3133 Datasheet
262Kb / 10P
   0603 PACKAGE 0.8mm HEIGHT SUPER YELLOW LED
TSP1-XF1608H83133-92-TR70 TAITRON-TSP1-XF1608H83133-92-TR70 Datasheet
262Kb / 10P
   0603 PACKAGE 0.8mm HEIGHT SUPER YELLOW LED
More results

Similar Description - TSP1-XF1608H8A4

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
17-215UBC EVERLIGHT-17-215UBC Datasheet
158Kb / 9P
   0.8mm Height Flat Top LED
24-21UBC EVERLIGHT-24-21UBC Datasheet
156Kb / 9P
   0.8mm Height Flat Top LED
logo
TAITRON Components Inco...
TSP1-FF1608H8E2 TAITRON-TSP1-FF1608H8E2 Datasheet
565Kb / 7P
   0.8mm Height Flat Top LED
TSP1-QF1608H8A4 TAITRON-TSP1-QF1608H8A4 Datasheet
539Kb / 7P
   0.8mm Height Flat Top LED
logo
Everlight Electronics C...
24-21-GHC-YR2T1 EVERLIGHT-24-21-GHC-YR2T1 Datasheet
159Kb / 10P
   0.8mm Height Flat Top LED
17-215SURC EVERLIGHT-17-215SURC Datasheet
161Kb / 10P
   0.8mm Height Flat Top LED
HIR19-21C-L11-TR8 EVERLIGHT-HIR19-21C-L11-TR8_15 Datasheet
174Kb / 9P
   0.8mm Height Flat Top Infrared LED
IR19-21C-TR8 EVERLIGHT-IR19-21C-TR8 Datasheet
235Kb / 10P
   0.8mm Height Flat Top Infrared LED
EAIST1608A3 EVERLIGHT-EAIST1608A3 Datasheet
638Kb / 9P
   0.8mm Height Flat Top Infrared LED
HIR19-21C EVERLIGHT-HIR19-21C_05 Datasheet
232Kb / 10P
   0.8mm Height Flat Top Infrared LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com