Electronic Components Datasheet Search |
|
MVL-664UROK-S Datasheet(PDF) 4 Page - Unity Opto Technology |
|
MVL-664UROK-S Datasheet(HTML) 4 Page - Unity Opto Technology |
4 / 16 page Part Numbering Scheme MVL-6 A B C D where A = Leadframe Orientation where C = Color Option and Package Dimension "UROK" = 632 nm Ultra Red "3" = Parallel Leadframe (3.10 X 3.95 mm) "NUOL" = 625 nm Red "5" = Parallel Leadframe ( 4.26 X 5.06 mm ) "UOL" = 625 nm Red "6" = Perpendicular Leadframe (4.70 X 5.70 mm) "TUOL" = 625 nm Red "7" = Parallel Leadframe ( 3.80 X 5.20 mm ) "SO" = 605 nm Orange "8" = Parallel Leadframe ( 4.56 X 5.20 mm ) "UYL" = 590 nm Amber "9" = Perpendicular Leadframe ( 4.60 X 5.60 mm ) "TUYL" = 590 nm Amber "UG" = 573 nm Green "HTG / UTG" = 525 mm True Green "HB / UB" = 470 mm Blue where B = Package Color where D = Standoff Option "1" = color diffuse "N/A" = Without "2" = diffuse "-S" = With Stopper "3" = Matching Color "4" = Water Clear Absolute Maximum Ratings at TA=25 oC "UROK" "UOL" "SO" "UYL" "HTG" "UTG" "TUOL" "HB" "UB" "TUYL" "UG" mA mW mA V oC oC V 30 125 100 50 105 100 -40 to + 100 N/A -30 to + 100 300 NOTE1 -40 to + 100 N/A 5 -20 to + 85 5 -20 to + 80 5 -20 to + 85 Storage Temp Solder Temperature Peak Forward Current(1/10 Duty Cycle 100 µs pulse width) Electrostatic Discharge Threshold DC Forward Current Reverse Voltage (IR=100µA) Operating Temp Range Power Dissipation 1000 30 125 100 260 oC for 5 seconds [ 1.5mm ( 0.06 in. ) below seating plane ] Parameter Units InGaN InGaN 5 -20 to + 80 -30 to + 100 100 AlInGaP AlInGaP 30 70 "NUOL" Notes: 1. Product resistance to electrostatic discharge (ESD) is measured by simulating ESD using a rapid avalanche energy test (RAET). The RAET procedures are designed to approximate the maximum ESD ratings shown. Seller gives no other assurances regarding the ability of Products to withstand ESD. 4 |
Similar Part No. - MVL-664UROK-S |
|
Similar Description - MVL-664UROK-S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |