Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MVL-9X4MBC Datasheet(PDF) 3 Page - Unity Opto Technology

Part # MVL-9X4MBC
Description  JACK LEDs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MVL-9X4MBC Datasheet(HTML) 3 Page - Unity Opto Technology

  MVL-9X4MBC Datasheet HTML 1Page - Unity Opto Technology MVL-9X4MBC Datasheet HTML 2Page - Unity Opto Technology MVL-9X4MBC Datasheet HTML 3Page - Unity Opto Technology MVL-9X4MBC Datasheet HTML 4Page - Unity Opto Technology MVL-9X4MBC Datasheet HTML 5Page - Unity Opto Technology MVL-9X4MBC Datasheet HTML 6Page - Unity Opto Technology MVL-9X4MBC Datasheet HTML 7Page - Unity Opto Technology MVL-9X4MBC Datasheet HTML 8Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Optical Characteristics at TA=25
oC
Color,
Viewing
Peak
Dominant
Angle
Part Number
Wavelength
Wavelength
2
θ 1/2
λpeak (nm)
λd (nm)
(Degrees)
Typ.
Typ.
Typ.
Part Number
Electrical Characteristics at TA=25
oC
Thermal
Thermal
Device Type
Resistance
Resistance
RθJ-PIN(
oC/W) Rθ
J-A(
oC/W)
Min.
Typ.
Max
Min.
Typ.
Typ.
Typ.
MVL-9X4HUOLC
1.83
2.2
2.79
MVL-9X4HUYLC
MVL-9X4UOLC
1.83
2.15
2.79
MVL-9X4UYLC
MVL-9X4TUOLC
2.07
2.5
3.15
MVL-9X4TUYLC
MVL-9X4(U)TGC
3
3.7
5.2
MVL-9X4(M)(U)SGC
MVL-9X4(M)(U)BC
MVL-9X4(M)(U)W
MVL-9X4HTGC
3
3.7
4.0
MVL-9X4HSGC
MVL-9X4HBC
MVL-9X4HW
30
35
35
35
MVL-974HUYLC
MVL-974HUOLC
25
25
25
30
30
35
35
30
MVL-974UYLC
MVL-974UOLC
MVL-974TUYLC
MVL-974TUOLC
MVL-974HTGC
MVL-974MBC
MVL-974MSGC
MVL-974MTGC
MVL-974HW
MVL-974MW
MVL-974HBC
MVL-974HSGC
900 @IF=40mA
600@IF=70mA
600@IF=70mA
600@IF=70mA
600@IF=70mA
600@IF=70mA
1900 @IF=40mA
1500 @IF=40mA
600@IF=70mA
1000 @IF=40mA
2500 @IF=70mA
1700 @IF=50mA
3500 @IF=70mA
3500 @IF=70mA
1700 @IF=50mA
900 @IF=40mA
Typ.
2500 @IF=70mA
Min.
@IF=70mA
10
10
Voltage
10
2000 @IF=40mA
Total Flux
φ
v (mlm)
630
592
@IF=40mA
5
10
640
594
630
592
523
502
468
625
590
630
592
625
590
525
505
470
@IF=70mA
Reverse
Breakdown
VR (Volts)
@IR=100mA
Forward
VF (Volts)
20
120
120
125
20
20
200 @IF=20mA
1500 @IF=20mA
523
525
505
Total Flux
Chromaticity Coordinates (Typ.)
φ
v (mlm)
200 @IF=20mA
1200 @IF=20mA
502
200 @IF=20mA
Min.
300 @IF=20mA
2000 @IF=20mA
0.33
0.31
Typ.
X
Y
600 @IF=40mA
4000 @IF=40mA
0.33
0.31
180
800 @IF=20mA
468
470
90
250
250
250
180
@IF=50mA
@IF=20mA
5
10
90
3


Similar Part No. - MVL-9X4MBC

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MVL-9X4MBC UOT-MVL-9X4MBC Datasheet
99Kb / 8P
   JACK LEDs
MVL-9X4MBC UOT-MVL-9X4MBC Datasheet
89Kb / 8P
   JACK LEDs
More results

Similar Description - MVL-9X4MBC

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MVL-914ASOLC UOT-MVL-914ASOLC Datasheet
99Kb / 8P
   JACK LEDs
MVL-984HUOLC UOT-MVL-984HUOLC Datasheet
89Kb / 8P
   JACK LEDs
MVL-924HUOLC UOT-MVL-924HUOLC Datasheet
90Kb / 8P
   JACK LEDs
logo
Kycon, Inc.
G15LX KYCON-G15LX Datasheet
1Mb / 1P
   2.5G Modular Jack LEDs
logo
Molex Electronics Ltd.
0857281001 MOLEX1-0857281001 Datasheet
31Kb / 2P
   Gigabit Magnetic Jack 2X6, LEDs Green/Green
0857271001 MOLEX1-0857271001_18 Datasheet
46Kb / 2P
   Gigabit Magnetic Jack 2X4, LEDs Green/Green
0857281001 MOLEX1-0857281001_18 Datasheet
30Kb / 2P
   Gigabit Magnetic Jack 2X6, LEDs Green/Green
0857281016 MOLEX1-0857281016 Datasheet
30Kb / 2P
   Gigabit Magnetic Jack 2X6, LEDs Green/Yellow
0857271006 MOLEX1-0857271006 Datasheet
46Kb / 2P
   Gigabit Magnetic Jack 2X4, LEDs Green/Orange
0857271006 MOLEX1-0857271006_18 Datasheet
46Kb / 2P
   Gigabit Magnetic Jack 2X4, LEDs Green/Orange
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com