Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MVL-9X4MUSGC Datasheet(PDF) 2 Page - Unity Opto Technology

Part # MVL-9X4MUSGC
Description  JACK LEDs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MVL-9X4MUSGC Datasheet(HTML) 2 Page - Unity Opto Technology

  MVL-9X4MUSGC Datasheet HTML 1Page - Unity Opto Technology MVL-9X4MUSGC Datasheet HTML 2Page - Unity Opto Technology MVL-9X4MUSGC Datasheet HTML 3Page - Unity Opto Technology MVL-9X4MUSGC Datasheet HTML 4Page - Unity Opto Technology MVL-9X4MUSGC Datasheet HTML 5Page - Unity Opto Technology MVL-9X4MUSGC Datasheet HTML 6Page - Unity Opto Technology MVL-9X4MUSGC Datasheet HTML 7Page - Unity Opto Technology MVL-9X4MUSGC Datasheet HTML 8Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Device Selection Guide
Absolute Maximum Ratings at TA=25
oC
Device Type
Parameter
20
mA
74
mW
5
V
125
oC
oC
oC
Solder Temperature
MVL-974HSGC
MVL-974HBC
25
25
InGaN Blue
MVL-974MSGC
MVL-974MBC
MVL-974MW
25
1500 @IF=40mA
1500 @IF=20mA
MVL-974HTGC
InGaN Blue
1900 @IF=40mA
35
35
35
35
MVL-974TUYLC
MVL-974MTGC
30
35
35
35
MVL-974UYLC
MVL-974TUOLC
1700 @IF=50mA
2000 @IF=40mA
30
30
MVL-974UOLC
MVL-974HUYLC
1700 @IF=50mA
2500 @IF=70mA
30
Part Number
MVL-974HUOLC
(Degrees) Typ.
View Angle 2
θ1/2
2500 @IF=70mA
Total Flux
θv(mlm) Typ.
Units
Preheat Temperature
DC Forward Current
70
Storage Temp
150
10
125
Power Dissipation
Reverse Voltage (IR=100µA)
LED Junction Temperature
10
260
oC for 5 seconds
[ 1.5mm ( 0.06 in. ) below seating plane ]
Operating Temp Range
Solder Conditions
100
oC for 30 seconds
125
-20 to +80
140
5
125
50
120
10
125
70
182
40
MVL-9X4MTGC
MVL-9X4MW
800 @IF=20mA
1200 @IF=20mA
MVL-9X4UOLC
MVL-9X4UYLC
White
4000 @IF=40mA
InGaN True Green
InGaN Signal Green
MVL-974HW
MVL-9X4HTGC
MVL-9X4HSGC
MVL-9X4HBC
MVL-9X4HW
MVL-9X4HUYLC
MVL-9X4HUOLC
MVL-9X4TUOLC
MVL-9X4TUYLC
MVL-9X4MBC
MVL-9X4MSGC
White
2000 @IF=20mA
3500 @IF=70mA
3500 @IF=70mA
-30 to +100
LED Color
AS AlInGaP Red-Orange
AS AlInGaP Amber
TS AlInGaP Red
TS AlInGaP Amber
InGaN True Green
InGaN Signal Green
2


Similar Part No. - MVL-9X4MUSGC

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MVL-9X4MBC UOT-MVL-9X4MBC Datasheet
99Kb / 8P
   JACK LEDs
MVL-9X4MBC UOT-MVL-9X4MBC Datasheet
89Kb / 8P
   JACK LEDs
MVL-9X4MSGC UOT-MVL-9X4MSGC Datasheet
99Kb / 8P
   JACK LEDs
MVL-9X4MSGC UOT-MVL-9X4MSGC Datasheet
89Kb / 8P
   JACK LEDs
MVL-9X4MTGC UOT-MVL-9X4MTGC Datasheet
99Kb / 8P
   JACK LEDs
More results

Similar Description - MVL-9X4MUSGC

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MVL-914ASOLC UOT-MVL-914ASOLC Datasheet
99Kb / 8P
   JACK LEDs
MVL-984HUOLC UOT-MVL-984HUOLC Datasheet
89Kb / 8P
   JACK LEDs
MVL-924HUOLC UOT-MVL-924HUOLC Datasheet
90Kb / 8P
   JACK LEDs
logo
Kycon, Inc.
G15LX KYCON-G15LX Datasheet
1Mb / 1P
   2.5G Modular Jack LEDs
logo
Molex Electronics Ltd.
0857281001 MOLEX1-0857281001 Datasheet
31Kb / 2P
   Gigabit Magnetic Jack 2X6, LEDs Green/Green
0857271001 MOLEX1-0857271001_18 Datasheet
46Kb / 2P
   Gigabit Magnetic Jack 2X4, LEDs Green/Green
0857281001 MOLEX1-0857281001_18 Datasheet
30Kb / 2P
   Gigabit Magnetic Jack 2X6, LEDs Green/Green
0857281016 MOLEX1-0857281016 Datasheet
30Kb / 2P
   Gigabit Magnetic Jack 2X6, LEDs Green/Yellow
0857271006 MOLEX1-0857271006 Datasheet
46Kb / 2P
   Gigabit Magnetic Jack 2X4, LEDs Green/Orange
0857271006 MOLEX1-0857271006_18 Datasheet
46Kb / 2P
   Gigabit Magnetic Jack 2X4, LEDs Green/Orange
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com