Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MVL-9X4MUW Datasheet(PDF) 8 Page - Unity Opto Technology

Part # MVL-9X4MUW
Description  JACK LEDs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MVL-9X4MUW Datasheet(HTML) 8 Page - Unity Opto Technology

  MVL-9X4MUW Datasheet HTML 1Page - Unity Opto Technology MVL-9X4MUW Datasheet HTML 2Page - Unity Opto Technology MVL-9X4MUW Datasheet HTML 3Page - Unity Opto Technology MVL-9X4MUW Datasheet HTML 4Page - Unity Opto Technology MVL-9X4MUW Datasheet HTML 5Page - Unity Opto Technology MVL-9X4MUW Datasheet HTML 6Page - Unity Opto Technology MVL-9X4MUW Datasheet HTML 7Page - Unity Opto Technology MVL-9X4MUW Datasheet HTML 8Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
BIN CODE
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
X
Y
X
Y
X
Y
X
Y
A
0.264
0.317
0.273
0.336
0.273
0.286
0.264
0.267
B
0.273
0.336
0.283
0.353
0.283
0.305
0.273
0.286
C
0.264
0.267
0.273
0.286
0.288
0.262
0.280
0.248
D
0.273
0.286
0.283
0.305
0.296
0.276
0.288
0.262
E
0.283
0.345
0.306
0.372
0.306
0.352
0.283
0.325
F
0.306
0.372
0.330
0.400
0.330
0.380
0.306
0.352
G
0.285
0.325
0.306
0.352
0.306
0.332
0.283
0.305
H
0.306
0.352
0.330
0.380
0.330
0.360
0.306
0.332
I
0.283
0.305
0.306
0.332
0.308
0.317
0.287
0.295
J
0.306
0.332
0.330
0.360
0.330
0.339
0.308
0.317
K
0.287
0.295
0.308
0.317
0.313
0.297
0.296
0.276
L
0.308
0.317
0.330
0.339
0.330
0.318
0.313
0.297
M
0.296
0.276
0.313
0.297
0.313
0.277
0.296
0.256
N
0.313
0.297
0.330
0.318
0.330
0.298
0.313
0.277
O
0.330
0.390
0.345
0.402
0.345
0.372
0.330
0.360
P
0.345
0.402
0.361
0.415
0.361
0.385
0.345
0.372
Q
0.330
0.360
0.345
0.372
0.345
0.334
0.330
0.318
R
0.345
0.372
0.361
0.385
0.361
0.351
0.345
0.334
Tolerance : + 0.01
BIN CODE
0
1
2
3
4
5
6
7
8
9
Chromaticity Coordinates @IF=20mA
BIN
CODE
1
2
3
4
5.0
5.2
Category Code
C
2
3
4.6
4.8
3.4
3.6
3.8
4.0
4.2
4.4
4.6
4.8
3.8
4.0
4.2
4.4
3.0
3.2
3.4
3.6
Maximum
Minimum
Forward Voltage (Volts)
MVL-9X4MW @IF=40mA
MVL-9X4HW @IF=20mA
Unity JACK White LED Bin Codes
5.45
4.0
3.5
4.8
2.5
2.0
1.5
3.0
3.0
3.6
4.2
1.2
1.8
2.4
Minimum
0.6
1.0
Maximum
Luminous Flux (Light-output in lumens)
MVL-9X4HW @IF=20mA
MVL-9X4MW @IF=40mA
5.5
7.3
4.5
6.1
5.0
6.7
6.0
6.5
7.0
7.5
7.9
8.5
9.1
9.7
8


Similar Part No. - MVL-9X4MUW

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MVL-9X4MBC UOT-MVL-9X4MBC Datasheet
99Kb / 8P
   JACK LEDs
MVL-9X4MBC UOT-MVL-9X4MBC Datasheet
89Kb / 8P
   JACK LEDs
MVL-9X4MSGC UOT-MVL-9X4MSGC Datasheet
99Kb / 8P
   JACK LEDs
MVL-9X4MSGC UOT-MVL-9X4MSGC Datasheet
89Kb / 8P
   JACK LEDs
MVL-9X4MTGC UOT-MVL-9X4MTGC Datasheet
99Kb / 8P
   JACK LEDs
More results

Similar Description - MVL-9X4MUW

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MVL-914ASOLC UOT-MVL-914ASOLC Datasheet
99Kb / 8P
   JACK LEDs
MVL-984HUOLC UOT-MVL-984HUOLC Datasheet
89Kb / 8P
   JACK LEDs
MVL-924HUOLC UOT-MVL-924HUOLC Datasheet
90Kb / 8P
   JACK LEDs
logo
Kycon, Inc.
G15LX KYCON-G15LX Datasheet
1Mb / 1P
   2.5G Modular Jack LEDs
logo
Molex Electronics Ltd.
0857281001 MOLEX1-0857281001 Datasheet
31Kb / 2P
   Gigabit Magnetic Jack 2X6, LEDs Green/Green
0857271001 MOLEX1-0857271001_18 Datasheet
46Kb / 2P
   Gigabit Magnetic Jack 2X4, LEDs Green/Green
0857281001 MOLEX1-0857281001_18 Datasheet
30Kb / 2P
   Gigabit Magnetic Jack 2X6, LEDs Green/Green
0857281016 MOLEX1-0857281016 Datasheet
30Kb / 2P
   Gigabit Magnetic Jack 2X6, LEDs Green/Yellow
0857271006 MOLEX1-0857271006 Datasheet
46Kb / 2P
   Gigabit Magnetic Jack 2X4, LEDs Green/Orange
0857271006 MOLEX1-0857271006_18 Datasheet
46Kb / 2P
   Gigabit Magnetic Jack 2X4, LEDs Green/Orange
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com