Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

62069-222 Datasheet(PDF) 1 Page - Micropac Industries

Part # 62069-222
Description  HI BRITE HERMETIC LED INDICATORS, PANEL MOUNT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

62069-222 Datasheet(HTML) 1 Page - Micropac Industries

  62069-222 Datasheet HTML 1Page - Micropac Industries 62069-222 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION
• 725 E.Walnut St., Garland, TX 75040 • (972)272-3571 • Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
62069
HI BRITE HERMETIC LED INDICATORS,
PANEL MOUNT
11/20/03
Features:
Front or Rear Mountable
Hermetic LED – JANTX screened
Choice of colors: red, yellow or green
Designed for high-reliability applications
Applications:
Fault indicator
On / Off indicator
Logic status indicator
Binary data display
DESCRIPTION
The 62069 panel mount panel indicators are constructed with a hermetically sealed LED in a rugged, black anodized housing.
The unique style allows mounting from the front or rear and comes complete with mounting hardware. Assemblies are
available as wire wrappable or with 20 AWG leads, as commercial or screened parts.
ABSOLUTE MAXIMUM RATINGS
Reverse Voltage.............................................................................................................................................................5 VDC
Continuous Forward Current...........................................................................................................................................35 mA
Power Dissipation........................................................................................................................................................120 mW
Storage Temperature........................................................................................................................................-65°C to 100°C
Operating Temperature ............................................... ..................................................................................-55°C to 100°C
Package Dimensions
Schematic Diagram
NOTES:
1. INSULATED WIRE 10" LENGTH:
WHITE - CATHODE, RED - ANODE.
2. TOLERANCES ARE ±0.005.
0.510 [12.95]
0.549 [13.94]
0.372 [9.45]
0.425 [10.80]
0.089 [2.26]
0.420 [10.67]
A1
K
5
16 - 32 UNEF - 2A
0.290 [7.37]
0.100 [2.54]
CATHODE
ANODE
1/
ALL DIMENSIONS ARE IN INCHES [MILLIMETERS].
MICROPAC
OPTOELECTRONIC PRODUCTS
DIVISION


Similar Part No. - 62069-222

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
62069-1 TEC-62069-1 Datasheet
47Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 62069-222

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
62100 MICROPAC-62100 Datasheet
124Kb / 2P
   ULTRA-BRITE HERMETIC LED INDICATORS
1N6609 MICROPAC-1N6609 Datasheet
114Kb / 2P
   JAN AND JANTX QUALIFIED, HI-BRITE HERMETIC LED INDICATORS
logo
Dialight Corporation
656 DIALIGHT-656 Datasheet
532Kb / 4P
   High Intensity LED Panel Mount Indicators
Nov2021
logo
Opto Electronics Co,. L...
1N5765 E-OEC-1N5765 Datasheet
100Kb / 2P
   JAN QUALIFIED HERMETIC LED INDICATORS
logo
List of Unclassifed Man...
PM3 ETC2-PM3 Datasheet
2Mb / 10P
   PANEL MOUNT INDICATORS
logo
Dialight Corporation
558-1501-001F DIALIGHT-558-1501-001F Datasheet
134Kb / 2P
   Snap-in LED Panel Mount Indicators
logo
Micropac Industries
62072 MICROPAC-62072 Datasheet
160Kb / 3P
   BI-COLOR HERMETIC LED INDICATORS
62098 MICROPAC-62098 Datasheet
170Kb / 3P
   TRI-COLOR HERMETIC LED INDICATORS
62118 MICROPAC-62118 Datasheet
111Kb / 2P
   TRI-COLOR HERMETIC LED INDICATORS
logo
Marl International Limi...
354-320-04 MARL-354-320-04 Datasheet
448Kb / 3P
   STD PANEL MOUNT INDICATORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com