Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1110EMK868-915 Datasheet(PDF) 6 Page - Texas Instruments

Part # CC1110EMK868-915
Description  Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
Download  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1110EMK868-915 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CC1110EMK868-915 Datasheet HTML 2Page - Texas Instruments CC1110EMK868-915 Datasheet HTML 3Page - Texas Instruments CC1110EMK868-915 Datasheet HTML 4Page - Texas Instruments CC1110EMK868-915 Datasheet HTML 5Page - Texas Instruments CC1110EMK868-915 Datasheet HTML 6Page - Texas Instruments CC1110EMK868-915 Datasheet HTML 7Page - Texas Instruments CC1110EMK868-915 Datasheet HTML 8Page - Texas Instruments CC1110EMK868-915 Datasheet HTML 9Page - Texas Instruments CC1110EMK868-915 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 245 page
background image
CC1110Fx / CC1111Fx
SWRS033G
Page 6 of 244
 Typically used to connect to external
DAC or ADC
2.5
Hardware AES Encryption/Decryption
 128-bit AES supported in hardware
coprocessor
2.6
Peripheral Features
 Powerful DMA Controller
 Power On Reset/Brown-Out Detection
 ADC
with
eight
individual
input
channels, single-ended or differential
(
CC1111Fx
has
six
channels)
and
configurable resolution
 Programmable watchdog timer
 Five timers: one general 16-bit timer
with DSM mode, two general 8-bit
timers, one MAC timer, and one sleep
timer
 Two
programmable
USARTs
for
master/slave SPI or UART operation
 21 configurable general-purpose digital
I/O-pins (
CC1111Fx has 19)
 Random number generator
2.7
Low Power
 Four flexible power modes for reduced
power consumption
 System can wake up on external
interrupt or when the Sleep Timer
expires
 0.5 µA current consumption in PM2,
where external interrupts or the Sleep
Timer can wake up the system
 0.3 µA current consumption in PM3,
where external interrupts can wake up
the system
 Low-power fully static CMOS design
 System clock source is either a high
speed crystal oscillator (26 - 27 MHz for
CC1110Fx and 48 MHz for CC1111Fx) or a
high speed RC oscillator (13 - 13.5 MHz
for
CC1110Fx and 12 MHz for CC1111Fx).
The high speed crystal oscillator must
be used when the radio is active.
 Clock source for ultra-low power
operation can be either a low-power RC
oscillator or an optional 32.768 kHz
crystal oscillator
 Very fast transition to active mode from
power modes enables ultra low average
power consumption in low duty-cycle
systems
2.8
Sub-1 GHz Radio with Baseband
Modem
 Based on the industry leading CC1101
radio core
 Few external components: On-chip
frequency synthesizer, no external filters
or RF switch needed
 Flexible support for packet oriented
systems: On-chip support for sync word
detection,
address
check,
flexible
packet
length,
and
automatic
CRC
handling
 Supports use of DMA for both RX and
TX
resulting
in
minimal
CPU
intervention even on high data rates
Programmable channel filter bandwidth
 2-FSK, GFSK, MSK, ASK, and OOK
modulation formats supported
 Optional automatic whitening and de-
whitening of data
 Programmable Carrier Sense (CS)
indicator
 Programmable
Preamble
Quality
Indicator (PQI) for detecting preambles
and improved protection against sync
word detection in random noise
 Support for automatic Clear Channel
Assessment (CCA) before transmitting
(for listen-before-talk systems)
 Support for per-package Link Quality
Indication (LQI)


Similar Part No. - CC1110EMK868-915

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1110EMK868-915 TI-CC1110EMK868-915 Datasheet
2Mb / 243P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
logo
TEXAS ADVANCED OPTOELEC...
CC1110EMK868-915 TAOS-CC1110EMK868-915 Datasheet
2Mb / 240P
   Low-power sub-1 GHz RF System-on-Chip (SoC) with MCU, memory, transceiver, and USB controller
logo
Texas Instruments
CC1110EMK868-915 TI-CC1110EMK868-915 Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory,Sub-1 GHz RF Transceiver, and USB Controller
CC1110EMK868-915 TI-CC1110EMK868-915 Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110EMK868-915 TI1-CC1110EMK868-915 Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
More results

Similar Description - CC1110EMK868-915

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1110FX TI-CC1110FX Datasheet
2Mb / 243P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110FX TI-CC1110FX_10 Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110F32RHHR TI1-CC1110F32RHHR Datasheet
3Mb / 249P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
logo
TEXAS ADVANCED OPTOELEC...
CC1110FX TAOS-CC1110FX Datasheet
2Mb / 240P
   Low-power sub-1 GHz RF System-on-Chip (SoC) with MCU, memory, transceiver, and USB controller
logo
Texas Instruments
CC1110FX TI-CC1110FX_09 Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory,Sub-1 GHz RF Transceiver, and USB Controller
CC1110F16 TI1-CC1110F16 Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110F8RHHR TI1-CC1110F8RHHR Datasheet
3Mb / 249P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC2510FX TI-CC2510FX_10 Datasheet
2Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2510F8RHHR TI-CC2510F8RHHR Datasheet
3Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2510F16 TI1-CC2510F16 Datasheet
2Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com