Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM611FP8EV-55LF Datasheet(PDF) 2 Page - Emerging Memory & Logic Solutions Inc

Part # EM611FP8EV-55LF
Description  256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM611FP8EV-55LF Datasheet(HTML) 2 Page - Emerging Memory & Logic Solutions Inc

  EM611FP8EV-55LF Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM611FP8EV-55LF Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM611FP8EV-55LF Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM611FP8EV-55LF Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM611FP8EV-55LF Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM611FP8EV-55LF Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM611FP8EV-55LF Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM611FP8EV-55LF Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM611FP8EV-55LF Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
EM620FV8BT Series
Low Power, 256Kx8 SRAM
2
FEATURES
- Process Technology : 0.15mm Full CMOS
- Organization :256K x8
- Power Supply Voltage
=> EM620FV8BS Series : 2.7V~3.6V
- Low Data Retention Voltage : 1.5V (MIN)
- Three state output and TTL Compatible
- Packaged product designed for 45/55/70ns
-
Package Type: 32-TSOP1
256K x8 Bit Low Power and Low Voltage CMOS Static RAM
1
I/O Circuit
Column Select
Data
Cont
Pre-charge Circuit
Memory Array
1024 x 2048
A1
A2
A3
A4
A5
A6
A7
A0
A8
A9
A10 A11 A12 A13 A14 A15 A16
WE
OE
CS1
I/O0 ~ I/O7
VCC
VSS
Control Logic
CS2
A17
GENERAL DESCRIPTION
The EM620FV8BT series are fabricated by EMLSI’s
advanced full CMOS process technology. The families
support industrial temperature range and Chip Scale Pack-
age for user flexibility of system design. The families also
supports low data retention voltage for battery back-up
operation with low data retention current.
The EM620FV8BT series are available in KGD, JEDEC
standard 32 pin 8mm x 20mm TSOP.
PRODUCT FAMILY
Product
Family
Operating
Temperature
Vcc Range
Speed
Power Dissipation
PKG Type
Standby
(ISB1, Typ.)
Operating
(ICC1.Max)
EM620FV8BT-45LF
Industrial (-40 ~ 85oC)
2.7V~3.6V
45ns
1
µA
3mA
32-TSOP1
EM620FV8BT-55LF
Industrial (-40 ~ 85oC)
2.7V~3.6V
55ns
1
µA
3mA
32-TSOP1
EM620FV8BT-70LF
Industrial (-40 ~ 85oC)
2.7V~3.6V
70ns
1
µA
3mA
32-TSOP1
FUNCTIONAL BLOCK DIAGRAM
PIN DESCRIPTION
Name
Function
Name
Function
CS1,CS2
Chip select inputs
Vcc
Power Supply
OE
Output Enable input
Vss
Ground
WE
Write Enable input
NC
No Connection
A0~A17
Address Inputs
I/O0~I/O7
Data Inputs/Outputs
EM620FV8BT-45LF
2
3
4
5
6
7
8
A11
A9
9
10
11
12
13
14
15
16
A8
A13
WE
CS2
A15
VCC
A17
A16
A14
A12
A7
A6
A5
A4
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
OE
CS1
A10
A0
A1
A2
A3
I/O 7
I/O 6
I/O 5
I/O 4
I/O 3
I/O 2
I/O 1
I/O 0
VSS


Similar Part No. - EM611FP8EV-55LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM611FP8EV-12LF EMLSI-EM611FP8EV-12LF Datasheet
863Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM611FP8EV-12S EMLSI-EM611FP8EV-12S Datasheet
863Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM611FP8EV-45L EMLSI-EM611FP8EV-45L Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM611FP8EV-45LF EMLSI-EM611FP8EV-45LF Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM611FP8EV-45LF EMLSI-EM611FP8EV-45LF Datasheet
863Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
More results

Similar Description - EM611FP8EV-55LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM620FV8BS EMLSI-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8B EMLSI-EM620FV8B Datasheet
427Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU8B EMLSI-EM620FU8B Datasheet
391Kb / 10P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU8BS EMLSI-EM620FU8BS Datasheet
348Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
logo
List of Unclassifed Man...
EM620FV8BS ETC2-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8B ETC2-EM620FV8B Datasheet
427Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM620FU8BT EMLSI-EM620FU8BT Datasheet
477Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8AT EMLSI-EM620FV8AT Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8AS EMLSI-EM620FV8AS Datasheet
67Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FU8 EMLSI-EM620FU8 Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com