Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TU406G Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # TU406G
Description  4A Glass Passivated Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TU406G Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  TU406G Datasheet HTML 1Page - TAITRON Components Incorporated TU406G Datasheet HTML 2Page - TAITRON Components Incorporated TU406G Datasheet HTML 3Page - TAITRON Components Incorporated TU406G Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. B/AH 2007-09-22
TU400G – TU410G
4A Glass Passivated
Bridge Rectifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON (800)-824-8766 (661)-257-6060
Fax: (800)-TAITFAX (800)-824-8329 (661)-257-6415
Page 1 of 4
4A Glass Passivated Bridge Rectifier
Features
• Glass passivated chip junction
• Low forward voltage drop
• High reliability
• Ideal for printed circuit boards
• High temperature soldering guaranteed: 250° C/10 seconds
at 5lbs.(2.3kg) tension
• RoHS compliant
Mechanical Data
Case:
TU, Epoxy meets UL 94V-0 flammability rating
Terminals:
Plated leads solderable per MIL-STD-202, Method 208
Polarity:
Polarity symbols marked on case
Mounting
Torque:
8.8 in. – lbs. max.
Weight:
8.0 grams (approx)
Maximum Ratings And Electrical Characteristics (T
amb=25˚C)
Symbols
Parameter
TU
400G
TU
401G
TU
402G
TU
404G
TU
406G
TU
408G
TU
410G
Unit
Conditions
VRRM
Maximum Repetitive Peak
Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Maximum RMS Voltage
35
70
140
280
420
560
700
V
VDC
Maximum DC Blocking Voltage
50
100
200
400
600
800
1000
V
IF(AV)
Maximum Average Forward
Rectified Current (Note 1)
4.0
A
TA=100˚C
IFSM
Peak Forward Surge Current
200
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
Method)
VF
Maximum Instantaneous
Forward Voltage Drop per leg
1.0
V
IF=4.0A
5.0
TA=25°C
IR
Maximum DC Reverse Current
at Rated DC Blocking Voltage
per leg
500
µA
TA=125°C
TU


Similar Part No. - TU406G

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TU406 TAITRON-TU406 Datasheet
200Kb / 4P
   4A Bridge Rectifiers
More results

Similar Description - TU406G

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
BL4-005G-LFR FRONTIER-BL4-005G-LFR Datasheet
122Kb / 2P
   4A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBL410_HF DIODES-GBL410_HF Datasheet
431Kb / 5P
   4A GLASS PASSIVATED BRIDGE RECTIFIER
logo
TAITRON Components Inco...
GBL005 TAITRON-GBL005 Datasheet
209Kb / 4P
   4A Glass Passivated Bridge Rectifier
logo
Diodes Incorporated
GBL410 DIODES-GBL410 Datasheet
374Kb / 5P
   4A GLASS PASSIVATED BRIDGE RECTIFIER
logo
TAITRON Components Inco...
TL400G TAITRON-TL400G Datasheet
126Kb / 4P
   4A Glass Passivated Bridge Rectifier
logo
Frontier Electronics.
BL4-005G FRONTIER-BL4-005G Datasheet
122Kb / 2P
   4A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Nell Semiconductor Co.,...
KBJ4 NELLSEMI-KBJ4 Datasheet
232Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 4A
logo
Diodes Incorporated
TT410 DIODES-TT410 Datasheet
541Kb / 5P
   4A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
KBPF404G TSC-KBPF404G Datasheet
362Kb / 5P
   4A, 400V - 1000V Glass Passivated Bridge Rectifier
TS4K40-A TSC-TS4K40-A Datasheet
462Kb / 5P
   4A, 400V - 800V Glass Passivated Bridge Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com