Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

450TAM1R252A2A2 Datasheet(PDF) 3 Page - CTS Corporation

Part # 450TAM1R252A2A2
Description  Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

450TAM1R252A2A2 Datasheet(HTML) 3 Page - CTS Corporation

  450TAM1R252A2A2 Datasheet HTML 1Page - CTS Corporation 450TAM1R252A2A2 Datasheet HTML 2Page - CTS Corporation 450TAM1R252A2A2 Datasheet HTML 3Page - CTS Corporation 450TAM1R252A2A2 Datasheet HTML 4Page - CTS Corporation 450TAM1R252A2A2 Datasheet HTML 5Page - CTS Corporation 450TAM1R252A2A2 Datasheet HTML 6Page - CTS Corporation 450TAM1R252A2A2 Datasheet HTML 7Page - CTS Corporation 450TAM1R252A2A2 Datasheet HTML 8Page - CTS Corporation 450TAM1R252A2A2 Datasheet HTML 9Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TGC
SPST
6 amps @ 125 volts AC
Rotary
UL & CSA Recognized
Actuating angle – 20˚
Actuating Torque – 7 to 17 in. oz.
(504 to 1225 gf-cm)
FR-GC
SPST
3 amps @ 125 volts,
Rotary
1 amp @ 250 volts AC
UL Recognized
GC
SPST
5 amps @ 20 volts DC
Rotary
(Automotive)
Actuating angle – 20˚
Actuating Torque – 7 to 17 in. oz.
(504 to 1225 gf-cm)
Contact
Series
Arrangemen t
Electrical Ratin g
Outline Drawing
DIMENSION:
mm
inch
POWER SWITCHES
HOLES 2.39/.094x3.18/.125
SWITCH TERMINAL
.515
6.7
Ø23.4
13.1
.250
6.4
.265
.921
Ø23.4
.921
.515
13.1
SWITCH TERMINAL
HOLES 2.39/.094x3.18/.125
6.4
.250
6.7
.265
SWITCH TERMINAL
13.1
.515
6.4
.250
6.7
.265
Ø23.4
.921
HOLES 2.39/.094x3.18/.125
TV-023
SPST
TV-5 rating
Actuating angle – 20˚
Actuating Torque – 10 to 20 in. oz.
(720 to 1441 gf-cm)
DIMENSION:
mm
inch
DIMENSION:
mm
inch
Rotary
UL & CSA Recognized
3 - 9
CTS Electronic Components
www.ctscorp.com
01/25/07
© 2007 CTS Corporation. All rights reserved. Information subject to change.


Similar Part No. - 450TAM1R252A2A2

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
450TA102BB1 CTS-450TA102BB1 Datasheet
65Kb / 2P
   Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
450TA102BB1S CTS-450TA102BB1S Datasheet
65Kb / 2P
   Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
450TA102BB2 CTS-450TA102BB2 Datasheet
65Kb / 2P
   Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
450TA102BB2S CTS-450TA102BB2S Datasheet
65Kb / 2P
   Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
450TA102BB3 CTS-450TA102BB3 Datasheet
65Kb / 2P
   Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
More results

Similar Description - 450TAM1R252A2A2

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
450 CTS-450 Datasheet
65Kb / 2P
   Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
026 CTS-026 Datasheet
822Kb / 4P
   Industrial 15/16 inch (24mm) Diameter, 5-Watt, Wirewound Variable Resistors
450T220R103B1 CTS-450T220R103B1_16 Datasheet
269Kb / 9P
   Industrial 24mm Diameter 1/2 Watt, Composition Rotary Potentiometer
250 CTS-250 Datasheet
1Mb / 4P
   Commercial Composition 9mm Diameter Variable Resistors
296 CTS-296 Datasheet
420Kb / 2P
   Commercial 12mm Diameter Composition Variable Resistors
295 CTS-295 Datasheet
581Kb / 2P
   Commercial 24mm Diameter Composition Element Long Life Variable Resistor
280 CTS-280 Datasheet
690Kb / 4P
   Commercial Miniature 16mm Diameter Composition Variable Resistors
logo
RHOPOINT COMPONENTS
CC50 RHOPOINT-CC50 Datasheet
304Kb / 2P
   Replaces 1 and 2 watt carbon composition resistors
logo
MERITEK ELECTRONICS COR...
SRCM MERITEK-SRCM Datasheet
461Kb / 2P
   Replaces 1 and 2 watt carbon composition resistors
logo
CTS Corporation
270 CTS-270 Datasheet
1Mb / 6P
   Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com