Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSL-204UTG Datasheet(PDF) 3 Page - Unity Opto Technology

Part # MSL-204UTG
Description  ALLEDs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MSL-204UTG Datasheet(HTML) 3 Page - Unity Opto Technology

  MSL-204UTG Datasheet HTML 1Page - Unity Opto Technology MSL-204UTG Datasheet HTML 2Page - Unity Opto Technology MSL-204UTG Datasheet HTML 3Page - Unity Opto Technology MSL-204UTG Datasheet HTML 4Page - Unity Opto Technology MSL-204UTG Datasheet HTML 5Page - Unity Opto Technology MSL-204UTG Datasheet HTML 6Page - Unity Opto Technology MSL-204UTG Datasheet HTML 7Page - Unity Opto Technology MSL-204UTG Datasheet HTML 8Page - Unity Opto Technology MSL-204UTG Datasheet HTML 9Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Maximum Ratings
C1 :
0.28 ~
0.36
P1 :
45
~
56
Unit
C2 :
0.36 ~
0.45
P2 :
56
~
71
UOL,SO
B,UB,MB
D1 :
0.45 ~
0.56
Q1 :
71
~
90
UYL,UG
TG,UTG
D2 :
0.56 ~
0.71
Q2 :
90
~
112
TUYL,TUOL
MTG
E1 :
0.71 ~
0.90
R1 :
112
~
140
Operating Temp. range
T OP
oC
E2 :
0.90 ~
1.12
R2 :
140
~
180
Storage Temp. range
T stg
oC
F1 :
1.12 ~
1.40
S1 :
180
~
224
Junction temperature
T j
125
110
oC
F2 :
1.40 ~
1.80
S2 :
224
~
280
Forward current
I F
mA
G1 :
1.80 ~
2.24
T1 :
280
~
355
Surge current
I FM
A
G2 :
2.24 ~
2.80
T2 :
355
~
450
t < 10ms, D=0.005
H1 :
2.80 ~
3.55
U1 :
450
~
560
Reverse Voltage
V R
V
H2 :
3.55 ~
4.50
U2 :
560
~
710
Power dissipation
P tot
80
85
mW
J1 :
4.50 ~
5.60
V1 :
710
~
900
Thermal resistance
J2 :
5.60 ~
7.10
V2 :
900
~
1120
(Junction/ambient)
K1 :
7.10 ~
9.00
AA :
1120
~
1400
Thermal resistance
K2 :
9.00 ~
11.20
AB :
1400
~
1800
(Junction/soldering point)
L1 :
11.20 ~
14.00
BA :
1800
~
2240
mounted on PC board FR4 (pad size 16 mm
2)
L2 :
14.00 ~
18.00
BB :
2240
~
2800
M1 :
18.00 ~
22.40
CA :
2800
~
3550
M2 :
22.40 ~
28.00
CB :
3550
~
4500
N1 :
28.00 ~
35.50
DA :
4500
~
5600
N2 :
35.50 ~
45.00
DB :
5600
~
7100
Luminous intensity is tested at a current pulse duration
MSL-204MTG
Green
500
1440
Colorless clear
MSL-204MB
Blue
120
345
180
870
520
440
150
350
440
Luminous
Flux
Φ
V (mlm) @ 20mA
120
230
410
810
230
Luminous
Intensity
IV (mcd) @ 20mA
40
Orange
Red
Red
Part Number
Yellow-Green
Color of
Emission
Blue
MSL-204SO
MSL-204UOL
MSL-204DR
80
of 25 ms and an accuracy of +/- 11%
MSL-204UB
MSL-204TG
MSL-204UTG
MSL-204UG
MSL-204UYL
Yellow
Selection Guide
MSL-204B
Color of the
Light Emitting
Area
Blue
Green
Green
R th JA
50
Luminous Intensity Groups
MSL-204HW
White
White
130
5
-40 ~ +100
30
0.5
280
180
K/W
R th JS
1160
400
580
K/W
500
400
-40 ~ +100
Value
200
Symbol
140
200
580
380
280
80
120
150
150
300
Parameter
MSL-204TUYL
MSL-204TUOL
MSL-204MW
White
MSL-204UW
White
Yellow
Red
MSL-204W
3


Similar Part No. - MSL-204UTG

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MSL-204RGBAH UOT-MSL-204RGBAH Datasheet
47Kb / 3P
   Surface Mount Full Color PLCC LEDs
MSL-204RGBU UOT-MSL-204RGBU Datasheet
52Kb / 3P
   Surface Mount Full Color PLCC LEDs
MSL-204TXWC UOT-MSL-204TXWC Datasheet
71Kb / 7P
   ALLEDs
More results

Similar Description - MSL-204UTG

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MSL-204TXWC UOT-MSL-204TXWC Datasheet
71Kb / 7P
   ALLEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com