Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOF-T2K2 Datasheet(PDF) 3 Page - Unity Opto Technology

Part # MOF-T2K2
Description  Fiber Optic Transmitter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MOF-T2K2 Datasheet(HTML) 3 Page - Unity Opto Technology

  MOF-T2K2 Datasheet HTML 1Page - Unity Opto Technology MOF-T2K2 Datasheet HTML 2Page - Unity Opto Technology MOF-T2K2 Datasheet HTML 3Page - Unity Opto Technology MOF-T2K2 Datasheet HTML 4Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Fiber Optic Transmitter
MOF-T2K2
Fig. 1 Measuring Method of Optical Output Coupling with Fiber
Standard optical fiber cable
Fig. 2 Measuring Method of Intput Voltage and Supply Current
Standard optical fiber cable
Input conditions and judgement method
Judgement method
Note: Vcc=5.0V (State of operating)
REV : A1
01/08/2002
Conditions
Vin=2.1V or more
Vin=0.8V or less
-21dBm<=Pc<=-15dBm, Icc=13mA or less
Pc<=-36dBm, Icc=13mA or less
Unity Opto Technology Co., Ltd.
Notes (1)Vcc=5.0V (State of operating)
(2)To bundle up the standard fiber optic cable, make it into a loop with the diameter D=10cm or more.
Optical power meter
MOF-T2K2
Unit to be measured
D
The optical power meter must be calibrated
to have the wavelength sensitivity of 660 nm.
( 0dBm=1mW )
VCC
VCC
GND
Vin
MOF-T2K2
Unit to be measured
The optical power meter must be calibrated
to have the wavelength sensitivity of 660 nm.
( 0dBm=1mW )
Vin
Icc
Vin
GND
VCC
VCC
3/4


Similar Part No. - MOF-T2K2

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MOF-T2C2 UOT-MOF-T2C2 Datasheet
43Kb / 4P
   Fiber Optic Transmitter
MOF-T2C4 UOT-MOF-T2C4 Datasheet
44Kb / 4P
   Fiber Optic Transmitter
More results

Similar Description - MOF-T2K2

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MOF-T3C2 UOT-MOF-T3C2 Datasheet
335Kb / 4P
   Fiber Optic Transmitter
MOF-T3C5 UOT-MOF-T3C5 Datasheet
42Kb / 4P
   Fiber Optic Transmitter
MOF-T3C6 UOT-MOF-T3C6 Datasheet
383Kb / 4P
   Fiber Optic Transmitter
logo
TT Electronics.
OPF320 TTELEC-OPF320 Datasheet
770Kb / 4P
   Fiber Optic Transmitter
OPF372 TTELEC-OPF372 Datasheet
756Kb / 4P
   Fiber Optic Transmitter
OPF342A TTELEC-OPF342A Datasheet
752Kb / 4P
   Fiber Optic Transmitter
logo
OPTEK Technologies
OPF390A OPTEK-OPF390A_14 Datasheet
247Kb / 3P
   Fiber Optic Transmitter
OPF395A OPTEK-OPF395A_14 Datasheet
247Kb / 3P
   Fiber Optic Transmitter
logo
Unity Opto Technology
MOF-T4K2 UOT-MOF-T4K2 Datasheet
46Kb / 4P
   Fiber Optic Transmitter
MOF-T2C4 UOT-MOF-T2C4 Datasheet
44Kb / 4P
   Fiber Optic Transmitter
logo
TT Electronics.
OPF370A TTELEC-OPF370A Datasheet
1,012Kb / 5P
   Fiber Optic Transmitter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com