Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSL-205MTG Datasheet(PDF) 8 Page - Unity Opto Technology

Part # MSL-205MTG
Description  ALLEDs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MSL-205MTG Datasheet(HTML) 8 Page - Unity Opto Technology

  MSL-205MTG Datasheet HTML 1Page - Unity Opto Technology MSL-205MTG Datasheet HTML 2Page - Unity Opto Technology MSL-205MTG Datasheet HTML 3Page - Unity Opto Technology MSL-205MTG Datasheet HTML 4Page - Unity Opto Technology MSL-205MTG Datasheet HTML 5Page - Unity Opto Technology MSL-205MTG Datasheet HTML 6Page - Unity Opto Technology MSL-205MTG Datasheet HTML 7Page - Unity Opto Technology MSL-205MTG Datasheet HTML 8Page - Unity Opto Technology MSL-205MTG Datasheet HTML 9Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MSL-204W
MSL-204MW
MSL-204UW
MSL-204HW
C1 : 0.28 ~ 0.36
P1 : 45 ~ 56
C2 : 0.36 ~ 0.45
P2 : 56 ~ 71
D1 : 0.45 ~ 0.56
Q1 : 71 ~ 90
D2 : 0.56 ~ 0.71
Q2 : 90 ~ 112
E1 : 0.71 ~ 0.90
R1 : 112 ~ 140
E2 : 0.90 ~ 1.12
R2 : 140 ~ 180
F1 : 2.12 ~ 1.40
S1 : 180 ~ 224
F2 : 1.40 ~ 1.80
S2 : 224 ~ 280
G1 : 1.80 ~ 2.24
T1 : 280 ~ 355
G2 : 2.24 ~ 2.80
T2 : 355 ~ 450
H1 : 2.80 ~ 3.55
U1 : 450 ~ 560
H2 : 3.55 ~ 4.50
U2 : 560 ~ 710
J1 : 4.50 ~ 5.60
V1 : 710 ~ 900
J2 : 5.60 ~ 7.10
V2 : 900 ~ 1120
K1 : 7.10 ~ 9.00
AA : 1120 ~ 1400
K2 : 9.00 ~ 11.20
AB : 1400 ~ 1800
L1 : 11.20 ~ 14.00 BA : 1800 ~ 2240
L2 : 14.00 ~ 18.00 BB : 2240 ~ 2800
M1 : 18.00 ~ 22.40 CA : 2800 ~ 3550
M2 : 22.40 ~ 28.00 CB : 3550 ~ 4500
N1 : 28.00 ~ 35.50 DA : 4500 ~ 5600
N2 : 35.50 ~ 45.00 DB : 5600 ~ 7100
Luminous intensity is tested at a current pulse duration
of 25 ms and an accuracy of ± 11%
X
Y
X
Y
X
Y
X
Y
NA
0.264
0.317
0.283
0.353
0.283
0.305
0.264
0.267
NB
0.264
0.267
0.283
0.305
0.296
0.276
0.280
0.248
NC
0.283
0.353
0.330
0.400
0.330
0.380
0.283
0.325
ND
0.285
0.325
0.330
0.380
0.330
0.360
0.283
0.305
NE
0.283
0.305
0.330
0.360
0.330
0.339
0.287
0.295
NF
0.287
0.295
0.330
0.339
0.330
0.318
0.296
0.276
NG
0.296
0.276
0.330
0.318
0.33
0.298
0.296
0.256
NH
0.330
0.400
0.361
0.415
0.361
0.385
0.330
0.360
NI
0.330
0.360
0.361
0.385
0.361
0.351
0.330
0.318
Chromaticity coordinate groups are tested at a current pulse duration of 25 ms and a tolerance of ±0.01
Luminous Intensity Group
1
Dominant Wavelength (in nanometers) @ IF=20mA
Bin Code
2
3
4
Unity White ALLED Bin Codes
C
B
Category Code
8


Similar Part No. - MSL-205MTG

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MSL-204RGBAH UOT-MSL-204RGBAH Datasheet
47Kb / 3P
   Surface Mount Full Color PLCC LEDs
MSL-204RGBU UOT-MSL-204RGBU Datasheet
52Kb / 3P
   Surface Mount Full Color PLCC LEDs
MSL-204TXWC UOT-MSL-204TXWC Datasheet
71Kb / 7P
   ALLEDs
More results

Similar Description - MSL-205MTG

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MSL-204TXWC UOT-MSL-204TXWC Datasheet
71Kb / 7P
   ALLEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com