Electronic Components Datasheet Search |
|
MIM-5335S5F Datasheet(PDF) 2 Page - Unity Opto Technology |
|
MIM-5335S5F Datasheet(HTML) 2 Page - Unity Opto Technology |
2 / 6 page INFRARED RECEIVER MODULE MIM-5xx5S5F Absolute Maximum Ratings Item Symbol Ratings Unit Remark Supply voltage Vs -0.3 ~ 5.5 V Supply Current Is 2.5 mA Operating temperature Topr -25 ~ + 85 oC Storage temperature Tstg -25 ~ + 85 oC Soldering temperature Tsd 260 oC t≦5 s, 1mm from case Junction Temperature Tj 100 oC Electro-optical characteristics (Vcc=5.0V) Parameter Symbol Min. Typ. Max. Unit Remarks Supply Voltage Vs 4.5 5.0 5.5 V Current consumption Icc 1.6 2.0 mA Under no signal Response wavelength λ p 940 nm Output form - - - - - active low output - - - - - H level output voltage V0h 4.2 V L level output voltage V0l 0.5 V H level output pulse width Twh 400 800 μ s L level output pulse width Twl 400 800 μ s Distance between emitter & detector L 10.0 m NOTE 1 Half angle ∆θ ±45 deg Horizonal direction Test Method A. Standard Transmitter 12/17/2003 REV: A1 Unity Opto Technology Co., Ltd. @ Ta=25℃ (Ta=25°C ) Fig 2. Standard Transmitter Measurement circuit +5.0V 10 mF Vout 25cm Transmitter Duty 50% Oscilloscope GND 10k W carrier frequency f0 duty 50% 600 ms Fig 1. Burst Wave 600 ms 600 ms ON/OFF pulse width satisfied from 25 cm to detection limit |
Similar Part No. - MIM-5335S5F |
|
Similar Description - MIM-5335S5F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |