Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TU810G Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # TU810G
Description  8A Glass Passivated Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TU810G Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  TU810G Datasheet HTML 1Page - TAITRON Components Incorporated TU810G Datasheet HTML 2Page - TAITRON Components Incorporated TU810G Datasheet HTML 3Page - TAITRON Components Incorporated TU810G Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/AH 2007-09-18
TU800G – TU810G
8A Glass Passivated
Bridge Rectifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON (800)-824-8766 (661)-257-6060
Fax: (800)-TAITFAX (800)-824-8329 (661)-257-6415
Page 1 of 4
8A Glass Passivated Bridge Rectifier
Features
• Glass passivated chip junction
• Low forward voltage drop
• High reliability
• Ideal for printed circuit boards
• High temperature soldering guaranteed: 250° C/10 seconds
at 5lbs.(2.3kg) tension
• RoHS compliant
Mechanical Data
Case:
TU, Epoxy meets UL 94V-0 flammability rating
Terminals:
Plated leads solderable per MIL-STD-202, Method 208
Polarity:
Polarity symbols marked on case
Mounting
Torque:
8.8 in. – lbs. max.
Weight:
8.0 grams (approx)
Maximum Ratings And Electrical Characteristics (T
amb=25˚C)
Symbols
Parameter
TU
800G
TU
801G
TU
802G
TU
804G
TU
806G
TU
808G
TU
810G
Unit
Conditions
VRRM
Maximum Repetitive Peak
Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Maximum RMS Voltage
35
70
140
280
420
560
700
V
VDC
Maximum DC Blocking Voltage
50
100
200
400
600
800
1000
V
IF(AV)
Maximum Average Forward
Rectified Current (Note 1)
8.0
A
TA=100˚C
IFSM
Peak Forward Surge Current
300
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
Method)
VF
Maximum Instantaneous
Forward Voltage Drop per leg
1.0
V
IF=8.0A
10
TA=25°C
IR
Maximum DC Reverse Current
at Rated DC Blocking Voltage
per leg
500
µA
TA=125°C
TU


Similar Part No. - TU810G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TU810 ETC2-TU810 Datasheet
140Kb / 4P
   8 AMP Single-Phase Bridge Rectifier
logo
TAITRON Components Inco...
TU810 TAITRON-TU810 Datasheet
201Kb / 4P
   8A Bridge Rectifiers
More results

Similar Description - TU810G

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
GBU8 NELLSEMI-GBU8 Datasheet
159Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 8A
KBJ8 NELLSEMI-KBJ8 Datasheet
231Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 8A
logo
DONGGUAN YOU FENG WEI E...
TT801F YFWDIODE-TT801F Datasheet
359Kb / 3P
   8A SURFACE MOUNT GLASS PASSIVATED BRIDGE
TTR810F YFWDIODE-TTR810F Datasheet
369Kb / 3P
   8A SURFACE MOUNT GLASS PASSIVATED BRIDGE
logo
Frontier Electronics.
FEF80-02 FRONTIER-FEF80-02 Datasheet
131Kb / 2P
   8A FAST EFFICIENT GLASS PASSIVATED RECTIFIER
logo
Taiwan Memory Technolog...
TS8P01G TMT-TS8P01G_16 Datasheet
341Kb / 4P
   8A, 50V - 1000V Glass Passivated Bridge Rectifiers
logo
Frontier Electronics.
FEF80-02-LFR FRONTIER-FEF80-02-LFR Datasheet
131Kb / 2P
   8A FAST EFFICIENT GLASS PASSIVATED RECTIFIER
logo
Pan Jit International I...
GBPC3500 PANJIT-GBPC3500_04 Datasheet
66Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Chongqing Pingwei Enter...
GBJ10005 CHONGQING-GBJ10005 Datasheet
43Kb / 1P
   GLASS PASSIVATED BRIDGE RECTIFIER
GBJ15005 CHONGQING-GBJ15005 Datasheet
43Kb / 1P
   GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com