Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBR3U100LP-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SBR3U100LP-7
Description  3A SBR짰 SUPER BARRIER RECTIFER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR3U100LP-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  SBR3U100LP-7 Datasheet HTML 1Page - Diodes Incorporated SBR3U100LP-7 Datasheet HTML 2Page - Diodes Incorporated SBR3U100LP-7 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SBR3U100LP
Ordering Information (Note 6)
Part Number
Case
Packaging
SBR3U100LP-7
DFN3030-8
3000/Tape & Reel
Notes:
6. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
SBR is a re
Marking Information
DFN3030-8
3U10 = Product marking code
YYWW = Date code marking
YY = Last digit of year ex: 06 for 2006
WW = Week code 01 to 52
3U10
Package Outline Dimensions
D
SIDE VIEW
SIDE VIEW
BOTTOM VIEW
A1
A
A3
E2
D2
L
E
R0
.20
0
SEATING PLANE
e
b
DFN3030-8
Dim
Min
Max
Typ
A
0.57
0.63
0.60
A1
0
0.05
0.02
A3
0.15
b
0.29
0.39
0.34
D
2.90
3.10
3.00
D2
2.19
2.39
2.29
e
0.65
E
2.90
3.10
3.00
E2
1.64
1.84
1.74
L
0.30
0.60
0.45
All Dimensions in mm
SBR3U100LP
Document number: DS30998 Rev. 4 - 2
3 of 3
www.diodes.com
March 2008
© Diodes Incorporated
gistered trademark of Diodes Incorporated.
Suggested Pad Layout
Z
X
X1
G2
G1
Dimensions
Value (in mm)
G1
0.65
G2
0.39
X
2.49
X1
0.65
Z
2.59
IMPORTANT NOTICE
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes
without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product
described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall
assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website,
harmless against all damages.
LIFE SUPPORT
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written
approval of the President of Diodes Incorporated.


Similar Part No. - SBR3U100LP-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR3U150LP DIODES-SBR3U150LP Datasheet
247Kb / 5P
   3A SBR SUPER BARRIER RECTIFIER
August 2018
SBR3U150LP-7 DIODES-SBR3U150LP-7 Datasheet
247Kb / 5P
   3A SBR SUPER BARRIER RECTIFIER
August 2018
More results

Similar Description - SBR3U100LP-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR05U40CSP DIODES-SBR05U40CSP_15 Datasheet
371Kb / 4P
   0.5A SBR짰 SUPER BARRIER RECTIFER
SBR4U130LP-7 DIODES-SBR4U130LP-7 Datasheet
111Kb / 5P
   SUPER BARRIER RECTIFER
SBR4U130LP DIODES-SBR4U130LP Datasheet
315Kb / 5P
   4A SBR SUPER BARRIER RECTIFER
August 2018
SBR1U40LP DIODES-SBR1U40LP Datasheet
110Kb / 3P
   1.0A SBR짰 SUPER BARRIER RECTIFIER
DS31108 Rev. 4 - 2
SBR10U100CT DIODES-SBR10U100CT_08 Datasheet
168Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER
DS30953 Rev. 5 - 2
SBR12A45SD1 DIODES-SBR12A45SD1 Datasheet
94Kb / 3P
   12A SBR짰 SUPER BARRIER RECTIFIER
DS31452 Rev. 2 - 2
SBR10U300CT DIODES-SBR10U300CT_08 Datasheet
174Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER
DS30991 Rev. 5 - 2
SBR30U30CT DIODES-SBR30U30CT Datasheet
270Kb / 3P
   30A SBR짰 Super Barrier Rectifier
SBR30U30 Rev. 3 - 2
SBR1040CTB DIODES-SBR1040CTB Datasheet
86Kb / 4P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR20U60 DIODES-SBR20U60_15 Datasheet
160Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com