Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSLG-QR8080A08L-92-TR70 Datasheet(PDF) 4 Page - TAITRON Components Incorporated

Part # TSLG-QR8080A08L-92-TR70
Description  High Power LED - 1W
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TSLG-QR8080A08L-92-TR70 Datasheet(HTML) 4 Page - TAITRON Components Incorporated

  TSLG-QR8080A08L-92-TR70 Datasheet HTML 1Page - TAITRON Components Incorporated TSLG-QR8080A08L-92-TR70 Datasheet HTML 2Page - TAITRON Components Incorporated TSLG-QR8080A08L-92-TR70 Datasheet HTML 3Page - TAITRON Components Incorporated TSLG-QR8080A08L-92-TR70 Datasheet HTML 4Page - TAITRON Components Incorporated TSLG-QR8080A08L-92-TR70 Datasheet HTML 5Page - TAITRON Components Incorporated TSLG-QR8080A08L-92-TR70 Datasheet HTML 6Page - TAITRON Components Incorporated TSLG-QR8080A08L-92-TR70 Datasheet HTML 7Page - TAITRON Components Incorporated TSLG-QR8080A08L-92-TR70 Datasheet HTML 8Page - TAITRON Components Incorporated TSLG-QR8080A08L-92-TR70 Datasheet HTML 9Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
High Power LED
TSLG-QR8080A08L
Reliability Test Items and Conditions
No.
Items
Test Condition
Test Hours
/ Cycles
Sample
Size
Ac/Re
1
Solderability
Tsol= 230°C, 5sec
1 times
22 PCS
0/1
2
Resistance to Solder Heat
Tsol = 260°C, 10sec,
6 Min
3 times
22 PCS
0/1
3
Temperature Cycle
H: +100°C 30min
∫ 5 min
L: - 40°C 30min
1000 Cycles
22 PCS
0/1
4
Thermal Shock
H: +110°C 20min
∫ 10 sec
L: - 40°C
20min
500 Cycles
22 PCS
0/1
5
High Temperature Storage
Temp: 110°C
1000 Hrs.
22 PCS
0/1
6
Low Temperature Storage
Temp: - 40°C
1000 Hrs.
22 PCS
0/1
7
High Temperature Operation Life #1
Ta=55°C IF=350mA
1000 Hrs.
22 PCS
0/1
8
High Temperature Operation Life #2
Ta=85°C IF=225mA
1000 Hrs.
22 PCS
0/1
9
High Temperature Operation Life #3
Ta=100°C IF=150mA
1000 Hrs.
22 PCS
0/1
10
Low Temperature Operation Life
Ta= - 40°C IF=350mA
1000 Hrs.
22 PCS
0/1
11
Power Temperature Cycle
H: +85°C 15min
∫ 5 min
L: - 40°C 15min
IF=225mA, 2min on/off
1000 cycles
22 PCS
0/1
12
High Temperature / High Humidity
Reverse Bias
85°C / 85%RH
1000 Hrs.
22 PCS
0/1
13
Intermittent operational Life
Ta=25°C, IF=1000mA
30mS on/ 2500mS off
1000 Hrs.
22 PCS
0/1
14
ESD Human Body Model
2000V, Interval: 0.5sec
3 times
22 PCS
0/1
15
ESD Machine Model
200V, Interval: 0.5sec
3 times
22 PCS
0/1
Notes:
Im: Brightness Attenuate Difference (1000hrs) <50%
VF: Forward Voltage Difference < 20%
Rev. A/LL
www.taitroncomponents.com
Page 4 of 9


Similar Part No. - TSLG-QR8080A08L-92-TR70

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TSLG-TR8080A08L TAITRON-TSLG-TR8080A08L Datasheet
520Kb / 9P
   High Power LED - 1W
TSLG-TR8080A08L-92-TR70 TAITRON-TSLG-TR8080A08L-92-TR70 Datasheet
520Kb / 9P
   High Power LED - 1W
TSLG-XR8080-A08L TAITRON-TSLG-XR8080-A08L Datasheet
495Kb / 9P
   HIGH POWER LED
TSLG-XR8080-A08L-92-TR70 TAITRON-TSLG-XR8080-A08L-92-TR70 Datasheet
495Kb / 9P
   HIGH POWER LED
More results

Similar Description - TSLG-QR8080A08L-92-TR70

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EHP-A08L EVERLIGHT-EHP-A08L Datasheet
301Kb / 11P
   High Power LED - 1W
EHP-AX08B-GT01-P01 EVERLIGHT-EHP-AX08B-GT01-P01 Datasheet
295Kb / 10P
   High Power LED - 1W
EHP-AX08B-LM01-P01 EVERLIGHT-EHP-AX08B-LM01-P01 Datasheet
296Kb / 10P
   High Power LED - 1W
EHP-AX08B-SUR01A-P01 EVERLIGHT-EHP-AX08B-SUR01A-P01 Datasheet
295Kb / 10P
   High Power LED - 1W
EHP-AX08F-SUG01 EVERLIGHT-EHP-AX08F-SUG01 Datasheet
298Kb / 10P
   High Power LED - 1W
EHP-A07-VY01-P01 EVERLIGHT-EHP-A07-VY01-P01 Datasheet
273Kb / 10P
   High Power LED - 1W
EHP-C04 EVERLIGHT-EHP-C04 Datasheet
443Kb / 11P
   High Power LED - 1W
logo
List of Unclassifed Man...
QBHP684UE-PCAU ETC1-QBHP684UE-PCAU Datasheet
1,012Kb / 10P
   1W High Power LED
logo
Everlight Electronics C...
EHP-AX08LS-DT01-P01 EVERLIGHT-EHP-AX08LS-DT01-P01 Datasheet
272Kb / 9P
   High Power LED - 1W
EHP-AX08LS-UB01-P01 EVERLIGHT-EHP-AX08LS-UB01-P01 Datasheet
270Kb / 9P
   High Power LED - 1W
EHP-AX08B-SUG01-P01 EVERLIGHT-EHP-AX08B-SUG01-P01 Datasheet
294Kb / 10P
   High Power LED - 1W
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com