Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSLG-TR8080A08L Datasheet(PDF) 7 Page - TAITRON Components Incorporated

Part # TSLG-TR8080A08L
Description  High Power LED - 1W
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TSLG-TR8080A08L Datasheet(HTML) 7 Page - TAITRON Components Incorporated

  TSLG-TR8080A08L Datasheet HTML 1Page - TAITRON Components Incorporated TSLG-TR8080A08L Datasheet HTML 2Page - TAITRON Components Incorporated TSLG-TR8080A08L Datasheet HTML 3Page - TAITRON Components Incorporated TSLG-TR8080A08L Datasheet HTML 4Page - TAITRON Components Incorporated TSLG-TR8080A08L Datasheet HTML 5Page - TAITRON Components Incorporated TSLG-TR8080A08L Datasheet HTML 6Page - TAITRON Components Incorporated TSLG-TR8080A08L Datasheet HTML 7Page - TAITRON Components Incorporated TSLG-TR8080A08L Datasheet HTML 8Page - TAITRON Components Incorporated TSLG-TR8080A08L Datasheet HTML 9Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
High Power LED
TSLG-TR8080A08L
Ordering Information
TS L G– T R 8080 – A08L-92-TR70
Lead Frame Type
Green Color
Dome Top
G-bend
Size in mm
Lead Free Tape & Reel
7=7˝ reel 0=3k per reel
Factory Location Code
Code of Frame Structure
Taitron SMD LED
Precautions For Use
1. Over-current-proof
Though the LEDs have conducted ESD protection mechanism, customer must not use the device
in reverse and should apply resistors for extra protection. Otherwise slight voltage shift may cause
enormous current change and burn out failure would happen.
2. Storage
Do not open moisture proof bag before the products are ready to use.
Before opening the package, the LEDs should be kept at 30°C or less and 90%RH or less.
The LEDs should be used within a year.
After opening the package, the LEDs should be kept at 30°C or less and 70%RH or less.
The LEDs should be used within 168 hours (7 days) after opening the package.
If the moisture absorbent material (silicone gel) has faded away or the LEDs have exceeded the
storage time, baking treatment should be performed using the following conditions.
Pre-curing treatment: 60±5°C for 24 hours.
3. Thermal Management
For maintaining the high flux output and achieving reliability, the series LED package should be
mounted on a metal core printed circuit board (MCPCB) with proper thermal connection to
dissipate approximately 1W of thermal energy under 350mA operation.
Rev. A/LL
www.taitroncomponents.com
Page 7 of 9


Similar Part No. - TSLG-TR8080A08L

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TSLG-QR8080A08L TAITRON-TSLG-QR8080A08L Datasheet
563Kb / 9P
   High Power LED - 1W
TSLG-QR8080A08L-92-TR70 TAITRON-TSLG-QR8080A08L-92-TR70 Datasheet
563Kb / 9P
   High Power LED - 1W
TSLG-XR8080-A08L TAITRON-TSLG-XR8080-A08L Datasheet
495Kb / 9P
   HIGH POWER LED
TSLG-XR8080-A08L-92-TR70 TAITRON-TSLG-XR8080-A08L-92-TR70 Datasheet
495Kb / 9P
   HIGH POWER LED
More results

Similar Description - TSLG-TR8080A08L

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EHP-A08L EVERLIGHT-EHP-A08L Datasheet
301Kb / 11P
   High Power LED - 1W
EHP-AX08B-GT01-P01 EVERLIGHT-EHP-AX08B-GT01-P01 Datasheet
295Kb / 10P
   High Power LED - 1W
EHP-AX08B-LM01-P01 EVERLIGHT-EHP-AX08B-LM01-P01 Datasheet
296Kb / 10P
   High Power LED - 1W
EHP-AX08B-SUR01A-P01 EVERLIGHT-EHP-AX08B-SUR01A-P01 Datasheet
295Kb / 10P
   High Power LED - 1W
EHP-AX08F-SUG01 EVERLIGHT-EHP-AX08F-SUG01 Datasheet
298Kb / 10P
   High Power LED - 1W
EHP-A07-VY01-P01 EVERLIGHT-EHP-A07-VY01-P01 Datasheet
273Kb / 10P
   High Power LED - 1W
EHP-C04 EVERLIGHT-EHP-C04 Datasheet
443Kb / 11P
   High Power LED - 1W
logo
List of Unclassifed Man...
QBHP684UE-PCAU ETC1-QBHP684UE-PCAU Datasheet
1,012Kb / 10P
   1W High Power LED
logo
Everlight Electronics C...
EHP-AX08LS-DT01-P01 EVERLIGHT-EHP-AX08LS-DT01-P01 Datasheet
272Kb / 9P
   High Power LED - 1W
EHP-AX08LS-UB01-P01 EVERLIGHT-EHP-AX08LS-UB01-P01 Datasheet
270Kb / 9P
   High Power LED - 1W
EHP-AX08B-SUG01-P01 EVERLIGHT-EHP-AX08B-SUG01-P01 Datasheet
294Kb / 10P
   High Power LED - 1W
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com