Electronic Components Datasheet Search |
|
ST6210L Datasheet(PDF) 8 Page - STMicroelectronics |
|
ST6210L Datasheet(HTML) 8 Page - STMicroelectronics |
8 / 10 page 8/10 ST6208L/09L ST6210L/20L DC ELECTRICAL CHARACTERISTICS(Cont’d) 2.4 AC ELECTRICAL CHARACTERISTICS ((TA =0 to +70°C unless otherwise specified Notes: 1. Period for which VDD has to be connected at 0V to allow internal Reset function at next power-up. 2 An oscillator frequency above 1MHz is recommended for reliable A/D results. 3. Measure performed with OSCin pin soldered on PCB, with an around 2pF equivalent capacitance. Symbol Parameter Test Conditions Value Unit Min. Typ. Max. tREC Supply Recovery Time (1) 100 ms fRC Internal frequency with RC oscillator2) 3) VDD=3.0V R=47k Ω R=100k Ω R=470k Ω 2.5 1.4 450 3 1.7 520 3.5 2.1 600 MHz MHz kHz CIN Input Capacitance All Inputs Pins 10 pF COUT Output Capacitance All Outputs Pins 10 pF 1 |
Similar Part No. - ST6210L |
|
Similar Description - ST6210L |