Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5414ATDKDMQ1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5414ATDKDMQ1
Description  FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5414ATDKDMQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS5414ATDKDMQ1 Datasheet HTML 5Page - Texas Instruments TAS5414ATDKDMQ1 Datasheet HTML 6Page - Texas Instruments TAS5414ATDKDMQ1 Datasheet HTML 7Page - Texas Instruments TAS5414ATDKDMQ1 Datasheet HTML 8Page - Texas Instruments TAS5414ATDKDMQ1 Datasheet HTML 9Page - Texas Instruments TAS5414ATDKDMQ1 Datasheet HTML 10Page - Texas Instruments TAS5414ATDKDMQ1 Datasheet HTML 11Page - Texas Instruments TAS5414ATDKDMQ1 Datasheet HTML 12Page - Texas Instruments TAS5414ATDKDMQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
www.ti.com
THERMAL CHARACTERISTICS
RECOMMENDED OPERATING CONDITIONS
(1)
TAS5414A, TAS5424A
SLOS535A – JULY 2007 – REVISED FEBRUARY 2008
PARAMETER
VALUE (Typical)
UNIT
Junction-to-case (heat slug) thermal
RθJC
1
°C/W
resistance, DKD package
Junction-to-case (heat slug) thermal
RθJC
1.2
°C/W
resistance, PHD package
This device is not intended to be used without a heatsink. Therefore, RθJA
RθJA
Junction-to-ambient thermal resistance
°C/W
is not specified. See the Thermal Information section.
Exposed pad dimensions, DKD package
13.8
× 5.8
mm
Exposed pad dimensions, PHD package
8
× 8
mm
MIN
TYP
MAX
UNIT
PVDDOP
DC supply voltage range relative to PGND
8
14.4
22
V
PVDDI2C
6
14.4
26.5
V
DC supply voltage range for I2C reporting
VAIN_5414
(2)
Analog audio input signal level (TAS5414A)
AC-coupled input voltage
0
0.25–1(3)
Vrms
Analog audio input signal level (TAS5424A)
AC-coupled input voltage
0
Vrms
VAIN_5424
(2)
0.5–2(3)
fAUDIO_TW
Audio frequency for tweeter detect
10
20
25
kHz
TA
Ambient temperature
–40
105
°C
An adequate heat sink is required
TJ
Junction temperature
–40
115
°C
to keep TJ within specified range.
RL
Nominal speaker load impedance
2
4
VPU
Pullup voltage supply (for open-drain logic outputs)
3
3.3 or 5
5.5
V
Resistor connected between
RPU_EXT
External pullup resistor on open-drain logic outputs
open-drain logic output and VPU
10
50
100
k
supply
RPU_I2C
1
5
10
k
I2C pullup resistance on SDA and SCL pins
Total resistance of voltage divider for I2C address
RI2C_ADD
10
100
k
slave 1 or slave 2, connected between D_BYP and
SGND pins
RREXT
External resistance on REXT pin
1% tolerance required
19.8
20
20.2
k
CD_BYP
External capacitance on D_BYP pin
10
120
nF
CA_BYP
External capacitance on A_BYP pin
10
120
nF
External capacitance to analog input pin in series
CIN
1
µF
with input signal
CFLY
Flying capacitor on charge pump
0.47
1
1.5
µF
CP
Charge pump capacitor
0.47
1
1.5
µF
CMUTE
Capacitance on MUTE pin
3.3
330
nF
COSCSYNC_MAX
Allowed loading capacitance on OSC_SYNC pin
5
pF
(1)
The Recommended Operating Conditions table specifies only that the device is functional in the given range. See the Electrical
Characteristics table for specified performance limits.
(2)
Signal input for full unclipped output with gains of 32 dB, 26 dB, 20 dB, and 12 dB
(3)
Maximum recommended input voltage is determined by the gain setting.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TAS5414A TAS5424A


Similar Part No. - TAS5414ATDKDMQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5414ATDKDMQ1 TI-TAS5414ATDKDMQ1 Datasheet
990Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414ATDKDMQ1 TI1-TAS5414ATDKDMQ1 Datasheet
3Mb / 55P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414ATDKDMQ1G4 TI-TAS5414ATDKDMQ1G4 Datasheet
990Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414ATDKDMQ1G4 TI1-TAS5414ATDKDMQ1G4 Datasheet
3Mb / 55P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
More results

Similar Description - TAS5414ATDKDMQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5414A TI-TAS5414A_15 Datasheet
1Mb / 53P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414C-Q1 TI1-TAS5414C-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   Four-Channel Automotive Digital Amplifiers
TAS5414A TI1-TAS5414A_17 Datasheet
3Mb / 55P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414A TI-TAS5414A Datasheet
990Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI1-TAS5414B-Q1 Datasheet
1,009Kb / 39P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI1-TAS5414B-Q1_16 Datasheet
2Mb / 46P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI-TAS5414B-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414_0705 TI-TAS5414_0705 Datasheet
886Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414CTPHDRQ1 TI-TAS5414CTPHDRQ1 Datasheet
1Mb / 39P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414 TI-TAS5414 Datasheet
880Kb / 41P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com