Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM6431 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6431
Description  Digital Media Processor
Download  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6431 Datasheet(HTML) 5 Page - Texas Instruments

  TMS320DM6431 Datasheet HTML 1Page - Texas Instruments TMS320DM6431 Datasheet HTML 2Page - Texas Instruments TMS320DM6431 Datasheet HTML 3Page - Texas Instruments TMS320DM6431 Datasheet HTML 4Page - Texas Instruments TMS320DM6431 Datasheet HTML 5Page - Texas Instruments TMS320DM6431 Datasheet HTML 6Page - Texas Instruments TMS320DM6431 Datasheet HTML 7Page - Texas Instruments TMS320DM6431 Datasheet HTML 8Page - Texas Instruments TMS320DM6431 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 226 page
background image
Contents
TMS320DM6431
Digital Media Processor
www.ti.com
SPRS342C – NOVEMBER 2006 – REVISED JUNE 2008
Ranges of Supply Voltage and Operating
1
TMS320DM6431 Digital Media Processor
........... 1
Temperature (Unless Otherwise Noted)
........... 118
1.1
Features
.............................................. 1
6
Peripheral Information and Electrical
1.2
Description
............................................ 2
Specifications
......................................... 119
1.3
Functional Block Diagram
............................ 4
6.1
Parameter Information
............................. 119
Revision History
............................................... 6
6.2
Recommended Clock and Control Signal Transition
2
Device Overview
......................................... 7
Behavior
............................................ 120
2.1
Device Characteristics
................................ 7
6.3
Power Supplies
.................................... 121
2.2
CPU (DSP Core) Description
......................... 8
6.4
Enhanced Direct Memory Access (EDMA3)
Controller
........................................... 128
2.3
C64x+ CPU
.......................................... 11
6.5
Reset
............................................... 140
2.4
Memory Map Summary
............................. 12
6.6
External Clock Input From MXI/CLKIN Pin
........ 149
2.5
Pin Assignments
.................................... 16
6.7
Clock PLLs
......................................... 151
2.6
Terminal Functions
.................................. 24
6.8
Interrupts
........................................... 156
2.7
Device Support
...................................... 56
2.8
Device and Development-Support Tool
6.9
External Memory Interface (EMIF)
................. 159
Nomenclature
....................................... 56
6.10
Video Processing Sub-System (VPSS) Overview
. 168
2.9
Documentation Support
............................. 58
6.11
Universal Asynchronous Receiver/Transmitter
(UART)
............................................. 173
3
Device Configurations
................................. 59
6.12
Inter-Integrated Circuit (I2C)
....................... 175
3.1
System Module Registers
........................... 59
6.13
Multichannel Buffered Serial Port (McBSP)
........ 179
3.2
Power Considerations
............................... 60
6.14
Multichannel Audio Serial Port (McASP0)
3.3
Clock Considerations
................................ 62
Peripheral
.......................................... 188
3.4
Boot Sequence
...................................... 63
6.15
High-End Controller Area Network Controller
3.5
Configurations At Reset
............................. 74
(HECC)
............................................. 196
3.6
Configurations After Reset
.......................... 75
6.16
Ethernet Media Access Controller (EMAC)
........ 202
3.7
Multiplexed Pin Configurations
...................... 79
6.17
Management Data Input/Output (MDIO)
.......... 209
3.8
Device Initialization Sequence After Reset
........ 111
6.18
Timers
.............................................. 210
3.9
Debugging Considerations
......................... 113
6.19
Pulse Width Modulator (PWM)
..................... 213
4
System Interconnect
................................. 114
6.20
General-Purpose Input/Output (GPIO)
............. 215
4.1
System Interconnect Block Diagram
............... 114
6.21
IEEE 1149.1 JTAG
................................. 219
5
Device Operating Conditions
....................... 116
7
Mechanical Data
....................................... 221
5.1
Absolute Maximum Ratings Over Operating
7.1
Thermal Data for ZWT
............................. 221
Temperature Range (Unless Otherwise Noted)
... 116
7.1.1
Thermal Data for ZDU
............................. 222
5.2
Recommended Operating Conditions
............. 117
7.1.2
Packaging Information
............................. 222
5.3
Electrical Characteristics Over Recommended
Submit Documentation Feedback
Contents
5


Similar Part No. - TMS320DM6431

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6431 TI-TMS320DM6431 Datasheet
1Mb / 225P
[Old version datasheet]   Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431 Datasheet
1Mb / 227P
[Old version datasheet]   Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431 Datasheet
1Mb / 227P
[Old version datasheet]   Digital Media Processor
TMS320DM6431Q TI1-TMS320DM6431Q Datasheet
1Mb / 227P
[Old version datasheet]   Digital Media Processor
TMS320DM6431ZDU3 TI1-TMS320DM6431ZDU3 Datasheet
1Mb / 227P
[Old version datasheet]   Digital Media Processor
More results

Similar Description - TMS320DM6431

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6431 TI-TMS320DM6431 Datasheet
1Mb / 225P
[Old version datasheet]   Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433 Datasheet
2Mb / 271P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI-TMS320DM647_10 Datasheet
1Mb / 181P
[Old version datasheet]   Digital Media Processor
TMS320DM6437 TI-TMS320DM6437_08 Datasheet
2Mb / 305P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI1-TMS320DM647_16 Datasheet
1Mb / 190P
[Old version datasheet]   Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431_15 Datasheet
1Mb / 227P
[Old version datasheet]   Digital Media Processor
TMS320DM6435 TI1-TMS320DM6435_16 Datasheet
2Mb / 252P
[Old version datasheet]   Digital Media Processor
TMS320DM6435 TI1-TMS320DM6435_17 Datasheet
2Mb / 252P
[Old version datasheet]   Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431_17 Datasheet
1Mb / 227P
[Old version datasheet]   Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433_17 Datasheet
2Mb / 271P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI-TMS320DM647_08 Datasheet
1Mb / 167P
[Old version datasheet]   Digital Media Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com