Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB82AA2-EP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TSB82AA2-EP
Description  1394b OHCI-Lynx Controller Data Manual
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB82AA2-EP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TSB82AA2-EP Datasheet HTML 7Page - Texas Instruments TSB82AA2-EP Datasheet HTML 8Page - Texas Instruments TSB82AA2-EP Datasheet HTML 9Page - Texas Instruments TSB82AA2-EP Datasheet HTML 10Page - Texas Instruments TSB82AA2-EP Datasheet HTML 11Page - Texas Instruments TSB82AA2-EP Datasheet HTML 12Page - Texas Instruments TSB82AA2-EP Datasheet HTML 13Page - Texas Instruments TSB82AA2-EP Datasheet HTML 14Page - Texas Instruments TSB82AA2-EP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 102 page
background image
1--3
1.2 Features
The TSB82AA2-EP device supports the following features:
Controlled Baseline
--
One Assembly/Test Site, One Fabrication Site
Extended Temperature Performance of --40
°Cto85°C
Enhanced Diminishing Manufacturing Sources (DMS) Support
Enhanced Product-Change Notification
Qualification Pedigree
Single 3.3-V supply (1.8-V internal core voltage with regulator)
3.3-V and 5-V PCI signaling environments
Serial bus data rates of 100M bits/s, 200M bits/s, 400M bits/s, and 800M bits/s
Physical write posting of up to three outstanding transactions
Serial ROM or boot ROM interface supports 2-wire serial EEPROM devices
33-MHz/64-bit and 33-MHz/32-bit selectable PCI interface
Multifunction terminal (MFUNC terminal 1):
--
PCI_CLKRUN protocol per the PCI Mobile Design Guide
--
General-purpose I/O
--
CYCLEIN/CYCLEOUT for external cycle timer control for customized synchronization
PCI burst transfers and deep FIFOs to tolerate large host latency:
--
Transmit FIFO—5K asynchronous
--
Transmit FIFO—2K isochronous
--
Receive FIFO—2K asynchronous
--
Receive FIFO—2K isochronous
D0, D1, D2, and D3 power states and PME events per the PCI Bus Power Management Interface
Specification
Programmable asynchronous transmit threshold
Isochronous receive dual-buffer mode
Out-of-order pipelining for asynchronous transmit requests
Register access fail interrupt when the PHY SYSCLK is not active
Initial bandwidth available and initial channels available registers
Digital video and audio performance enhancements
Fabricated in advanced low-power CMOS process
Packaged in 144-terminal LQFP (PGE)
Component qualification in accordance with JEDEC and industry standards to ensure reliable operation over an extended temperature range.
This includes, but is not limited to, Highly Accelerated Stress Test (HAST) or biased 85/85, temperature cycle, autoclave or unbiased HAST,
electromigration, bond intermetallic life, and mold compound life. Such qualification testing should not be viewed as justifying use of this
component beyond specified performance and environmental limits.


Similar Part No. - TSB82AA2-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB82AA2-EP TI1-TSB82AA2-EP Datasheet
678Kb / 103P
[Old version datasheet]   1394b OHCI-Lynx Controller
TSB82AA2-EP TI1-TSB82AA2-EP_14 Datasheet
678Kb / 103P
[Old version datasheet]   1394b OHCI-Lynx Controller
More results

Similar Description - TSB82AA2-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB82AA2B TI-TSB82AA2B Datasheet
79Kb / 5P
[Old version datasheet]   1394b OHCI-Lynx??CONTROLLER
TSB82AA2IPGE TI1-TSB82AA2IPGE Datasheet
33Kb / 3P
[Old version datasheet]   1394b OHCI-Lynx Controller
TSB82AA2 TI-TSB82AA2 Datasheet
461Kb / 104P
[Old version datasheet]   1394b OHCI-LYNX CONTROLLER
TSB82AA2-EP TI1-TSB82AA2-EP_14 Datasheet
678Kb / 103P
[Old version datasheet]   1394b OHCI-Lynx Controller
TSB82AA2 TI1-TSB82AA2_14 Datasheet
40Kb / 4P
[Old version datasheet]   1394b OHCI-Lynx Controller
TSB82AA2B TI1-TSB82AA2B_14 Datasheet
539Kb / 102P
[Old version datasheet]   OHCI-Lynx Controller
TSB12LV26 TI1-TSB12LV26_14 Datasheet
82Kb / 6P
[Old version datasheet]   OHCI-Lynx??PCI-Based IEEE 1394 Host Controller
TSB12LV26PZT TI-TSB12LV26PZT Datasheet
62Kb / 5P
[Old version datasheet]   OHCI-Lynx PCI-Based IEEE 1394 Host Controller
TSB12LV26 TI-TSB12LV26 Datasheet
391Kb / 91P
[Old version datasheet]   OHCI-Lynx PCI-BASED IEEE 1394 HOST CONTROLLER
TSB12LV22 TI-TSB12LV22 Datasheet
657Kb / 45P
[Old version datasheet]   OHCI-Lynx PCI-BASED IEEE 1394 HOST CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com