Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT4004VP2-T3 Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT4004VP2-T3
Description  4-Channel Constant Current LED Driver with EZDim?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT4004VP2-T3 Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT4004VP2-T3 Datasheet HTML 3Page - Catalyst Semiconductor CAT4004VP2-T3 Datasheet HTML 4Page - Catalyst Semiconductor CAT4004VP2-T3 Datasheet HTML 5Page - Catalyst Semiconductor CAT4004VP2-T3 Datasheet HTML 6Page - Catalyst Semiconductor CAT4004VP2-T3 Datasheet HTML 7Page - Catalyst Semiconductor CAT4004VP2-T3 Datasheet HTML 8Page - Catalyst Semiconductor CAT4004VP2-T3 Datasheet HTML 9Page - Catalyst Semiconductor CAT4004VP2-T3 Datasheet HTML 10Page - Catalyst Semiconductor CAT4004VP2-T3 Datasheet HTML 11Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
CAT4004
Doc. No. MD-5024 Rev. B
8
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
BLOCK DIAGRAM
4 Current Sink
Regulators
Current
Setting DAC
Undervoltage
Lockout
Register
Serial
Interface
RSET
100kΩ
EN/DIM
GND
VIN
VIN
Reference
Voltage
Figure 2. CAT4004 Functional Block Diagram
BASIC OPERATION
The CAT4004 uses four tightly matched current
sinks to accurately regulate LED current in each
channel proportional to the current sourced from the
RSET pin.
SET
LED
R
V
6
.
0
GAIN
I
×
=
There are six different gain settings for LED
brightness that can be set through the EN/DIM pin.
The default gain on power-up is 132. Tight current
regulation for all channels is possible over a wide
range of input and LED voltages due to independent
current sensing circuitry on each channel.
Each LED channel needs a minimum of 150mV
headroom to sink constant regulated current. If the
input supply falls below 1.8V, the under-voltage
lockout circuit disables all LED channels and resets
the circuit to default values. Any unused LED
channels should be left open.


Similar Part No. - CAT4004VP2-T3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4004VP2-T3 CATALYST-CAT4004VP2-T3 Datasheet
295Kb / 11P
   4-Channel Constant Current LED Driver with EZDi TM
logo
ON Semiconductor
CAT4004VP2-T3 ONSEMI-CAT4004VP2-T3 Datasheet
219Kb / 11P
   4-Channel Constant Current LED Driver with EZDim
Doc. No. MD-5024 Rev. C
CAT4004VP2-T3 ONSEMI-CAT4004VP2-T3 Datasheet
149Kb / 10P
   4-Channel Constant Current LED Driver with EZDim
March, 2010 ??Rev. 2
More results

Similar Description - CAT4004VP2-T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4004 ONSEMI-CAT4004 Datasheet
149Kb / 10P
   4-Channel Constant Current LED Driver with EZDim
March, 2010 ??Rev. 2
CAT4004VP2-T3 ONSEMI-CAT4004VP2-T3 Datasheet
219Kb / 11P
   4-Channel Constant Current LED Driver with EZDim
Doc. No. MD-5024 Rev. C
logo
SamHop Microelectronics...
SM6704 SAMHOP-SM6704 Datasheet
86Kb / 1P
   4-Channel Constant Current LED Driver
SM6704A SAMHOP-SM6704A Datasheet
86Kb / 1P
   4-Channel Constant Current LED Driver
logo
M.S. Kennedy Corporatio...
SM6704A MSK-SM6704A Datasheet
86Kb / 1P
   4-Channel Constant Current LED Driver
SM6704 MSK-SM6704 Datasheet
86Kb / 1P
   4-Channel Constant Current LED Driver
logo
Catalyst Semiconductor
CAT4004 CATALYST-CAT4004 Datasheet
295Kb / 11P
   4-Channel Constant Current LED Driver with EZDi TM
logo
List of Unclassifed Man...
UCS2904B ETC-UCS2904B Datasheet
488Kb / 8P
   4-channel LED constant current driver UCS2904B
ver2.
logo
Lowpower Semiconductor ...
LP3360 POWER-LP3360 Datasheet
225Kb / 6P
   4-Channel Constant Current White LED Driver
logo
ON Semiconductor
CAT3616 ONSEMI-CAT3616 Datasheet
322Kb / 14P
   6-Channel Charge Pump LED Driver with EZDim
April, 2010 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com