Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT4016VS-T2 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT4016VS-T2
Description  16-Channel Constant Current LED Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT4016VS-T2 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT4016VS-T2 Datasheet HTML 1Page - Catalyst Semiconductor CAT4016VS-T2 Datasheet HTML 2Page - Catalyst Semiconductor CAT4016VS-T2 Datasheet HTML 3Page - Catalyst Semiconductor CAT4016VS-T2 Datasheet HTML 4Page - Catalyst Semiconductor CAT4016VS-T2 Datasheet HTML 5Page - Catalyst Semiconductor CAT4016VS-T2 Datasheet HTML 6Page - Catalyst Semiconductor CAT4016VS-T2 Datasheet HTML 7Page - Catalyst Semiconductor CAT4016VS-T2 Datasheet HTML 8Page - Catalyst Semiconductor CAT4016VS-T2 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
CAT4016
© Catalyst Semiconductor, Inc.
1
Doc. No. MD-5028 Rev. C
Characteristics subject to change without notice
16-Channel Constant Current LED Driver
FEATURES
16 Constant current-sink channels
Serial interface up to 25MHz clock frequency
3V to 5.5V logic supply
LED current range from 2mA to 100mA
LED current set by external RSET resistor
300mV LED dropout at 30mA
Thermal shutdown protection
Available in RoHS-compliant 24-lead SOIC,
TSSOP, QSOP, and 4 x 4mm TQFN packages
APPLICATION
Billboard Display
Marquee Display
Instrument Display
General Purpose Display
For Ordering Information details, see page 14.
DESCRIPTION
The CAT4016 is a 16 channel constant current driver
for
LED
billboard
and
other
general
display
applications. LED channel currents are programmed
together via an external RSET resistor. Low output
voltage operation on the LED channels as low as 0.4V
(for 2 to 100mA LED current) allows for more power
efficient designs.
A high-speed 4-wire serial interface of up to 25MHz
clock frequency controls each individual channel using
a shift register and latch configuration. A serial output
data pin (SOUT) allows multiple devices to be
cascaded and programmed via one serial interface.
The device also includes a blanking control pin
(BLANK) that can be used to disable all channels
independently of the interface.
Thermal shutdown protection is incorporated in the
device to disable the LED outputs if the die
temperature exceeds a set limit.
The device is available in the 24-lead SOIC, TSSOP,
QSOP and the compact TQFN 4 x 4mm packages.
TYPICAL APPLICATION CIRCUIT
LED1
VDD
VIN
3V to
5.5V
1µF
20mA
3k
BLANK
LATCH
SIN
CLK
LED2
GND
CAT4016
LED16
SOUT
to next
device
RSET


Similar Part No. - CAT4016VS-T2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4016VS-T2 CATALYST-CAT4016VS-T2 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016VS-T2 ONSEMI-CAT4016VS-T2 Datasheet
293Kb / 15P
   16-Channel Constant Current LED Driver
Doc. No. MD-5028 Rev. D
CAT4016VS-T2 ONSEMI-CAT4016VS-T2 Datasheet
180Kb / 14P
   16-Channel Constant Current LED Driver
April, 2010 ??Rev. 4
More results

Similar Description - CAT4016VS-T2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016 Datasheet
180Kb / 14P
   16-Channel Constant Current LED Driver
April, 2010 ??Rev. 4
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
   16-channel constant current LED driver
logo
LDT Co., Ltd
LD1018 LDT-LD1018 Datasheet
386Kb / 24P
   16 Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016W-T1 ONSEMI-CAT4016W-T1 Datasheet
293Kb / 15P
   16-Channel Constant Current LED Driver
Doc. No. MD-5028 Rev. D
logo
Marktech Corporate
TC62D776CFG MARKTECH-TC62D776CFG_15 Datasheet
525Kb / 33P
   16-Channel Constant-Current LED Driver
TC62D776CFNAG MARKTECH-TC62D776CFNAG_15 Datasheet
567Kb / 33P
   16-Channel Constant-Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016_15 Datasheet
121Kb / 14P
   16-Channel Constant Current LED Driver
July, 2015 ??Rev. 5
logo
LDT Co., Ltd
LD1016H LDT-LD1016H Datasheet
552Kb / 21P
   16 Channel Constant current LED Driver
logo
SHANGHAI BELLING CO., L...
BL8589 BELLING-BL8589 Datasheet
416Kb / 12P
   16-Channel Constant-Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com