Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT4016VSR-T2 Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT4016VSR-T2
Description  16-Channel Constant Current LED Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT4016VSR-T2 Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT4016VSR-T2 Datasheet HTML 3Page - Catalyst Semiconductor CAT4016VSR-T2 Datasheet HTML 4Page - Catalyst Semiconductor CAT4016VSR-T2 Datasheet HTML 5Page - Catalyst Semiconductor CAT4016VSR-T2 Datasheet HTML 6Page - Catalyst Semiconductor CAT4016VSR-T2 Datasheet HTML 7Page - Catalyst Semiconductor CAT4016VSR-T2 Datasheet HTML 8Page - Catalyst Semiconductor CAT4016VSR-T2 Datasheet HTML 9Page - Catalyst Semiconductor CAT4016VSR-T2 Datasheet HTML 10Page - Catalyst Semiconductor CAT4016VSR-T2 Datasheet HTML 11Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
CAT4016
© Catalyst Semiconductor, Inc.
7
Doc. No. MD-5028 Rev. C
Characteristics subject to change without notice
TYPICAL PERFORMANCE CHARACTERISTICS
VDD = 5.0V, LED current 30mA, all LEDs On, TAMB = 25°C unless otherwise specified.
RSET Voltage vs. Temperature
1.10
1.15
1.20
1.25
1.30
-50
0
50
100
150
TEMPERATURE [°C]
LED Current vs. Temperature
28.5
29.0
29.5
30.0
30.5
31.0
31.5
-50
0
50
100
150
TEMPERATURE [°C]
Internal Pull-Down Current (LATCH pin)
0
5
10
15
20
25
30
012345
LATCH VOLTAGE [V]
Internal Pull-Up Current (BLANK pin)
0
5
10
15
20
25
30
01
2
345
BLANK VOLTAGE [V]
PWM Dimming on BLANK pin (f = 10kHz)
0
20
40
60
80
100
0
5
10
15
20
25
30
LED CURRENT [mA]
BLANK Transient Response


Similar Part No. - CAT4016VSR-T2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4016VSR-T2 CATALYST-CAT4016VSR-T2 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016VSR-T2 ONSEMI-CAT4016VSR-T2 Datasheet
293Kb / 15P
   16-Channel Constant Current LED Driver
Doc. No. MD-5028 Rev. D
CAT4016VSR-T2 ONSEMI-CAT4016VSR-T2 Datasheet
180Kb / 14P
   16-Channel Constant Current LED Driver
April, 2010 ??Rev. 4
More results

Similar Description - CAT4016VSR-T2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016 Datasheet
180Kb / 14P
   16-Channel Constant Current LED Driver
April, 2010 ??Rev. 4
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
   16-channel constant current LED driver
logo
LDT Co., Ltd
LD1018 LDT-LD1018 Datasheet
386Kb / 24P
   16 Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016W-T1 ONSEMI-CAT4016W-T1 Datasheet
293Kb / 15P
   16-Channel Constant Current LED Driver
Doc. No. MD-5028 Rev. D
logo
Marktech Corporate
TC62D776CFG MARKTECH-TC62D776CFG_15 Datasheet
525Kb / 33P
   16-Channel Constant-Current LED Driver
TC62D776CFNAG MARKTECH-TC62D776CFNAG_15 Datasheet
567Kb / 33P
   16-Channel Constant-Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016_15 Datasheet
121Kb / 14P
   16-Channel Constant Current LED Driver
July, 2015 ??Rev. 5
logo
LDT Co., Ltd
LD1016H LDT-LD1016H Datasheet
552Kb / 21P
   16 Channel Constant current LED Driver
logo
SHANGHAI BELLING CO., L...
BL8589 BELLING-BL8589 Datasheet
416Kb / 12P
   16-Channel Constant-Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com