Electronic Components Datasheet Search |
|
EM623FS16E70S Datasheet(PDF) 2 Page - Emerging Memory & Logic Solutions Inc |
|
EM623FS16E70S Datasheet(HTML) 2 Page - Emerging Memory & Logic Solutions Inc |
2 / 11 page EM620FV8B Series Low Power, 256Kx8 SRAM 2 FEATURES - Process Technology : 0.15 µm Full CMOS - Organization :256K x8 - Power Supply Voltage => EM620FV8B : 2.7~3.6V - Low Data Retention Voltage : 1.5V - Three state output and TTL Compatible - Packaged product designed for 45/55/70ns GENERAL PHYSICAL SPECIFICATIONS - Backside die surface of polished bare silicon - Typical Die Thickness = 725um +/-15um - Typical top-level metallization : => Metal (Ti/AlCu/TiN/ARC SiON/SiO2) : 5.2K Angstroms - Topside Passivation : => Passivation (HDP/pNIT/PIQ) : 5.4K Angstroms - Wafer diameter : 8 inch OPTIONS - C1/W1 : DC Probed Die/Wafer @ Hot Temp - C2/W2 : DC/AC Probed Die/Wafer @ Hot Temp 29 56 +(0.0) EM620FV8B (Dual C/S) 256K x8 Bit Low Power and Low Voltage CMOS Static RAM BONDING INSTRUCTIONS The 2M full CMOS SRAM die has total 56pads. Refer to the bond pad location and identification table for X, Y coordinates. EMLSI recommends using a bond wire on back side of die onto Vss bond pad for improved noise immunity. 28 1 x y EMLSI LOGO I/O Circuit Column Select Data Cont Pre-charge Circuit Memory Array 1024 x 2048 A1 A2 A3 A4 A5 A6 A7 A0 A8 A9 A10 A11 A12 A13 A14 A15 A16 WE OE CS1 I/O0 ~ I/O7 VCC VSS Control Logic CS2 A17 PAD DESCRIPTIONS Name Function Name Function CS1,CS2 Chip select inputs Vcc Power Supply OE Output Enable input Vss Ground WE Write Enable input NC No Connection A0~A17 Address Inputs I/O0~I/O7 Data Inputs/Outputs |
Similar Part No. - EM623FS16E70S |
|
Similar Description - EM623FS16E70S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |