Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST62T00C Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST62T00C
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, OSCILLATOR SAFEGUARD, SAFE RESET AND 16 PINS
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T00C Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST62T00C Datasheet HTML 4Page - STMicroelectronics ST62T00C Datasheet HTML 5Page - STMicroelectronics ST62T00C Datasheet HTML 6Page - STMicroelectronics ST62T00C Datasheet HTML 7Page - STMicroelectronics ST62T00C Datasheet HTML 8Page - STMicroelectronics ST62T00C Datasheet HTML 9Page - STMicroelectronics ST62T00C Datasheet HTML 10Page - STMicroelectronics ST62T00C Datasheet HTML 11Page - STMicroelectronics ST62T00C Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
8/70
ST62T00C/T01C ST62T03C/E01C
MEMORY MAP (Cont’d)
1.3.3 Data Space
Data Space accommodates all the data necessary
for processing the user program. This space com-
prises the RAM resource, the processor core and
peripheral registers, as well as read-only data
such as constants and look-up tables in OTP/
EPROM.
1.3.3.1 Data ROM
All read-only data is physically stored in program
memory, which also accommodates the Program
Space. The program memory consequently con-
tains the program code to be executed, as well as
the constants and look-up tables required by the
application.
The Data Space locations in which the different
constants and look-up tables are addressed by the
processor core may be thought of as a 64-byte
window through which it is possible to access the
read-only data stored in OTP/EPROM.
1.3.3.2 Data RAM
In ST6200C/01C/03C devices, the data space in-
cludes 60 bytes of RAM, the accumulator (A), the
indirect registers (X), (Y), the short direct registers
(V), (W), the I/O port registers, the peripheral data
and control registers, the interrupt option register
and the Data ROM Window register (DRW regis-
ter).
1.3.4 Stack Space
Stack space consists of six 12-bit registers which
are used to stack subroutine and interrupt return
addresses, as well as the current program counter
contents.
Table 1. ST6200C/01C/03C Data Memory Space
RESER VED
000h
03Fh
DATA ROM WINDOW AREA
64 BYTES
040h
07Fh
X REGISTER
080h
Y REGISTER
081h
V REGISTER
082h
W REGISTER
083h
DATA RAM 60 BYTES
084h
0BFh
PORT A DATA REGISTE R
0C0h
PORT B DATA REGISTE R
0C1h
RESER VED
0C2h
RESER VED
0C3h
PORT A DIRECTION REGISTE R
0C4h
PORT B DIRECTION REGISTE R
0C5h
RESER VED
0C6h
RESER VED
0C7h
INTERRUPT OPTION REGISTER
0C8h*
DATA ROM WINDOW REGISTER
0C9h*
RESER VED
0CAh
0CBh
PORT A OPTION REGISTER
0CCh
PORT B OPTION REGISTER
0CDh
RESER VED
0CEh
RESER VED
0CFh
A/D DATA REGIS TER(except ST62T03C)
0D0h
A/D CONTROL REGIS TER (except ST62T03C)
0D1h
TIMER PRESCALER REGISTER
0D2h
TIMER COUNTE R REGISTE R
0D3h
TIMER STATU S CONTRO L REGISTER
0D4h
RESER VED
0D5h
0D6h
0D7h
WATCH DOG REGISTER
0D8h
RESER VED
0D9h
0FEh
ACCUMULATOR
0FFh
* WRITE ONLY REGISTER
8


Similar Part No. - ST62T00C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST62T00C STMICROELECTRONICS-ST62T00C Datasheet
972Kb / 100P
   8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
ST62T00C STMICROELECTRONICS-ST62T00C Datasheet
98Kb / 2P
   GANG PROGRAMMERS FOR ST62 MCU FAMILY
ST62T00C6 STMICROELECTRONICS-ST62T00C6 Datasheet
972Kb / 100P
   8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
ST62T00C6 STMICROELECTRONICS-ST62T00C6 Datasheet
3Mb / 100P
   8-bit MCUs with A/D converter, two timers, oscillator safeguard & safe reset
ST62T00CB6 STMICROELECTRONICS-ST62T00CB6 Datasheet
3Mb / 100P
   8-bit MCUs with A/D converter two timers, oscillator safeguard & safe reset
More results

Similar Description - ST62T00C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST62T15C STMICROELECTRONICS-ST62T15C Datasheet
472Kb / 70P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, OSCILLATOR SAFEGUARD, SAFE RESET AND 28 PINS
ST62T08C STMICROELECTRONICS-ST62T08C Datasheet
735Kb / 70P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, OSCILLATOR SAFEGUARD, SAFE RESET AND 20 PINS
ST62T08C STMICROELECTRONICS-ST62T08C_99 Datasheet
472Kb / 70P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, OSCILLATOR SAFEGUARD, SAFE RESET AND 20 PINS
ST6208C STMICROELECTRONICS-ST6208C_10 Datasheet
1Mb / 104P
   8-bit MCUs with A/D converter,two timers, oscillator safeguard & safe reset
ST6215C STMICROELECTRONICS-ST6215C_09 Datasheet
1Mb / 105P
   8-bit MCUs with A/D converter, two timers, oscillator safeguard & safe reset
ST6200CM-AUTO STMICROELECTRONICS-ST6200CM-AUTO Datasheet
2Mb / 96P
   8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
ST62T00CM6 STMICROELECTRONICS-ST62T00CM6 Datasheet
3Mb / 100P
   8-bit MCUs with A/D converter, two timers, oscillator safeguard & safe reset
ST6200C STMICROELECTRONICS-ST6200C Datasheet
972Kb / 100P
   8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
ST6208C STMICROELECTRONICS-ST6208C Datasheet
1Mb / 104P
   8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
ST6215C STMICROELECTRONICS-ST6215C Datasheet
1Mb / 105P
   8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com