Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIM-5363K6F Datasheet(PDF) 6 Page - Unity Opto Technology

Part # MIM-5363K6F
Description  INFRARED RECEIVER MODULE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MIM-5363K6F Datasheet(HTML) 6 Page - Unity Opto Technology

  MIM-5363K6F Datasheet HTML 1Page - Unity Opto Technology MIM-5363K6F Datasheet HTML 2Page - Unity Opto Technology MIM-5363K6F Datasheet HTML 3Page - Unity Opto Technology MIM-5363K6F Datasheet HTML 4Page - Unity Opto Technology MIM-5363K6F Datasheet HTML 5Page - Unity Opto Technology MIM-5363K6F Datasheet HTML 6Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
INFRARED RECEIVER MODULE
MIM-5xx3K6F
Reliability
Test item
Test condition
Standard
High temparature
Ta=+80
oC
t=240H
Note 2.
High temp. & high humi.
Ta=+40
oC 90%RH
t=240H
Note 2.
Low temparature
Ta= -30
oC
t=240H
Note 2.
Temperature cycle
-30
oC(0.5H) ~ +80oC(0.5H) 20cycle
Note 2.
Dropping
Test devices shall be dropped 3 times naturally
Note 3.
onto hard wooden board from a 75cm height position.
NOTE 1. Distance between emitter & detector specifies maximum distance that output wave form satisfies
the standard under the conditions below against the standerd transmitter.
(1)Measuring place ………Indoor without extreme reflection of light.
(2)Ambient light source… Detecting surface illumination shall be 200±50Lux under ordinary
hite fluorescense lamp of no high frequency lighting.
(3)Standard transmitter … Burst wave indicated in Fig 1. of standard transmitter
shall be arranged to 50mVp-p under the measuring circuit specified in Fig 2.
NOTE 2. (electro-optical charactistics) shall be satisfied after leaving 2 hours in the normal temperature .
NOTE 3. (electro-optical charactistics) shall be satisfied and no conoid deforms
and destructions of appearance .(excepting deforms of terminals)
Inspection standard
1.Among electrical characteristics , total number shall be inspected on items blow.
1-1 front distance between emitter & detector
1-2 Current consumption
1-3 H level output voltage
1-4 L level output voltage
2.Items except above mentioned are not inspected particularly , but shall fully satisfy
CAUTION ( When use and storage of this device )
1.Store and use where there is no force causing transformation or change in quality .
2.Store and use where there is no corrosive gas or sea(salt) breeze .
3.Store and use where there is no extreme humidity .
4.Solder the lead-pin within the condition of ratings. After soldering do not add extra force .
5.Do not wash this device . Wipe the stains of diode side with a soft cloth. You can
use the solvent , ethylalcohol or methylalcohol or isupropylene only .
6.To prevent static electricity damage to the Pre-AMP make sure that the human body
, the soldering iron is connected to ground before using .
7.Put decoupling device between Vcc and GND for reduse the noise from power supply line .
8.The performance of remote-control system depends on environments condition and ability
of periferal parts. Customer should evaluate the performance as total system in those conditions
after system up with components such as commander , micon and this receiver module .
Others
1.This device is not design to endure radiative rays and heavily charged particles .
2.In case where any trouble or questions arise,both parties agress to make full discussion
covering the said problem .
REV: A1
12/09/2003
Unity Opto Technology Co., Ltd.
Unity Opto Technology Co., Ltd.


Similar Part No. - MIM-5363K6F

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MIM-5363K1 UOT-MIM-5363K1 Datasheet
105Kb / 6P
   INFRARED RECEIVER MODULE
MIM-5363K1F UOT-MIM-5363K1F Datasheet
223Kb / 6P
   INFRARED RECEIVER MODULE
MIM-5363K2 UOT-MIM-5363K2 Datasheet
111Kb / 6P
   INFRARED RECEIVER MODULE
MIM-5363K2F UOT-MIM-5363K2F Datasheet
108Kb / 6P
   INFRARED RECEIVER MODULE
MIM-5363K3F UOT-MIM-5363K3F Datasheet
236Kb / 6P
   INFRARED RECEIVER MODULE
More results

Similar Description - MIM-5363K6F

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BRM-1040-NS BRIGHT-BRM-1040-NS Datasheet
221Kb / 5P
   INFRARED RECEIVER MODULE
logo
Unity Opto Technology
MIM-5335S2F UOT-MIM-5335S2F Datasheet
233Kb / 6P
   INFRARED RECEIVER MODULE
logo
Everlight Electronics C...
IRM-36XXM3 EVERLIGHT-IRM-36XXM3 Datasheet
332Kb / 7P
   Infrared Receiver Module
logo
Unity Opto Technology
MIM-3337K1F UOT-MIM-3337K1F Datasheet
222Kb / 6P
   INFRARED RECEIVER MODULE
MIM-3337H2F UOT-MIM-3337H2F Datasheet
226Kb / 6P
   INFRARED RECEIVER MODULE
logo
List of Unclassifed Man...
PIC-1018SMB ETC-PIC-1018SMB Datasheet
204Kb / 3P
   INFRARED RECEIVER MODULE
logo
Unity Opto Technology
MIM-0KM2AKF UOT-MIM-0KM2AKF Datasheet
61Kb / 5P
   INFRARED RECEIVER MODULE
logo
Everlight Electronics C...
EAIRMCA1 EVERLIGHT-EAIRMCA1 Datasheet
472Kb / 8P
   Infrared Receiver Module
EAIRMDA1 EVERLIGHT-EAIRMDA1 Datasheet
416Kb / 8P
   Infrared Receiver Module
EAIRMGA0 EVERLIGHT-EAIRMGA0 Datasheet
634Kb / 11P
   Infrared Receiver Module
EAIRMAA3 EVERLIGHT-EAIRMAA3 Datasheet
379Kb / 8P
   Infrared Receiver Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com