Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MVL-671HTG-S Datasheet(PDF) 1 Page - Unity Opto Technology

Part # MVL-671HTG-S
Description  OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MVL-671HTG-S Datasheet(HTML) 1 Page - Unity Opto Technology

  MVL-671HTG-S Datasheet HTML 1Page - Unity Opto Technology MVL-671HTG-S Datasheet HTML 2Page - Unity Opto Technology MVL-671HTG-S Datasheet HTML 3Page - Unity Opto Technology MVL-671HTG-S Datasheet HTML 4Page - Unity Opto Technology MVL-671HTG-S Datasheet HTML 5Page - Unity Opto Technology MVL-671HTG-S Datasheet HTML 6Page - Unity Opto Technology MVL-671HTG-S Datasheet HTML 7Page - Unity Opto Technology MVL-671HTG-S Datasheet HTML 8Page - Unity Opto Technology MVL-671HTG-S Datasheet HTML 9Page - Unity Opto Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
12/27/2002
Description
These Precision Optical Performance oval LEDs are specifically designed for Full Color / Video and
Passenger Information signs.
High efficiency LED materials are used in these lamps:Aluminum Indium Gallium Phosphide (AlInGaP)
for red,amber and green, and Indium Gallium Nitride (InGaN) for true green and blue.
Designers can select parallel(where the axis of the leads is parallel to the wide axis of the oval radiation
pattern) or perpendicular orientation. Designers can also choose between lamps with or without standoffs.
Features
l
Smooth, Consistent Spatial Radiation Patterns
l
High Luminous Output
l
Emitting Colors :
632 nm Ultra Red
625 nm Red
605 nm Orange
590 nm Amber
573 nm Green
525 nm True Green
470 nm Blue
l
Superior Resistance to Moisture
l
Choice of Package Options
Benefits
l
Viewing Angle Designed for Wide Field of View Applications
l
Red, True Green, and Blue Radiation Patterns Matched for Full Color Signs
l
Superior Outdoor Environmental Performance
Applications
l
Full Color / Video Sings
l
Variable Message Signs
Passenger Information
Advertising
Time / Temperature
Unity Opto Technology Co., Ltd.
OVAL PRECISION
OPTICAL PERFORMANCE LED LAMPs
Technical Data
1


Similar Part No. - MVL-671HTG-S

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MVL-663BK-S UOT-MVL-663BK-S Datasheet
31Kb / 2P
   ELLIPSE (4.7X5.7) PACKAGE SOLID STATE LAMP
MVL-663SGK-S UOT-MVL-663SGK-S Datasheet
33Kb / 2P
   ELLIPSE (4.7 X5.7) PACKAGE SOLID STATE LAMP
MVL-663TGK-S UOT-MVL-663TGK-S Datasheet
32Kb / 2P
   ELLIPSE (4.7 X5.7) PACKAGE SOLID STATE LAMP
MVL-663TUOLK-S UOT-MVL-663TUOLK-S Datasheet
33Kb / 2P
   ELLIPSE (4.7 X 5.7) High Performance AllnGaP LED Lamps
MVL-663TUYLK-S UOT-MVL-663TUYLK-S Datasheet
32Kb / 2P
   ELLIPSE (4.7 X 5.7) High Performance AllnGaP LED Lamps
More results

Similar Description - MVL-671HTG-S

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-RG10 HP-HLMP-RG10 Datasheet
274Kb / 8P
   4 mm Oval Precision Optical Performance LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
HLMP-LB11 AVAGO-HLMP-LB11 Datasheet
369Kb / 8P
   4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
logo
Agilent(Hewlett-Packard...
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-ABXX HP-HLMP-ABXX Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
72Kb / 3P
   5 mm Precision Optical Performance Red Oval Plastic Lamps
HLMP-ED16-WZ0DD AVAGO-HLMP-ED16-WZ0DD Datasheet
342Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com