Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQDV37.5A Datasheet(PDF) 1 Page - Topstek Inc.

Part # TQDV37.5A
Description  Topstek Current Transducer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPSTEK [Topstek Inc.]
Direct Link  http://www.topstek.com
Logo TOPSTEK - Topstek Inc.

TQDV37.5A Datasheet(HTML) 1 Page - Topstek Inc.

  TQDV37.5A Datasheet HTML 1Page - Topstek Inc. TQDV37.5A Datasheet HTML 2Page - Topstek Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Topstek Current Transducer TQDV25A .. TQDV200A
- 100 -
www.topstek.com
TQDV
V080201
7/1/2008
Closed Loop Current Transducers
TQDV25A ~150A
Features
iHighly reliable Closed Loop Hall Effect device
iOpen Loop CT voltage output format: 4V out at nominal input
iCompact and light weight
iFast response time
iExcellent linearity of the output voltage over a wide input range
iExcellent frequency response (> 150 kHz)
iLow power consumption at quiescent state (10 mA nominal)
iCapable of measuring both DC and AC, both pulsed and mixed
iHigh isolation voltage between the measuring circuit and the
current-carrying conductor (AC2.5KV)
iExtended operating temperature range
iFlame-Retardant plastic case and silicone encapsulant, using UL
classified materials, ensures protection against environmental
contaminants and vibration over a wide temperature and
humidity range
Applications
iUPS systems
iIndustrial robots
iNC tooling machines
iElevator controllers
iProcess control devices
iAC and DC servo systems
iMotor speed controller
iElectrical vehicle controllers
iInverter-controlled welding machines
iGeneral and special purpose inverters
iPower supply for laser processing machines
iController for traction equipment eg. electric trains
iOther automatic control systems
Specifications
Parameter
Symbol
Unit
TQDV
25A
TQDV
37.5A
TQDV
50A
TQDV
75A
TQDV
100A
TQDV
125A
Nominal Input Current
Ifn
A DC
±25
±37.5
±50
±75
±100
±125
Linear Range
Ifs
A DC
±63
±94
±125
±188
±250
±313
Secondary Coil Current
IS
A
If /1000
If /2000
Consumption Current@ If=Ifn
ICC
mA
35
50
60
48
60
72
Nominal Output Voltage
Vhn
V
±4 V±1% at If=Ifn ( RL=10k) , Ta=25°C
Supply Voltage Range
VCC/VEE
V
±15V ±5%
Offset Voltage
Vos
mV
Within ±40 mV @ If=0, Ta=25°C
Output Resistance
ROUT
<100(50 nominal)
Hysteresis Error
Voh
mV
Within ±35 mV @ If=Ifn
0
Linearity
%
Within ±0.2% of Ifn
Response Time (90%Vhn)
Tr
Psec
3
Psec max. @ d If /dt = Ipn / Psec
Frequency Bandwidth (-3dB)
fBW
Hz
DC to 150kHz
Thermal Drift of Output
-
%/°C
Within ±0.02 %/°C @ Ifn
Thermal Drift of
Zero Current Offset
-
mV/°C
Within
±1.5 mV/°C @ Ifn
Dielectric Strength
-
V
AC2.5KV X 60 sec
Isolation Resistance
@ 1000 VDC
RIS
M
>1000 M
Operating Temperature
Ta
°C
-40°C to 80°C
Storage Temperature
Ts
°C
-40°C to 85°C
Mass
W
g
28 g


Similar Part No. - TQDV37.5A

ManufacturerPart #DatasheetDescription
logo
Power-One
TQD080Z2.0-A POWER-ONE-TQD080Z2.0-A Datasheet
118Kb / 3P
   DUAL OUTPUT, 100 WATT
TQD085ZED-A POWER-ONE-TQD085ZED-A Datasheet
118Kb / 3P
   DUAL OUTPUT, 100 WATT
TQD100YGE POWER-ONE-TQD100YGE Datasheet
118Kb / 3P
   DUAL OUTPUT, 100 WATT
TQD100YGE-A POWER-ONE-TQD100YGE-A Datasheet
118Kb / 3P
   DUAL OUTPUT, 100 WATT
TQD100ZGE-A POWER-ONE-TQD100ZGE-A Datasheet
118Kb / 3P
   DUAL OUTPUT, 100 WATT
More results

Similar Description - TQDV37.5A

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
THP5A TOPSTEK-THP5A Datasheet
105Kb / 2P
   Topstek Current Transducer
TGD3A TOPSTEK-TGD3A Datasheet
93Kb / 2P
   Topstek Current Transducer
TQH5A TOPSTEK-TQH5A Datasheet
86Kb / 2P
   Topstek Current Transducer
TQE-T5 TOPSTEK-TQE-T5 Datasheet
151Kb / 2P
   Topstek Current Transducer
TMC200A TOPSTEK-TMC200A Datasheet
124Kb / 2P
   Topstek Current Transducer
TMBH100A TOPSTEK-TMBH100A Datasheet
125Kb / 2P
   Topstek Current Transducer
TKP3A TOPSTEK-TKP3A Datasheet
83Kb / 2P
   Topstek Current Transducer
THDD5A TOPSTEK-THDD5A Datasheet
92Kb / 2P
   Topstek Current Transducer
TC5A TOPSTEK-TC5A Datasheet
154Kb / 4P
   Topstek Current Transducer
TA5A4V TOPSTEK-TA5A4V Datasheet
175Kb / 4P
   Topstek Current Transducer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com