Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT6219-125TD-GT3 Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT6219-125TD-GT3
Description  500mA CMOS LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT6219-125TD-GT3 Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT6219-125TD-GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT6219-125TD-GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT6219-125TD-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT6219-125TD-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT6219-125TD-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT6219-125TD-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT6219-125TD-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT6219-125TD-GT3 Datasheet HTML 9Page - Catalyst Semiconductor CAT6219-125TD-GT3 Datasheet HTML 10Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CAT6219
© Catalyst Semiconductor, Inc.
7
Doc. No. MD-10009 Rev. D
Characteristics subject to change without notice
PACKAGE OUTLINE DRAWINGS
TSOT-23 5-Lead (TD)
(1)(2)
θ
E1
E
A2
A1
e
b
D
c
A
TOP VIEW
SIDE VIEW
END VIEW
L1
L
L2
SYMBOL
MIN
NOM
MAX
A1.00
A1
0.01
0.05
0.10
A2
0.80
0.87
0.90
b0.30
0.45
c
0.12
0.15
0.20
D
2.90 BSC
E
2.80 BSC
E1
1.60 BSC
e0.95 TYP
L
0.30
0.40
0.50
L1
0.60 REF
L2
0.25 BSC
θ
Notes:
(1) All dimensions are in millimeters. Angles in degrees.
(2) Complies with JEDEC standard MO-193.
For current Tape and Reel information, download the PDF file from:
http://www.catsemi.com/documents/tapeandreel.pdf.


Similar Part No. - CAT6219-125TD-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6219-125TDGT3 ONSEMI-CAT6219-125TDGT3 Datasheet
179Kb / 9P
   500 mA CMOS LDO Regulator
February, 2010 ??Rev. 9
CAT6219-125TDGT3 ONSEMI-CAT6219-125TDGT3 Datasheet
185Kb / 11P
   500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
More results

Similar Description - CAT6219-125TD-GT3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CYT6118 ETC2-CYT6118 Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219 Datasheet
297Kb / 10P
   500mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5218 SEAWARD-SE5218_16 Datasheet
233Kb / 7P
   500mA CMOS LDO Voltage Regulator
logo
Rohm
BU12TH5WNVX-1 ROHM-BU12TH5WNVX-1 Datasheet
2Mb / 24P
   FULL CMOS LDO Regulator (500mA)
logo
Seaward Electronics Inc...
SE5218 SEAWARD-SE5218 Datasheet
181Kb / 7P
   500mA CMOS LDO Voltage Regulator
logo
List of Unclassifed Man...
GS2905 ETC1-GS2905 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119 Datasheet
192Kb / 6P
   500mA CMOS LDO Linear Regulator
logo
Analog Microelectronics
AME8753 AME-AME8753 Datasheet
220Kb / 11P
   Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
   500mA Low Noise CMOS LDO Regulator
logo
ON Semiconductor
NCP605 ONSEMI-NCP605_13 Datasheet
137Kb / 13P
   500mA, Low IGND, CMOS LDO Regulator
January, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com